PART |
Description |
Maker |
LBS42601 |
426MHz SAW Filter 6.56MHz Bandwidth
|
SIPAT Co,Ltd
|
AFS1842.5S4 |
FILTER SAW 1842.500MHZ SMD 1 FUNCTIONS, 1842.5 MHz, SAW FILTER SMD 1842.5MHz SAW FILTER
|
Abracon, Corp. Abracon Corporation
|
AL1000-M5 AW1000-M5 AR5060-06 AW1000-M5D AR2000-01 |
锛?ILTER 1锛??锛?/span> "FILTER 1/4"" "FILTER 3/4"" "FILTER 1/8"" "FILTER 1/2"" "FILTER 3/8"" Microprocessor-Controlled Battery Management System "FILTER 1"" FILTER M5 BRACKET 5000/6000 FILTER REGULATOR 1/4 FILTER REGULATOR 1/2 FILTER REGULATOR 1/8 FILTER REGULATOR 3/8 "REGULATOR 1"" "REGULATOR 3/8"" LUBRICATOR 3/8 LUBRICATOR 1/8 Dual 2-Phase, No RSENSE DC/DC Controller with Output Tracking; Package: QFN; No of Pins: 24; Temperature Range: -40°C to 125°C "REGULATOR 1/2"" "REGULATOR 1/8"" "REGULATOR 3/4"" FILTER REGULATOR M5 LUBRICATOR M5 锛?EGULATOR 3/8锛??锛?/span>
|
|
TA0292A |
SAW Filter 1220MHz SMD 3.0隆驴3.0 mm SAW Filter 1220MHz SMD 3.0×3.0 mm
|
TAI-SAW TECHNOLOGY CO., LTD.
|
TB0729A |
SAW Filter 480MHz (SMD 5.0隆驴5.0 mm) SAW Filter 480MHz (SMD 5.0×5.0 mm)
|
TAI-SAW TECHNOLOGY CO., LTD.
|
TB0746A |
SAW Filter 140MHz (SMD 13.3隆驴6.5x1.65 mm) SAW Filter 140MHz (SMD 13.3×6.5x1.65 mm)
|
TAI-SAW TECHNOLOGY CO., LTD.
|
TA0566A |
SAW Filter 1330MHz SMD 3.0隆驴3.0mm SAW Filter 1330MHz SMD 3.0×3.0mm
|
TAI-SAW TECHNOLOGY CO., LTD.
|
TA0326A |
SAW Filter 611MHz SMD 9.1隆驴7.1mm SAW Filter 611MHz SMD 9.1×7.1mm
|
TAI-SAW TECHNOLOGY CO., LTD.
|
TB0400A |
480 MHz IF SAW Filter (SMD 7.0隆驴5.0 mm) 480 MHz IF SAW Filter (SMD 7.0×5.0 mm)
|
TAI-SAW TECHNOLOGY CO., LTD.
|
TA0451A |
SAW Filter 808MHz SMD 3.8隆驴3.8mm SAW Filter 808MHz SMD 3.8×3.8mm
|
TAI-SAW TECHNOLOGY CO., LTD.
|