PART |
Description |
Maker |
SPB-4840BLG SPB-4840LG |
1270 nm TX / 1330 nm RX , 8.5 Gbps 1-Fiber SMLC SFP Transceiver
|
Optoway Technology Inc
|
SPB-4810BLG SPB-4810LG |
1270 nm TX / 1330 nm RX , 8.5 Gbps 1-Fiber SMLC SFP Transceiver
|
http:// Optoway Technology Inc
|
XPB-2920LWG XPB-2920BLWG |
1330 nm TX / 1270 nm RX , 10.3 Gbps 1-Fiber Single-Mode LC XFP Transceiver
|
http://
|
XPB-4910BLWG XPB-4910LWG |
1330 nm TX / 1270 nm RX , 8.5 Gbps 1-Fiber Single-Mode LC XFP Transceiver
|
http:// Optoway Technology Inc
|
XPB-4810LWG |
1270 nm TX/ 1330 nm RX 8.5 Gbps 1-Fiber Single-Mode LC XFP Transceiver
|
Optoway Technology
|
SPB-4820BLWG SPB-4820LWG |
1270 nm TX / 1330 nm RX , 8.5 Gbps Digital Diagnostic 1-Fiber SM LC SFP Transceiver
|
Optoway Technology Inc
|
SPB-4910BLWG SPB-4910LWG |
1330 nm TX / 1270 nm RX , 8.5 Gbps Digital Diagnostic 1-Fiber SM LC SFP Transceiver
|
http:// Optoway Technology Inc
|
XPB-4820BLWG XPB-4820LWG |
1270 nm TX / 1330 nm RX , 8.5 Gbps 1-Fiber Single-Mode LC XFP Transceiver
|
Optoway Technology Inc
|
SPB-4840RLWG SPB-4840ARLWG SPB-4840BRLWG |
6.144 Gbps / 1270 nm TX / 1330 nm RX / 40 km Digital DiagnosticMulti-Rate CPRI SMSFP
|
Optoway Technology Inc
|
PA431806 PA432406 PA4306 PA431606 PA432006 PA43220 |
M24308/2-9F POW-R-BLOK AC Switch SCR Isolated Module (1330 Amps RMS/ Up to 2400 Volts) POW-R-BLOK AC Switch SCR Isolated Module (1330 Amps RMS Up to 2400 Volts) POW-R-BLOK AC Switch SCR Isolated Module (1330 Amps RMS, Up to 2400 Volts)
|
POWEREX INC POWEREX[Powerex Power Semiconductors]
|
TEA1723DT |
HV start-up flyback controller with integrated MOSFET for 11 W applications, 1270 Hz burst frequency HV start-up flyback controller with integrated MOSFET for 11 W applications, f~burst = 1270 Hz
|
NXP Semiconductors
|
YSS241F |
MAX II CPLD 1270 LE 256-MBGA 消费性IC
|
SIEMENS AG
|