PART |
Description |
Maker |
LNJ906W5BRX |
Circular Connector; Body Material:Aluminum; Series:PT07; No. of Contacts:11; Connector Shell Size:18; Connecting Termination:Solder; Circular Shell Style:Jam Nut Receptacle; Circular Contact Gender:Pin; Insert Arrangement:18-11 Blue S-J Type
|
Panasonic Corporation PANASONIC[Panasonic Semiconductor]
|
ADP1110 ADP1110AN ADP1110AN-12 ADP1110AN-33 ADP111 |
Micropower/ Step-Up/Step-Down Switching Regulator; Adjustable and Fixed 3.3 V/ 5 V/ 12 V Top Entry Connector Hood; Enclosure Material:Aluminum Alloy; For Use With:C146 Rectangular Circular Connectors; Thread Size:PG 29; Connecting Termination:Screw; Gender:Male; No. of Contacts:48; Operating Voltage:400V; Series:C-146 RoHS Compliant: Yes Circular Connector Cable Assembly; Connector Type A:Circular Receptacle; Connector Type B:Stripped End Leads; Cable Length:10ft RoHS Compliant: Yes Circular Connector Cable Assembly; Connector Type A:Circular Plug; Connector Type B:Stripped End Leads; Cable Length:10ft RoHS Compliant: Yes Micropower, Step-Up/Step-Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V 1.5 A SWITCHING REGULATOR, 90 kHz SWITCHING FREQ-MAX, PDIP8
|
Analog Devices, Inc. ANALOG DEVICES INC
|
SPR-39MVW SPR-39 |
Dual-Color Type 3.1 Circular Type LED Lamps Complete Temperature Monitoring System; Package: SOT-23; No of Pins: 5; Temperature Range: Industrial 双颜色型.1环型LED灯具 Dual-Color Type 3.1 Circular Type LED Lamps 双颜色型3.1环型LED灯具
|
ROHM[Rohm] Rohm Co., Ltd.
|
SLI-570YT SLI-570 SLI-570DT SLI-570UT |
High Brightness Type 5.0 Circular Type LED Lamps <Mid Focus Type 2 1/2:25> High Brightness Type 5.0 Circular Type LED Lamps
|
Rohm CO.,LTD. ROHM[Rohm]
|
SLA-570MT SLA-570 SLA-570LT |
High Brightness Type 5.0 Circular Type LED Lamps
|
Rohm CO.,LTD. ROHM[Rohm]
|
PS12014-A |
Circular Connector; MIL SPEC:MIL-C-26482, Series I; Body Material:Aluminum Alloy; Series:MS3124; No. of Contacts:12; Connector Shell Size:14; Connecting Termination:Crimp; Circular Shell Style:Jam Nut Receptacle RoHS Compliant: No FLAT-BASE TYPE INSULATED TYPE Acoustic noise-less 0.75kW/AC400V Class 3 Phase inverter and other motor control applications
|
POWEREX[Powerex Power Semiconductors] Mitsubishi Electric Semiconductor
|
SLR-342YY SLR-342 SLR-342DC SLR-342DU SLR-342MC SL |
3.1(T-1) Circular Type Standard Type
|
ROHM[Rohm]
|
SLI-343DC SLI-343URC3FWT |
3.1(T-1) Circular Type High Brightness Type
|
Rohm
|
SLI-343D8C SLI-343Y8C SLI-343Y8Y SLI-343D8U SLI-34 |
3.1(T-1) Circular Type Standard Type
|
Rohm
|
CLV0730A |
Circular Connector; No. of Contacts:19; Series:; Body Material:Aluminum; Connector Shell Size:14; Circular Contact Gender:Pin; Circular Shell Style:Right Angle Plug; Insert Arrangement:14-19 VOLTAGE CONTROLLED OSCILLATOR
|
Z-Communications, Inc.
|
ADP3810AR-168 ADP3810AR-42 ADP3810AR-84 ADP3810 AD |
Secondary Side, Off-Line Battery Charger Controllers Programmable Secondary Side, Off-Line Battery Charger Controller - Programmed Circular Connector Cable Assembly; Connector Type A:Circular Receptacle; Connector Type B:Stripped End Leads; Cable Length:10ft RoHS Compliant: Yes Secondary Side/ Off-Line Battery Charger Controllers
|
Analog Devices, Inc.
|
MH8V7245BAZTJ-5 |
Circular Connector; No. of Contacts:5; Series:; Body Material:Aluminum; Connecting Termination:Solder; Connector Shell Size:14; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:14-5
|
Mitsubishi Electric Corporation
|