PART |
Description |
Maker |
RDS16-432 RDS10-412 RDS10-422 RDS10-432 RDS16-412 |
Knob Type Rotary DIP Code Switches
|
Purdy Electronics Corporation Purdy Electronics Corpo...
|
020-4410 020-4420 020-6520 020-3220 020-3320 020-2 |
KNOB GREY DREHKNOPF SCHWARZ KNOPFDM 21.0 DREHKNOPF SCHWARZ KNOPFDM 36.0 Preset/Adjustable Output CMOS Inverting Switching Regulators KNOB BLACK DREHKNOPF SCHWARZ KNOPFDM 14.5 DREHKNOPF SCHWARZ KNOPFDM 28.0 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 抗辐射高效,5安培开关稳压器
|
International Rectifier, Corp.
|
3001-06 |
KNOB
|
List of Unclassifed Man...
|
3003-13 |
KNOB
|
List of Unclassifed Man...
|
P16S |
Knob Potentiometer with Switch
|
Vishay Siliconix
|
03480009Z 03480007Z 03480005Z 03480001Z |
LOW PROFILE KNOB ASSY
|
Littelfuse
|
MAX991 MAX991ESA MAX991EUA MAX992 MAX992ESA MAX992 |
High-Speed / Micropower / Low-Voltage / SOT23 / Rail-to-Rail I/O Comparators Wirewound Potentiometer; Series:LW; Track Resistance:1ohm; Resistance Tolerance: /- 10%; Power Rating:5W; Operating Temperature Range:-30 C to 105 C; Resistor Element Material:Wirewound; Adjustment Type:Knob; No. of Turns:1 RoHS Compliant: Yes Wirewound Potentiometer; Series:LW; Track Resistance:50ohm; Resistance Tolerance: /-10%; Power Rating:5W; Operating Temperature Range:-30 C to 105 C; Resistor Element Material:Wirewound; Adjustment Type:Knob; No. of Turns:1 RoHS Compliant: Yes High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators High-Speed, Micropower, Low-Voltage,SOT23, Rail-to-Rail I/O Comparators
|
Maxim Integrated Produc... MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
PPS-125-27 PPS-125-13.5 PPS-125-12 PPS-125-5 PPT-1 |
PLUG,DC,PWR,FEM,2.1x5.5x9.0MM 4.1x12MM STRAIN RELIEF,WHITE KNOB,1/4"SHAFT,13MM,CR-MS-5C5, GREY,FOR KNURLED SHAFT 125瓦单输出带PFC功能 125W Single Output with PFC Function 125瓦单输出带PFC功能 CABLE,RCA,MALE TO MALE,4-FT, YELLOW PLUG 125瓦单输出带PFC功能
|
Astrodyne, Inc.
|
AMS2954 AMS2954CT-X AMS2954AC-25 AMS2954AC-30 AMS2 |
5.0V 250mA low dropout voltage regulator 2.5V 250mA low dropout voltage regulator ; Resistance Min:1000ohm; Resistance Tolerance: /- 2 %; Series:JHE; Adjustment Type:Knob; Axis Configuration:Three; Body Height:4.97cm; Body Length:16.9cm; Body Width:15.6cm; Mechanical Angle/Rotation:18 Octal Non-Inverting Bus Transceivers with 3-State Outputs 20-SOIC -55 to 125 24-Bit ADC, 4 Ch, PGA 1:128, 50/60 Hz Notch, 0.6 mW Power Consumption 16-TSSOP -40 to 85 Octal Non-Inverting Bus Transceivers with 3-State Outputs 20-PDIP -55 to 125 Octal Non-Inverting Buffers/Line Drivers with 3-State Outputs 20-SSOP -55 to 125 250mA LOW DROPOUT VOLTAGE REGULATOR 250mA的低压差稳压 3.5V 250mA low dropout voltage regulator
|
ADMOS[Advanced Monolithic Systems] Advanced Monolithic Systems, Inc. Advanced Monolithic Sys...
|
SLA-570MT SLA-570 SLA-570LT |
High Brightness Type 5.0 Circular Type LED Lamps
|
Rohm CO.,LTD. ROHM[Rohm]
|
535034-5 |
Eurocard Type C and Enhanced Type C Connectors .100 Centerline - 3 Row; 048 EURO TYPE C RECEPT AP ASSY ( AMP )
|
Tyco Electronics
|