PART |
Description |
Maker |
PMBT3946YPN |
40 V, 200 mA NPN/PNP general-purpose double transistor 40 V, 200 mA NPN-PNP general-purpose double transistor 200 mA, 40 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|
LT1105 LT1103 LT1103C LT1105C LT1105I LT1103CT7 |
4-Bit Synchronous Up/Down Binary Counters 16-SOIC 0 to 70 Offline Switching Regulator RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS SWITCHING CONTROLLER, 200 kHz SWITCHING FREQ-MAX, PZFM7
|
Linear Technology Corporation Linear Technology, Corp.
|
CSB772P CSB772R CSB772 CSB772E CSB772Q |
10.000W Medium Power PNP Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 60 - 400 hFE. Complementary CSD882 10.000W Medium Power PNP Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 200 - 400 hFE. Complementary CSD882E 10.000W Medium Power PNP Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 60 - 120 hFE. Complementary CSD882R 10.000W Medium Power PNP Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 100 - 200 hFE. Complementary CSD882Q 10.000W Medium Power PNP Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 160 - 320 hFE. Complementary CSD882P Audio Frequency Power Amplifier and Low Speed Switching
|
CDIL[Continental Device India Limited]
|
MMBTA92LT1_D ON2140 MMBTA93LT1 |
High Voltage Transistors(PNP Silicon) 50 mA, 200 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236 From old datasheet system *Motorola Preferred Device
|
ON Semiconductor
|
CSA1013 CSC2383 CSC2383O CSC2383R CSC2383Y CSA1013 |
0.900W General Purpose PNP Plastic Leaded Transistor. 160V Vceo, 1.000A Ic, 100 - 200 hFE PNP/NPN COMPLEMENTARY PLANAR SILICON TRANSISTORS
|
Continental Device India Limited Continental Device Indi...
|
2N3906-AP |
TRANSISTOR PNP GP 40V TO92 200 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Micro Commercial Components, Corp.
|
LTC1174CN8-3.3 LTC1174CN8-5 LTC1174-3.3 LTC1174HVC |
High Efficiency Step-Down and Inverting DC/DC Converter 1 A SWITCHING REGULATOR, 200 kHz SWITCHING FREQ-MAX, PDSO8
|
Linear Technology, Corp. http://
|
LX1663 LX1663ACD LX1663ACN LX1662A LX1662ACD LX166 |
SINGLE-CHIP PROGRAMMABLE PWM CONTROLLERS WITH 5-BIT DAC 1.5 A SWITCHING CONTROLLER, 200 kHz SWITCHING FREQ-MAX, PDIP16
|
MICROSEMI[Microsemi Corporation]
|
CMNT3904E CMNT3906E CMNT3906EBK CMNT3904ETR |
COMPLEMENTARY FEMTOminiTM SILICON TRANSISTORS 200 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR 200 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Central Semiconductor Corp
|
SFT503/GR SFT501/G SFT501/GR |
5 AMP 200 VOLTS PNP HIGH SPEED POWER TRANSISTOR 5 A, 150 V, PNP, Si, POWER TRANSISTOR
|
Solid States Devices, Inc. Solid State Devices, Inc.
|
FZT956TA UFZT956TA |
2 A, 200 V, PNP, Si, POWER TRANSISTOR
|
Diodes, Inc. Zetex Semiconductor PLC
|