PART |
Description |
Maker |
HDSP-513Y-LL000 5082-511A-00000 5082-511A-0H000 50 |
14.22 mm (0.56 inch) General Purpose Seven-Segment Display 14.22毫米.56英寸)通用七段显示 Multichannel Remote/Local Temperature Sensors 16-Bit Voltage-Output DAC in SO-8 Package; Package: SOIC; No of Pins: 8; Temperature Range: Commercial True Accuracy, 16-Bit ±12 V/±15 V, Serial Input Voltage Output D/A Converter; Package: SSOP; No of Pins: 16; Temperature Range: Industrial True Accuracy, 16-Bit ±12 V/±15 V, Serial Input Voltage Output D/A Converter; Package: EVALUATION BOARDS; No of Pins: -; Temperature Range: TBD Low Profile Power Relay, 1 Form C, 16A 250VAC, Class F Coil HDSP-511A · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511E · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511G · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511Y · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513A · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513E · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513G · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513Y · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display
|
ITT, Corp. HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard) Agilent(Hewlett-Packard...
|
LTS-3403LP LTS3403LP |
The LTS-3403LP is a 0.8 inch (20.32 mm) digit height single digit seven-segment display The LTS-3403LP is a 0.8 inch (20.32 mm) digit height single digit seven-segment display SEVEN-SEGMENT NUMERIC LED DISPLAY
|
LITEON[Lite-On Technology Corporation] LITE-ON Electronics 光宝科技股份有限公司
|
LTS-312AG |
The LTS-312AG is a 0.3-inch (7.62-mm) digit height single digit seven-segment display
|
Lite-On Technology Corporation
|
LTS-4301E |
0.4 inch (10.0mm) digit height single digit, seven-segment display
|
光宝科技股份有限公司 Lite-On Technology Corporation
|
PDT56-CCDR22 PDT56-CADR22 |
Single Digit 7 Segment 0.56隆卤 Display Single Digit 7 Segment 0.56?/a> Display
|
P-tec Corporation
|
PD16-CADY01 PD16-CCDY01 |
Single Digit 7 Segment 0.56隆卤 Display Single Digit 7 Segment 0.56?/a> Display
|
P-tec Corporation
|
PD07-CADR24 PD07-CCDR24 |
Single Digit 7 Segment 0.39隆卤 Display Single Digit 7 Segment 0.39 Display
|
P-tec Corporation
|
PDT56A-CADW04 PDT56A-CCDW04 |
Single Digit 7 Segment 0.56 Display Single Digit 7 Segment 0.56隆卤 Display
|
P-tec Corporation
|