PART |
Description |
Maker |
AT91SAM7S128 AT91SAM7S128-AI AT91SAM7S12804 |
Atmels AT91SAM7S128 is a member of a series of low pincount Flash microcontrollers based on the 32-bit ARM RISC processor. ... THUMB BASED MICROCONTROLLERS AT91 ARM Thumb-based Microcontrollers
|
ATMEL Corporation
|
MC9S08AW60CFUE S9S08AW16 S9S08AW60 MC9S08AW60CPUE |
8-Bit HCS08 Central Processor Unit (CPU) Microcontrollers MC9S08AW60 Features Microcontrollers
|
Freescale Semiconductor, In... Freescale Semiconductor, Inc Freescale Semiconductor...
|
SAF-C508-4RM SAF-C508-4EMAA |
8-Bit Microcontrollers - 32-KBytes ROM, -40/85 degC 8-Bit Microcontrollers - OTP
|
Infineon
|
PIC18FXXXX PIC18LF8722-E_PT PIC18F6627 PIC18F6722 |
(PIC18Fxx2x) Enhanced Flash Microcontrollers 64/80-PIN 1-MBIT ENHANCED FLASH MICROCONTROLLERS WITH 10-BIT A/D AND NANOWATT TECHNOLOGY
|
MICROCHIP[Microchip Technology]
|
S9S12XS256J0CAL MC9S12XS64 |
Microcontrollers HCS12 Microcontrollers
|
Freescale Semiconductor, Inc Freescale Semiconductor...
|
SAF-XC164CS-16F20FAD SAF-XC164CS-16F40FAD SAF-XC16 |
16-Bit Microcontrollers - 128 K Flash, 6 K RAM, -40..85C, 20MHz 16-Bit Microcontrollers - 128 K Flash, 6 K RAM, -40..85C, 40MHz 16-Bit Microcontrollers - 128 K ROM, 6 K RAM, -40..85C 16-Bit Microcontrollers - 64 K Flash, 6 K RAM, -40..85C, 20MHz 16-Bit Microcontrollers - 64 K Flash, 6 K RAM, -40..85C, 40MHz 16-Bit Microcontrollers - 128 K Flash, 6 K RAM, -40..125C, 20MHz 16-Bit Microcontrollers - 128 K Flash, 6 K RAM, -40..125C, 40MHz 16-Bit Microcontrollers - 128 K ROM, 6 K RAM, -40..125C 16-Bit Microcontrollers - 64 K Flash, 6 K RAM, -40..125C, 20MHz 16-Bit Microcontrollers - 64 K Flash, 6 K RAM, -40..125C, 40MHz New enhanced 16 Bit C166S V2 Architecture
|
Infineon
|
AT91SAM7X128-AU AT91SAM7X512-CU AT91SAM7X512-AU AT |
AT91 ARM Thumb-based Microcontrollers 32-BIT, FLASH, 55 MHz, RISC MICROCONTROLLER, PBGA100 AT91 ARM Thumb-based Microcontrollers AT91上ARM的拇指型微控制器
|
Atmel Corp. Atmel, Corp.
|
C505CAROM/ROMLESSTYPES SAK-C505A-2RM SAB-C505A-4RM |
8-bit Microcontroller with Complete CAN Capability 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with mask-programmable ROM (20MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with OTP memory (20MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with mask-programmable ROM, with CAN (20MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with mask-programmable ROM, with CAN (16MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with OTP memory, with CAN (20MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller for external memory, with CAN (20MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with OTP memory, with CAN (16MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller for external memory, with CAN (16MHz)
|
Infineon
|
AT91SAM7S128-AI ATMELCORP.-AT91SAM7S128-AI |
THUMB BASED MICROCONTROLLERS AT91 ARM Thumb-based Microcontrollers
|
Atmel Corp. ATMEL Corporation
|
LC66358S LC66556A LC665312A LC66P5316 LC662304A LC |
Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 6k and 8k of On-Chip ROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
|
SANYO[Sanyo Semicon Device]
|
PIC24HJ128GP206A PIC24HJ128GP310A PIC24HJ128GP210A |
16-bit Microcontrollers (up to 256 KB Flash and 16 KB SRAM) with Advanced Analog 16-bit Microcontrollers with Advanced Analog
|
Microchip Technology
|
MCP1624-I_CH MCP1623T-I_CH MCP1624T-I_CH MCP1624T- |
Low-Voltage Input Boost Regulator for PIC? Microcontrollers Low-Voltage Input Boost Regulator for PIC庐 Microcontrollers Low-Voltage Input Boost Regulator for PIC垄莽 Microcontrollers
|
Microchip Technology
|