PART |
Description |
Maker |
M37225ECSP |
SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
|
Renesas Electronics Corporation
|
M38503E4SS M38503MXH M37516RSS M38504E6FP M38504E6 |
RAM size:768 bytes; single-chip 8-bit CMOS microcomputer RAM size:896 bytes; single-chip 8-bit CMOS microcomputer RAM size:192 bytes; single-chip 8-bit CMOS microcomputer RAM size:256 bytes; single-chip 8-bit CMOS microcomputer Single Chip 8-Bit CMOS Microcomputer 3850 Series Microcontrollers: General Purpose with A/D Converter RAM size:1536 bytes; single-chip 8-bit CMOS microcomputer RAM size:640 bytes; single-chip 8-bit CMOS microcomputer RAM size:384 bytes; single-chip 8-bit CMOS microcomputer RAM size:512 bytes; single-chip 8-bit CMOS microcomputer RAM size:1024 bytes; single-chip 8-bit CMOS microcomputer RAM size:2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
HD614086H HD614081 HD614089 HD614029S HD614046S HD |
8192-word x 10-bit ROM ; -0.3 to 7.0V; 50-150mA; CMOS 4-bit single-chip microcomputer (HD6140xx) CMOS 4-Bit Microcomputers CMOS 4 BIT SINGLE CHIP MICROCOMPUTER CMOS 4 Bit Single-Chip Microcomputers
|
Hitachi Semiconductor Renesas
|
78012F 78P0914 780001 780018Y 780024 780024Y 78003 |
Common to 78K/0 Series 8-bit CMOS single-chip microcontroller 52-pin 8-bit single-chip microcontroller(78K0/KD1) 78K/0 series 8-bit microcomputer with incorporated UART 78K/0 series multi-master IIC built-in 8-bit microcomputer 20-pin 8-bit single-chip microcontroller 8-bit controller with built-in IE/DCAN bus controller 78K/0 Series 8-bit single-chip microcontroller 44-pin 8-bit single-chip microcontroller(78K0/KC1) 8-bit DTS controller with OSD controller 8-bit DTS controller with onboard OSD controller 8-bit CMOS single-chip microcomputer 8-bit microcontroller with controller driver for automobile motors 8-bit single-chip microcontroller 78K/0 series 30-pin 8-bit single-chip microcontroller(78K0/KB1) 64-pin 8-bit single-chip microcontroller(78K0/KE1) 80-pin 8-bit single-chip microcontroller(78K0/KF1) VFD driver built-in 8-bit single-chip microcomputer 8-bit single-chip microcomputer with built-in VFD driver 8-bit micro-controller with built-in J1850(Class 2) controller 8-bit microcontroller with built-in control driver for automotive meter drive 8-bit SC microcomputer with integrated CAN controller
|
NEC[NEC]
|
M38B40EEH-XXXXFP M38B46MAH-XXXXFP M38B45M7H-XXXXFP |
101FINHB-N5 120VAC FLASHING BL (NR) 单芯位CMOS微机 THERMO COMPENSATING ATT 6DB 单芯位CMOS微机 OSCILLATOR VC-TXO 16.80MHZ SMD 单芯位CMOS微机 ATTEN, VAR, 6DB, -.009TCA, SMD3 单芯位CMOS微机 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 DC-DC Converter; Supply Voltage:48V; Output Voltage:5V; Number of Outputs:2; Power Rating:10W; Mounting Type:PC Board; Series:BXA; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Supply Voltage Max:75V RoHS Compliant: Yes ATTEN,TEMP COMPSG,SM 4 DB,2W,DC-6GHZ FLASHLIGHT INDUSTRIAL LANTERN ATTENUATOR, THIN FILM CHIP ATTEN THN FLM CHP .060 X. OSC 3.3V SMT 7X5 CMOS Single Chip 8 Bits Microcomputer(8位单片机) SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER隆隆隆隆隆隆 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
|
Panasonic Industrial Solutions Mitsubishi Electric, Corp. Mitsubishi Electric Corporation Mitsubishi Electric Semiconductor Mitsubishi Electric Sem...
|
E0C623A |
Advanced Single-Chip CMOS 4-Bit Microcomputer Consisting of the E0C6200 CMOS 4-Bit core CPU(4位高级的、单片微计算机(含EOC6200 4位CMOS 核芯微处理器
|
爱普生(中国)有限公
|
E0C6215 |
Advanced Single-Chip CMOS 4-Bit Microcomputer Consisting of the E0C6200 CMOS 4-Bit core CPU(4位高级的、单片微计算机(含EOC6200 4位CMOS 核芯微处理器
|
爱普生(中国)有限公
|
MBL80C49H MBL80C49N |
(MBL80C39H / MBL80C49H) CMOS Single Chip 8-Bit Microcomputer (MBL80C39N / MBL80C49N) CMOS Single Chip 8-Bit Microcomputer
|
Fujitsu
|
UPD75P66 UPD75P56 UPD75P66G-511 UPD75P56CS-001 UPD |
4-Bit, Single-Chip, One-Time Programmable (OTP) CMOS Microcomputer With Comparator (UPD75P56 / UPD75P66) 4-Bit Single-Chip One-Time Programmable CMOS Microcomputers
|
NEC[NEC] NEC Electronics
|
M30843MW-XXXGP M30845MW-XXXGP 32C84 M30842MC-XXXGP |
32-BIT, MROM, 32 MHz, MICROCONTROLLER, PQFP144 SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
|
Renesas Electronics Corporation http://
|