PART |
Description |
Maker |
325-5M-15 305-5M-15 1595-5M-15 575-5M-15 480-8M-20 |
RIEMEN SYNCHRON HTD L 325MM B 15MM RIEMEN SYNCHRON HTD L 305MM B 15MM RIEMEN SYNCHRON HTD L 575MM B 15MM Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits RIEMEN SYNCHRON HTD L 480MM B 30MM RIEMEN SYNCHRON HTD L 560MM B 200MM RIEMEN SYNCHRON HTD L 600MM B 200MM Dual/Triple-Voltage µP Supervisory Circuits RIEMEN SYNCHRON HTD L 640MM B 200MM Low-Power Dual-/Triple-Voltage SC70 µP Supervisory Circuits Low-Noise, Low-Dropout, 150mA Linear Regulators with '2982 Pinout RIEMEN SYNCHRON HTD L 720MM B 30MM 3-1/2 Digit A/D, BCD, -40C to 85C, 24-PDIP 600mil, TUBE RIEMEN SYNCHRON HTD L 880MM B 200MM RIEMEN SYNCHRON HTD L 960MM B 200MM RIEMEN SYNCHRON HTD L 960MM B 30MM RIEMEN SYNCHRON HTD L 1040MM B 200MM RIEMEN SYNCHRON HTD L 450MM B 15MM 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 2-Wire-Interfaced 8-Bit I/O Port Expander with Reset Ultra-Low-Power Voltage Detectors and µP Supervisory Circuits 1.2A Dual MOSFET Drvr, 0C to 70C, 8-PDIP, TUBE RIEMEN SYNCHRON HTD L 1100MM B 15MM RIEMEN SYNCHRON HTD L 980MM B 15MM RIEMEN SYNCHRON HTD L 1800MM B 15MM RIEMEN SYNCHRON HTD L 1120MM B 30MM RIEMEN SYNCHRON HTD L 1120MM B 200MM RIEMEN SYNCHRON HTD L 1200MM B 200MM RIEMEN SYNCHRON HTD L 1260MM B 200MM RIEMEN SYNCHRON HTD L 1600MM B 200MM RIEMEN SYNCHRON HTD L 1440MM B 200MM RIEMEN SYNCHRON HTD L 1440MM B 30MM RIEMEN SYNCHRON HTD L 1040MM B 30MM RIEMEN SYNCHRON HTD L 1420MM B 15MM RIEMEN SYNCHRON HTD L 1600MM B 30MM RIEMEN SYNCHRON HTD L 1270MM B 15MM RIEMEN SYNCHRON HTD L 1200MM B 30MM RIEMEN SYNCHRON HTD L 890MM B 15MM 里门的SYNCHRON HTD890MM15毫米 RIEMEN SYNCHRON HTD L 1595MM B 15MM 里门的SYNCHRON HTD595MM5毫米 RIEMEN SYNCHRON HTD L 560MM B 30MM 里门的SYNCHRON HTD560MM0毫米 RIEMEN SYNCHRON HTD L 880MM B 30MM 里门的SYNCHRON HTD80┨乙30毫米
|
TE Connectivity, Ltd. Amphenol, Corp. Rubycon, Corp.
|
W981216BH W981216 W981216BH-75 W981216BH-75I W9812 |
2M x 4 Banks x 16 Bit SDRAM Low Power SDRAM Industrial SDRAM 2M x 4 BANKS x 16 BIT SDRAM DRAM - Datasheet Reference
|
Winbond Electronics Corp WINBOND[Winbond]
|
MT48LC4M16A2B4-6AITJ MT48LC4M16A2B4-75 MT48LC4M16A |
SDR SDRAM MT48LC16M4A2 ?4 Meg x 4 x 4 Banks MT48LC8M8A2 ?2 Meg x 8 x 4 Banks MT48LC4M16A2 ?1 Meg x 16 x 4 Banks
|
Micron Technology
|
M12L64164A-6BG2M M12L64164A-6TG2M M12L64164A-5TG2M |
1M x 16 Bit x 4 Banks
|
Elite Semiconductor Memory Technology Inc. Elite Semiconductor Mem...
|
TBS6416B4E |
1M x 16-Bit x 4-Banks SDRAM
|
M-tec
|
W981216 W981216AH |
2M x 16 bit x 4 Banks SDRAM
|
Winbond Electronics
|
M52D128168A M52D128168A-10BG M52D128168A-10TG M52D |
2M x 16 Bit x 4 Banks Synchronous DRAM
|
Elite Semiconductor Memory Technology Inc.
|
A43L2616V-5.5V A43L2616V-6V A43L2616V-6VF A43L2616 |
1M X 16 Bit X 4 Banks Synchronous DRAM
|
AMIC Technology Corporation http://
|
M12L128324A09 M12L128324A-6TG |
1M x 32 Bit x 4 Banks Synchronous DRAM
|
Elite Semiconductor Mem... Elite Semiconductor Memory Technology Inc.
|
W9751G6JB W9751G6JB-25 |
8M ?4 BANKS ?16 BIT DDR2 SDRAM 8M x 4 BANKS x 16 BIT DDR2 SDRAM
|
http:// Winbond
|