PART |
Description |
Maker |
MAX5918 MAX5918AEEE MAX5918LEEE MAX5918-MAX5919 MA |
Low-Voltage Dual Hot-Swap Controllers with Independent ON/OFF Control "Low Voltage, Dual Hot Swap Controller with Independent ON/OFF Control" Low-Voltage, Dual Hot-Swap Controllers with Independent ON/OFF Control
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
LTC4211CS8 LTC4211IS8 LTC4211CMS LTC4211CMS8 LTC42 |
Hot Swap Controller with Multifunction Current Control
|
LINER[Linear Technology]
|
MAX5955BUEE MAX5955BUEET MAX5956BUEET |
Low-Voltage, Dual Hot-Swap Controllers with Independent On/Off Control
|
MAXIM - Dallas Semiconductor
|
MAX5955BEEET |
Low-Voltage, Dual Hot-Swap Controllers with Independent On/Off Control
|
MAXIM INTEGRATED PRODUCTS INC
|
LX5204 LX5204CDP LX5204CPWP |
SCSI - Single Ended 9-LINE HOT SWAP/ POWER SCSI TERMINATOR 9-LINE HOT SWAP, POWER SCSI TERMINATOR 9-LINE HOT SWAP, レPOWER SCSI TERMINATOR 9-LINE HOT SWAP, μPOWER SCSI TERMINATOR
|
MICROSEMI[Microsemi Corporation]
|
HIP1013 |
Controller, Hot Swap, Dual, Power Distribution, Control for 5/ 12V or 5/ 3.3V, No Current Reg
|
Intersil
|
MAX3070E-MAX3079E MAX3073EASD MAX3070EASD MAX3079E |
3.3V, ??5kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers 3.3V, 5kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDIP8 3.3V, 5kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDSO8 Fixed-Point Digital Signal Processor 697-FCBGA -40 to 105 3.3Vamp;plusmn;15kV ESD保护、失效保护、热插拔、RS-485/RS-422收发 3.3V.±.15kV ESD-Protected.Fail-Safe.Hot-Swap.RS-485/RS-422 Transceivers 3.3Vamp;plusmn;15kV ESD保护、失效保护、热插拔、RS-485/RS-422收发 3.3V, 5kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDIP14 3.3V, 5kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDSO14 3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. 热切电源分布 Maxim Integrated Produc...
|
MAX5902 MAX5902-MAX5903 MAX5903 MAX5902LBEUT-T MAX |
72V SOT23 Simple Swapper Hot-Swap Controllers 72V、SOT23/TDFN封装、Simple Swapper热插拔控制器 72V SOT23/TDFN Simple Swapper Hot-Swap Controllers 72 V, SOT23 simple swapper hot-swap controller
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
X221 X251 X252 X222 X242 X253-883B X211 X211-883B |
X200 Series CMOS ; Output Voltage Max:280Vrms; Load Current Max:6A; Switching:Zero Cross RoHS Compliant: Yes Solid-State Panel Mount Relay; Output Device:SCR; Output Voltage Max:280Vrms; Output Voltage Min:24Vrms; Control Voltage Max:32VDC; Control Voltage Min:3VDC; Load Current Max:90A; Switching:Random; Leaded Process Compatible:Yes RoHS Compliant: Yes Hot Swap Controller IC; Hot Swap Controller Type:Negative Voltage; Controlled Voltage Min:-10V; Controlled Voltage Max:-80V; Number of Controlled Voltages:1; Package/Case:8-SOIC; Power Good Output:Active Low X200 SERIES (CMOS) STANDARD SPECFITIONS X200系列(CMOS)技术标准SPECFITIONS
|
List of Unclassifed Man... List of Unclassifed Manufacturers N.A. ETC[ETC] Electronic Theatre Controls, Inc. Xsis Electronics
|
EVAL-ADM1073MEB ADM1073 ADM1073ARU ADM1073ARU-REEL |
-48 V Full Feature Hot Swap Controller Full-Feature −48 V Hot Swap Controller
|
AD[Analog Devices]
|
LTC1422CS8 LTC1422I LTC1422 LTC1422C LTC1422CN8 LT |
Hot Swap Controller
|
LINER[Linear Technology]
|