PART |
Description |
Maker |
IS61NVP6436A-200TQI IS61NVP12818A-250TQ IS61NVP128 |
64K x 32, 64K x 36, and 128K x 18 2Mb, PIPELINE (NO WAIT) STATE BUS SRAM 128K X 18 ZBT SRAM, 3.1 ns, PQFP100 64K x 32, 64K x 36, and 128K x 18 2Mb, PIPELINE (NO WAIT) STATE BUS SRAM 128K X 18 ZBT SRAM, 2.6 ns, PQFP100
|
Integrated Silicon Solution, Inc. Integrated Silicon Solution...
|
GS8321ZV36E-250I GS8321ZV36E-225I GS8321ZV36E-133 |
Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference; Package: 20-TSSOP; Temperature Range: 0°C to 70°C 36Mb Pipelined and Flow Through Synchronous NBT SRAM 1M X 36 ZBT SRAM, 8.5 ns, PBGA165 36Mb Pipelined and Flow Through Synchronous NBT SRAM 1M X 36 ZBT SRAM, 8 ns, PBGA165 36Mb Pipelined and Flow Through Synchronous NBT SRAM 2M X 18 ZBT SRAM, 8.5 ns, PBGA165 36Mb Pipelined and Flow Through Synchronous NBT SRAM 1M X 32 ZBT SRAM, 6.5 ns, PBGA165
|
GSI Technology, Inc.
|
CY7C1356A-166AC CY7C1354A-133BGCT |
512K X 18 ZBT SRAM, 3.6 ns, PQFP100 256K X 36 ZBT SRAM, 4.2 ns, PBGA119
|
CYPRESS SEMICONDUCTOR CORP
|
AS7C33128NTF32_36B AS7C33128NTF36B-80TQIN AS7C3312 |
3.3V 128K x 32/36 Flowthrough Synchronous SRAM with NTD 128K X 36 ZBT SRAM, 8 ns, PQFP100 3.3V 128K x 32/36 Flowthrough Synchronous SRAM with NTD 128K X 32 ZBT SRAM, 7.5 ns, PQFP100 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 128K X 36 ZBT SRAM, 10 ns, PQFP100 3.3V 128K x 32/36 Flowthrough Synchronous SRAM with NTD 128K X 36 ZBT SRAM, 10 ns, PQFP100 3.3V 128K x 32/36 Flowthrough Synchronous SRAM with NTD 128K X 36 ZBT SRAM, 7.5 ns, PQFP100 3.3V 128K x 32/36 Flowthrough Synchronous SRAM with NTD 128K X 32 ZBT SRAM, 10 ns, PQFP100 LM194/LM394 Supermatch Pair; Package: TO-99; No of Pins: 6; Qty per Container: 500; Container: Box 128K X 36 ZBT SRAM, 7.5 ns, PQFP100 LM195/LM395 Ultra Reliable Power Transistors; Package: TO-220; No of Pins: 3; Qty per Container: 45; Container: Rail LM392 Low Power Operational Amplifier/Voltage Comparator; Package: SOIC NARROW; No of Pins: 8; Qty per Container: 95; Container: Rail 3.3V 128K × 32/36 Flowthrough Synchronous SRAM with NTDTM LM3916 Dot/Bar Display Driver; Package: MDIP; No of Pins: 18; Qty per Container: 20; Container: Rail LM392 Low Power Operational Amplifier/Voltage Comparator; Package: MDIP; No of Pins: 8; Qty per Container: 40; Container: Rail NTD? Sync SRAM - 3.3V
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
IS61NVP102436-166TQI IS61NVP102436-166TQLI NVP2048 |
1M X 36 ZBT SRAM, 3.5 ns, PQFP100 TQFP-100 1M X 36 ZBT SRAM, 3.5 ns, PQFP100 LEAD FREE, TQFP-100 2M X 18 ZBT SRAM, 3.5 ns, PBGA165
|
Integrated Silicon Solution, Inc. INTEGRATED SILICON SOLUTION INC
|
IDT71T75602 IDT71T75802S100PFI8 IDT71T75802S100PF8 |
2.5V 1M X 18 ZBT Synchronous 2.5V I/O PipeLine SRAM *NEW* 2.5V 512K X 36 ZBT Synchronous 2.5V I/O Pipeline SRAM 512K x 36, 1M x 18 2.5V Synchronous ZBT? SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
|
IDT
|
CY7C1470V25 CY7C1470V25-167ACES CY7C1470V25-167AXC |
72-Mbit(2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL?/a> Architecture 72-Mbit(2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture 72-Mbit(2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL(TM) Architecture ECONOLINE: RQS & RQD - 1kVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 80% 72-Mbit(2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBLArchitecture 4M X 18 ZBT SRAM, 3.4 ns, PQFP100 72-Mbit(2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBLArchitecture 4M X 18 ZBT SRAM, 3.4 ns, PBGA165 72-Mbit(2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBLArchitecture 4M X 18 ZBT SRAM, 3 ns, PBGA165 72-Mbit(2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBLArchitecture 1M X 72 ZBT SRAM, 3 ns, PBGA209 ECONOLINE: RQS & RQD - 1kVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 80% 2M X 36 ZBT SRAM, 3.4 ns, PBGA165
|
Cypress Semiconductor Corp. SRAM Cypress Semiconductor, Corp.
|
CY7C1464AV33-167BGXI CY7C1464AV33-200BGXC CY7C1462 |
36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBLArchitecture 512K X 72 ZBT SRAM, 3.4 ns, PBGA209 36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBLArchitecture 512K X 72 ZBT SRAM, 3.2 ns, PBGA209 36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBLArchitecture 2M X 18 ZBT SRAM, 2.6 ns, PBGA165 2M X 18 ZBT SRAM, 3.2 ns, PQFP100
|
Cypress Semiconductor, Corp. CYPRESS SEMICONDUCTOR CORP
|
CY7C1370D-250BZI CY7C1372D-167BGC CY7C1372D-167BZC |
18-Mbit (512K X 36/1M X 18) Pipelined SRAM with NoBL Architecture 1M X 18 ZBT SRAM, 3.4 ns, PQFP100 18-Mbit (512K X 36/1M X 18) Pipelined SRAM with NoBL Architecture 1M X 18 ZBT SRAM, 2.6 ns, PBGA165 18-Mbit (512K X 36/1M X 18) Pipelined SRAM with NoBL Architecture 1M X 18 ZBT SRAM, 2.6 ns, PBGA119
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp.
|
IDT71V65803S133BG IDT71V65803S100BQ IDT71V65803S10 |
256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs 256K X 36 ZBT SRAM, 3.8 ns, PQFP100 256K x 36/ 512K x 18 3.3V Synchronous ZBT SRAMs RECTIFIER FAST-RECOVERY SINGLE 1A 100V 30A-ifsm 1V-vf 50ns 5uA-ir DO-41 1K/BULK
|
Integrated Device Technology, Inc. INTEGRATED DEVICE TECHNOLOGY INC
|
AS7C25512NTF32_36A AS7C25512NTF36A-10TQC AS7C25512 |
2.5V 512K x 32/36 Flowthrough Synchronous SRAM with NTD 512K X 32 ZBT SRAM, 8.5 ns, PQFP100 2.5V 512K x 32/36 Flowthrough Synchronous SRAM with NTD 512K X 32 ZBT SRAM, 7.5 ns, PQFP100 2.5V 512K x 32/36 Flowthrough Synchronous SRAM with NTD 512K X 32 ZBT SRAM, 10 ns, PQFP100 DIODE ZENER SINGLE 1000mW 51Vz 5mA-Izt 0.05 5uA-Ir 38.8Vr DO41-GLASS 5K/AMMO DIODE, ZENER, 24V, 5%, 1W& DIODE ZENER SINGLE 1000mW 33Vz 7.5mA-Izt 0.05 5uA-Ir 25.1Vr DO41-GLASS 5K/REEL NTD? Sync SRAM - 2.5V
|
Alliance Semiconductor, Corp. Alliance Semiconductor Corporation ALSC
|
|