PART |
Description |
Maker |
MC44608P75 MC44608-D |
Few External Components Reliable and Flexible SMPS Controller From old datasheet system
|
ON Semiconductor
|
MFP0507S |
No external components required Operating temperature -70° to 150°C
|
Interpoint Corporation Company
|
MAX6507UT MAX6505UT MAX6505UTP070T MAX6506UTP070T |
Dual Trip SOT Temperature Switches No External Components Required SPECIALTY ANALOG CIRCUIT, PDSO6
|
Maxim Integrated Products MAXIM INTEGRATED PRODUCTS INC
|
MB3828PFV-G-BND |
BOX, POLYCARBONATE IP67 CLEAR LIDBOX, POLYCARBONATE IP67 CLEAR LID; Length / Height, external:65mm; Width, external:230mm; Depth, external:80mm; Material:Polycarbonate; Colour:Grey; Approval Bodies:GL, CSA, Fimko, Gost R, EN 50298 Pentium DC/DC Converter IC
|
Fujitsu Limited Fujitsu Component Limited.
|
3239 |
Enclosure; Enclosure Material:Aluminum; External Height:1.38"; External Width:2.25"; External Depth:1.13"; Enclosure Color:Blue; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes
|
POMONA ELECTRONICS
|
3602 |
Enclosure; Enclosure Material:Aluminum; External Height:3"; External Width:2.63"; External Depth:1.65"; Enclosure Color:Blue; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes
|
POMONA ELECTRONICS
|
TCM810 TCM809 |
3-Pin Microcontroller Reset Monitors(3寮??寰???跺?澶??????? IC,VOLT DETECTOR,FIXED, 4.63V,CMOS,TSSOP,6PIN,PLASTIC The TCM809 and TCM810 are cost-effective system supervisor circuits designed to monitor VCC in digital systems and provide a reset signal to the host processor when necessary. No external components are required. The reset output is driven
|
Microchip Technology Inc.
|
YGV606 |
STARTER KIT, CYCLONE III, FPGA; Depth, external:50mm; Height:160mm; Weight:0.4kg; Width, external:130mm RoHS Compliant: Yes VGA视频控制
|
Jameco Electronics
|
ML4803CP-1 ML4803CP-2 ML4803CS-1 ML4803IP-1 ML4803 |
INDICATOR, T1, ROUND; Lamp fitting type:Bi-Pin; Diameter, panel cut-out:8mm; Depth, external:25mm; Length / Height, external:9mm; Temp, op. max:45(degree C); Temp, op. min:-25(degree C); Width, external:9mm; LED / lamp size:T1 RoHS Compliant: Yes 8-Pin PFC and PWM Controller Combo
|
MICRO-LINEAR[Micro Linear Corporation]
|