PART |
Description |
Maker |
ICL7135C_D ICL7135CJI ICL7135CPI ICL7135CQI ICL713 |
4Digit A/D Converter with Multiplexed BCD Outputs 1-CH 4-BIT DUAL-SLOPE ADC, PARALLEL ACCESS, PDIP28 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 4? Digit A/D Converter with Multiplexed BCD Outputs 4 Digit A/D Converter with Multiplexed BCD Outputs 4 1/2 Digit A/D Converter with Multiplexed BCD Outputs From old datasheet system 4? Digit A/D Converter with Multiplexed BCD Outputs
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
DM-4101L-1 DM-4101L RN-3100_4100 RN-3100/4100 |
4 1/2-Digit DPM with BCD Outputs
|
http:// List of Unclassifed Manufacturers ETC[ETC]
|
AD7525CD AD7525LN AD7525TD AD7525UD |
3 1/2 Digit BCD Monolithic CMOS Digitally Controlled Potentiometer
|
Analog Devices
|
HDSP-513Y-LL000 5082-511A-00000 5082-511A-0H000 50 |
14.22 mm (0.56 inch) General Purpose Seven-Segment Display 14.22毫米.56英寸)通用七段显示 Multichannel Remote/Local Temperature Sensors 16-Bit Voltage-Output DAC in SO-8 Package; Package: SOIC; No of Pins: 8; Temperature Range: Commercial True Accuracy, 16-Bit ±12 V/±15 V, Serial Input Voltage Output D/A Converter; Package: SSOP; No of Pins: 16; Temperature Range: Industrial True Accuracy, 16-Bit ±12 V/±15 V, Serial Input Voltage Output D/A Converter; Package: EVALUATION BOARDS; No of Pins: -; Temperature Range: TBD Low Profile Power Relay, 1 Form C, 16A 250VAC, Class F Coil HDSP-511A · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511E · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511G · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511Y · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513A · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513E · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513G · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513Y · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display
|
ITT, Corp. HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard) Agilent(Hewlett-Packard...
|
CD4028BMS FN3303 CD4028 |
BCD-To-DecimAl Decoder, Rad-Hard, CMOS, Logic CMOS BCD-To-Decimal Decoder From old datasheet system
|
INTERSIL[Intersil Corporation]
|
TC4511BF TC4511BP TC4511 E004290 |
BCD-TO-SEVEN SEGEMENT LATCH/DECODER/DRIVER BCD-TO-SEVER SEGMENT LATCH / DECODER / DRIVER From old datasheet system
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
TC7136CLW TC7136CPI TC7136ACPI TC7136 TC7136A TC71 |
The TC7136 and TC7136A are low-power,3-1/2 digit with liquid crystal display (LCD)drivers with analog-to-digital converters.These devices incorporate an "integrator output zero"phase which guarantees overrange recovery.The performance of e Low Power 3-1/2 Digit Analog-to-Digital Converter
|
MICROCHIP[Microchip Technology]
|
FS50UM-06 |
BK Precision Triple Output DC Power Supply, Output Voltage: Variable 0-30 VDC, Fixed 12 VDC ( 5 %), Fixed 5 VDC ( 5 %), Output Current: 0-5 A, 0-500 mA, 0-500 mA, Metering Display: 2 Digital 3 Digit LCD, Ammeter Range: 0-.999 A 高速开关使 HIGH-SPEED SWITCHING USE
|
Mitsubishi Electric, Corp. Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
BD-E522RD BD-E525RD BD-E526RD BG-C51DRD BD-A511RD |
Hi eff red/orange, cathode, dual digit LED display DUAL DIGIT LED DISPLAYS 双位数字的LED显示 RES,TF,82.5,1.0%,100PPM,0.25W ECONOLINE: RJ & RG - Dual Output from a Single Input Rail - 3kVDC & 4kVDC Isolation - Optional Continuous Short Circuit Protected - Custom Solutions Available - UL94V-0 Package Material - Efficiency to 84% RES 75R0 SM 1/4W F 1206C THKF 100PPM TR
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers Yellow Stone Corp
|