PART |
Description |
Maker |
PI74FCT162Q245CT PI74FCT162Q245T PI74FCT162Q245AT |
Fast,low noise CMOS 16-bit bidirectional transceiver Fast, Low Noise CMOS 16-Bit Bidirectional Transceivers
|
Pericom Technology PERICOM[Pericom Semiconductor Corporation]
|
74VCX16245 |
Low Voltage 16-Bit Bidirectional Transceiver
|
Fairchild
|
74ALVC16245 |
Low Voltage 16-Bit Bidirectional Transceiver
|
Fairchild Semiconductor
|
PESD5V0S1BSF PESD5V0S1BSF315 |
Ultra low profile bidirectional low capacitance ESD protection diode 100 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
NXP Semiconductors
|
5962H0254301QXA 5962H0254301QXC 5962H0254301VXA 59 |
RadHard schmitt CMOS 16-bit bidirectional multipurpose low voltage transceiver: SMD. Class Q. Lead finish solder. Total dose 1E6 rad(Si). RadHard schmitt CMOS 16-bit bidirectional multipurpose low voltage transceiver: SMD. Class Q. Lead finish gold. Total dose 1E6 rad(Si). RadHard schmitt CMOS 16-bit bidirectional multipurpose low voltage transceiver: SMD. Class V. Lead finish solder. Total dose 1E6 rad(Si). RadHard schmitt CMOS 16-bit bidirectional multipurpose low voltage transceiver: SMD. Class V. Lead finish gold. Total dose 1E6 rad(Si). RadHard schmitt CMOS 16-bit bidirectional multipurpose low voltage transceiver: SMD. Class Q. Lead finish gold. Total dose 1E5 rad(Si). RadHard schmitt CMOS 16-bit bidirectional multipurpose low voltage transceiver: SMD. Class V. Lead finish solder. Total dose 1E5 rad(Si). RadHard schmitt CMOS 16-bit bidirectional multipurpose low voltage transceiver: SMD. Class V. Lead finish gold. Total dose 1E5 rad(Si). RadHard schmitt CMOS 16-bit bidirectional multipurpose low voltage transceiver. CMOS compatible I/O level. Lead finish solder. RadHard schmitt CMOS 16-bit bidirectional multipurpose low voltage transceiver: SMD. Class Q. Lead finish gold. Total dose 3E5 rad(Si). RadHard schmitt CMOS 16-bit bidirectional multipurpose low voltage transceiver: SMD. Class V. Lead finish solder. Total dose 5E5 rad(Si).
|
Aeroflex Circuit Technology
|
74LCX16245MTD 74LCX16245MTDX 74LCX16245 74LCX16245 |
Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs LVC/LCX/Z SERIES, DUAL 8-BIT TRANSCEIVER, TRUE OUTPUT, PDSO48
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74LCX16245 74LCX16245MEA 74LCX16245MTD 74LCX16245C |
Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
|
Fairchild Semiconductor
|
74VCX16245 74VCX16245MTD 74VCX16245CW |
Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
|
Fairchild Semiconductor
|
HCC40194B HCC40194BC1 HCC40194BEY HCC40194BF HCC_H |
4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER 4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER 4位双向通用移位寄存 SILICON NPN TRANSISTOR, AMPLIFIER/DRIVER, NTE2410, 3 LEAD, SOT-23
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics ST Microelectronics
|
74F545 74F545SC 74F545PC 74F545SCX |
Single 8-bit Bus Transceiver F/FAST SERIES, 8-BIT TRANSCEIVER, TRUE OUTPUT, PDSO20 From old datasheet system Octal Bidirectional Transceiver with 3-STATE Outputs Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|