PART |
Description |
Maker |
2SA2091S 2SA2091STPQ |
1000 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR SPT, SC-72, 3 PIN Medium power transistor (60V/ 1A) Medium power transistor (−60V, −1A) Medium power transistor (-60V, -1A)
|
TE Connectivity, Ltd. ROHM[Rohm]
|
CDD2061D CDD2061 |
2.000W Medium Power NPN Plastic Leaded Transistor. 60V Vceo, 3.000A Ic, 60 - 500 hFE. TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 3A I(C) | TO-220AB 晶体管|晶体管|叩| 60V的五(巴西)总裁| 3A条一(c)| TO - 220AB现有
|
Continental Device India Limited
|
FZT851QTA FZT851TA FZT851-17 |
60V NPN MEDIUM POWER TRANSISTOR
|
Diodes Incorporated
|
ZXTN25060BZTA ZXTN25060BZ |
60V, SOT89, NPN medium power transistor
|
ZETEX[Zetex Semiconductors]
|
FZT493A FZT493A-15 FZT493ATA |
60V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
|
Diodes Incorporated
|
ZXTN2010ASTZ |
60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN E-LINE 4500 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Zetex Semiconductor PLC
|
2N5191 |
40.000W Medium Power NPN Plastic Leaded Transistor. 60V Vceo, 4.000A Ic, 25 - 100 hFE.
|
Continental Device India Limited
|
2SD2425 2SD2425AB3 |
TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 5A I(C) | TO-243VAR NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING Low freq. power amp., medium-speed switching transistor
|
NEC Corp. NEC Electronics NEC[NEC]
|
2N2484CSM 2N2484ACSM |
60V Vce, 0.05A Ic NPN bipolar transistor 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路 HIGH SPEED MEDIUM POWER NPN GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS HIGH SPEED, MEDIUM POWER, NPN GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
|
Electronic Theatre Controls, Inc. SEME-LAB[Seme LAB] SemeLAB
|
2SC2335-15 |
SILICON POWER TRANSISTO
|
Renesas Electronics Corporation
|
2SC5876_1 2SC5876 |
Medium power transistor (60V, 0.5A)
|
ROHM[Rohm]
|