PART |
Description |
Maker |
CY7C4255V-10ASC CY7C4265V-10ASC |
32K/64Kx18 Low Voltage Deep Sync FIFOs
|
Cypress Semiconductor
|
CY7C4271V-15JC CY7C4271V-15JI CY7C4271V-25JC CY7C4 |
16Kx9 Low Voltage Deep Sync FIFOs(16Kx9低压深同步先进先出(FIFO 16K/32K/64K/128K x 9 Low-Voltage Deep Sync⑩ FIFOs 16K/32K/64K/128K x 9 Low-Voltage Deep Sync FIFOs 16K/32K/64K/128K x 9 Low-Voltage Deep Sync?/a> FIFOs 16K/32K/64K/128K x 9 Low-Voltage Deep Sync?FIFOs
|
Cypress Semiconductor Corp.
|
IC62LV256 IC62LV256-70UI IC62LV256-100J IC62LV256- |
45ns; 3.3V; 32K x 8 low voltage static RAM ASYNCHRONOUS STATIC RAM, Low Speed A.SRAM From old datasheet system 32K x 8 Low Power SRAM with 3.3V 32K的8低功耗SRAM.3V
|
ICSI[Integrated Circuit Solution Inc] Hitachi,Ltd. Cypress Semiconductor, Corp.
|
IS62LV256-70T-TR IS62LV256-70TI-TR IS62LV256AL-45J |
32K x 8 LOW VOLTAGE CMOS STATIC RAM 32K X 8 STANDARD SRAM, 45 ns, PDSO28 32K x 8 LOW VOLTAGE CMOS STATIC RAM 32K X 8 STANDARD SRAM, 20 ns, PDSO28
|
天津新技术产业园区管理委员会 Integrated Silicon Solution, Inc. INTEGRATED SILICON SOLUTION INC
|
28LV256SI-3 28LV256SI-4 28LV256SI-5 28LV256SI-6 28 |
Speed: 200 ns, Low voltage CMOS 256 K electrically erasable programmable ROM 32K x 8 BIT EEPROM Speed: 250 ns, Low voltage CMOS 256 K electrically erasable programmable ROM 32K x 8 BIT EEPROM Speed: 300 ns, Low voltage CMOS 256 K electrically erasable programmable ROM 32K x 8 BIT EEPROM Speed: 400 ns, Low voltage CMOS 256 K electrically erasable programmable ROM 32K x 8 BIT EEPROM Low voltage CMOS. 256K electrically erasable programmable ROM. 32K x 8 bit EEPROM. Access time 200 ns. Low voltage CMOS. 256K electrically erasable programmable ROM. 32K x 8 bit EEPROM. Access time 250 ns. Low voltage CMOS. 256K electrically erasable programmable ROM. 32K x 8 bit EEPROM. Access time 400 ns. Low voltage CMOS. 256K electrically erasable programmable ROM. 32K x 8 bit EEPROM. Access time 300 ns.
|
Turbo IC
|
62C256 IS62C256-7 IS62C256-4 IS62C256-70T IS62C256 |
32K x 8 Low Power CMOS Static RAM(32K x 8 浣????MOS???RAM) 32K x 8 LOW POWER CMOS STATIC RAM 32K X 8 STANDARD SRAM, 70 ns, PDSO28
|
Integrated Silicon Solution, Inc. ISSI[Integrated Silicon Solution, Inc] ETC[ETC] Integrated Silicon Solution Inc
|
IS65LV256AL-45TLA3 IS65LV256AL-45UA3 IS65LV256AL-4 |
32K x 8 LOW VOLTAGE CMOS STATIC RAM
|
Integrated Silicon Solution, Inc.
|
80C38X2 |
80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage 2.7 to 5.5 V low power high speed 30/33 MHz
|
Philips
|
UL635H256SC45G1 |
Low Voltage PowerStore 32K x 8 nvSRAM 低压PowerStore 32K的8非易
|
Electronic Theatre Controls, Inc.
|
UL634H256SA35G1 |
Low Voltage PowerStore 32K x 8 nvSRAM 低压PowerStore 32K的8非易
|
Electronic Theatre Controls, Inc.
|