PART |
Description |
Maker |
BT151-650L |
SCR BT151-650L<SOT78 (TO-220AB)|<<http://www.nxp.com/packages/SOT78.html<1<Always Pb-free,; SCR, 12 A, 5 mA, 650 V, SOT78
|
NXP Semiconductors N.V.
|
IST110A-6 ISTF160-5F35 ISTF160-3F35 IST85-13 IST85 |
175 A, 600 V, SCR 355 A, 500 V, SCR 355 A, 300 V, SCR 175 A, 1300 V, SCR 175 A, 300 V, SCR 355 A, 200 V, SCR 355 A, 1000 V, SCR
|
|
DT105N10LOF-A DT105N16KOF-K DT105N16LOF-A DT105N12 |
160 A, 1000 V, SCR MODULE-5 160 A, 1600 V, SCR MODULE-5 160 A, 1200 V, SCR MODULE-5 160 A, 1400 V, SCR MODULE-5 120 A, 800 V, SCR MODULE-5 75 A, 800 V, SCR 100 A, 1600 V, SCR 160 A, 800 V, SCR 160 A, 600 V, SCR
|
Unisonic Technologies Co., Ltd.
|
MP03XXX190-12 MP03XXX190 MP03XXX190-08 MP03XXX190- |
Phase Control Dual SCR, SCR/Diode Modules 相位控制双可控硅,SCR /二极管模
|
Dynex Semiconductor, Ltd. DYNEX[Dynex Semiconductor]
|
MCR101G-X-XX-T92-K MCR101G-X-XX-T92-B MCR101-6-B-T |
SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS 0.8 A, 400 V, SCR, TO-92 0.8 A, 600 V, SCR, TO-92 0.8 A, 200 V, SCR, TO-92
|
UNISONIC TECHNOLOGIES CO LTD
|
CS218I-50PBLEADFREE CS218I-50DLEADFREE CS218I-50PL |
50 A, 1200 V, SCR, TO-218 50 A, 400 V, SCR, TO-218 50 A, 1000 V, SCR, TO-218 50 A, 800 V, SCR, TO-218 50 A, 200 V, SCR, TO-218 Internally Trimmed Precision IC Multiplier 55 A, 400 V, SCR, TO-218 Internally Trimmed Precision IC Multiplier 55 A, 1000 V, SCR, TO-218 63 A, 1200 V, SCR, TO-65 63 A, 600 V, SCR, TO-65 63 A, 200 V, SCR, TO-65 110 A, SCR, TO-83
|
Central Semiconductor, Corp. CENTRAL SEMICONDUCTOR CORP
|
R216CH12 R325CH02 R800CH04 |
1125 A, 1200 V, SCR 2398 A, 200 V, SCR 5260 A, 400 V, SCR
|
Westcode Semiconductors, Ltd. WESTCODE SEMICONDUCTORS LTD
|
BT151 |
BT151
|
Unisonic Technologies
|
FS1209BH00TU FS1209DH00TU FS1209MH00TU FS1209NH00T |
12 A, 200 V, SCR, TO-220AB 12 A, 400 V, SCR, TO-220AB 12 A, 600 V, SCR, TO-220AB 12 A, 800 V, SCR, TO-220AB
|
|
TW11N800FZ BSTC0326S6 BSTC0353S6 BSTD0313S6 |
800 V, 12 A, TRIAC, TO-220 25 A, 400 V, SCR 25 A, 800 V, SCR 25 A, 200 V, SCR
|
|
22RIA40M 22RIA40MS90 22RIA140S9 22RIA40S90 22RIA40 |
800V 22A Phase Control SCR in a TO-208AA (TO-48) package 1600V 35A Phase Control SCR in a TO-208AA (TO-48) package 1400V 35A Phase Control SCR in a TO-208AA (TO-48) package 1200V 22A Phase Control SCR in a TO-208AA (TO-48) package 1000V 22A Phase Control SCR in a TO-208AA (TO-48) package 100V 22A Phase Control SCR in a TO-208AA (TO-48) package 600V 22A Phase Control SCR in a TO-208AA (TO-48) package MEDIUMPOWERTHYRISTORS 400V 22A Phase Control SCR in a TO-208AA (TO-48) package Circular Connector; MIL SPEC:MIL-C-5015 A/B/C; Body Material:Aluminum Alloy; Series:97-3106; No. of Contacts:4; Connector Shell Size:14S; Connecting Termination:Solder; Circular Shell Style:Straight Plug RoHS Compliant: Yes MEDIUM POWER THYRISTORS 中功率晶闸管
|
IRF[International Rectifier] International Rectifier, Corp.
|
|