PART |
Description |
Maker |
3885 M38851F3-HP M38850F3-HP M38851F1-HP M38850F1- |
300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit Single 2.7-V High Slew Rate Rail-to-Rail Output Operational Amplifier 5-SOT-23 -40 to 125 CAP 680PF 50V 10% X7R SMD-0402 TR-13 PLATED-NI/SN Single 2.7-V High Slew Rate Rail-to-Rail Output Operational Amplifier 8-SOIC -40 to 125 PLCC Socket; Number of Contacts:32; Terminal Type:PCB Surface Mount; Contact Plating:Tin Over Nickel; Mounting Type:Surface Mount ACCU-F/P CRYSTAL, SM, CX-49G, 8MHZ; Frequency, output:8000kHz; Accuracy: /-50ppm; Temperature, operating range:-10(degree C) to 70(degree C); Capacitance, load:12pF; Crystal case type:10.8 x 4.5; Series:CX49GFWB; Temperature RoHS Compliant: Yes Automotive Catalog 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier With Shutdown 5-SOT-23 -40 to 125 Dual 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier 8-PDIP -40 to 125 Dual 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier 8-SOIC -40 to 125 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-MSOP 0 to 70 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-TSSOP -40 to 125 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-SOIC
|
Renesas Electronics Corporation. Renesas Electronics, Corp. http://
|
IR3623MPBF |
HIGH FREQUENCY 2-PHASE, SINGLE OR DUAL OUTPUT SYNCHRONOUS STEP DOWN CONTROLLER WITH OUTPUT TRACKING AND SEQUENCING
|
IR International Rectifier
|
IR3623MPBF1 IR3623MTRPBF |
HIGH FREQUENCY 2-PHASE, SINGLE OR DUAL OUTPUT SYNCHRONOUS STEP DOWN CONTROLLER WITH OUTPUT TRACKING AND SEQUENCING
|
International Rectifier
|
IR3622AMPBF |
High Frequency 2-Phase Single or Dual Output Sychronous Step Down Controller with Output Tracking and Sequencing
|
International Rectifier
|
RP60-483.3SE RP60-1205DE RP60-1205SE RP60-1212DE R |
60 Watt Single, Dual & Positive Dual Output D-Subminiature Connector; Gender:Male; No. of Contacts:51; Contact Termination:Solder; D Sub Shell Size:DB51; Body Material:Thermoplastic; Leaded Process Compatible:No; Mounting Type:Jackpost; Peak Reflow Compatible (260 C):No RoHS Compliant: No 60 Watt Single, Dual & Positive Dual Output
|
RECOM Power Inc. RECOM[Recom International Power]
|
K4H511638C-UC K4H511638C-UCA2 K4H511638C-UCB0 K4H5 |
8-Bit, 20 kSPS ADC Serial Out, uProcessor Periph./Standalone, Rem. Op w/Ser. Data Link, Mux option 14-SOIC 荤的512Mb芯片DDR SDRAM内存规格 Single Wide Bandwidth High Output Drive Single Supply Op Amp 8-PDIP -40 to 125 荤的512Mb芯片DDR SDRAM内存规格 512Mb C-die DDR SDRAM Specification 荤的512Mb芯片DDR SDRAM内存规格 Single Wide Bandwidth High Output Drive Single Supply Op Amp 8-SOIC -40 to 125 荤的512Mb芯片DDR SDRAM内存规格 Dual Wide Bandwidth High Output Drive Single Supply Op Amp 8-SOIC -40 to 125 荤的512Mb芯片DDR SDRAM内存规格 8-Bit, 392 kSPS ADC Parallel Out, Microprocessor Peripheral, On-Chip Track-and-Hold, Single Channels 20-PDIP 荤的512Mb芯片DDR SDRAM内存规格
|
http:// Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD.
|
MAX428ACPA MAX428ACSA MAX428CPA MAX428CSA MAX408 M |
Single/Dual/Quad High-Speed, Fast-Settling, High Output Current Operational Amplifier Single/Dual/Quad High-Speed / Fast-Settling / High Output Current Operational Amplifier
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MAU211 MAU213 MAU216 MAU200 MAU201 MAU202 MAU203 M |
1W, HIGH ISOLATION SIP, SINGLE & DUAL OUTPUT DC/DC CONVERTERS
|
Minmax Technology Co., ... MINMAX[Minmax Technology Co., Ltd.]
|
MDHU100 MDHU102 MDHU104 MDHU105 MDHU108 MDHU109 MD |
2W, Ultra-High Isolation DIP, Single & Dual Output DC/DC Converters
|
Minmax Technology Co., ... Minmax Technology Co., Ltd.
|
WS57C43 WS57C43C WS57C43C-25D WS57C43C-25J WS57C43 |
ECONOLINE: RUZ - Dual Output from a Single Input Rail- Input/Output Isolation 1kVDC- Output/Output Isolation 1kVDC- Power Sharing on Outputs- UL94V-0 Package Material- Toroidal Magnetics- No Extern. Components Required- Efficiency to 85% HIGH SPEED 4K x 8 CMOS PROM/RPROM 高K的8的CMOS胎膜早破/ RPROM
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
MSAU300 MSAU329 MSAU301 MSAU303 MSAU304 MSAU306 MS |
From old datasheet system 1W, High Isolation SMD, Single & Dual Output DC/DC Converters
|
MINMAX[Minmax Technology Co., Ltd.] ETC
|