PART |
Description |
Maker |
009175002001106 009175003001006 009175003001106 00 |
SSL - Discrete Wire IDC
|
AVX Corporation
|
HG62G014-DIE HG62G027-QFP80P HG62G035-QFP80P HG62G |
Pin header, Discrete wire IDC connection (for Bus line), Discrete wire connectors; HRS No: 541-0103-0 00; No. of Positions: 9; Operating Temperature Range (degrees C): -30 to 85; General Description: Accessory; IDC protector Pin header, Discrete wire IDC connection (for Bus line), Discrete wire connectors; HRS No: 541-0102-7 00; No. of Positions: 8; Operating Temperature Range (degrees C): -30 to 85; General Description: Accessory; IDC protector ASIC 专用集成电路
|
Cinch Connectors Everlight Electronic Co., Ltd. Yellow Stone, Corp.
|
2106751-1 1-2106751-1 2-2106751-1 3-2106751-1 2106 |
IDC SSL Connector
|
Tyco Electronics
|
2SJ221 |
Box-shaped pin header, Discrete wire crimping connection, Discrete wire connectors; HRS No: 543-0611-3 05; No. of Positions: 8; Connector Type Silicon P-Channel MOS FET
|
Hitachi,Ltd. HITACHI[Hitachi Semiconductor]
|
HGT2100-100 HGT2100-1000 |
Box-shaped pin header, Discrete wire crimping connection, Discrete wire connectors; HRS No: 543-0684-7 53; Contact Mating Area Plating: Gold 工业控制IC Industrial Control IC 工业控制IC
|
IDEC, Corp.
|
GB12864DHGAAMLA-V01 GB12864DHGAAMLB-V01 GB12864DHG |
INDUCTOR,SMD(0805),6.8 NH, 600 IDC,0.11 OHMS INDUCTOR,SMD(0805),82 NH, 400 IDC,0.42 OHMS SPECIFICATIONS FOR LCD MONDULE INDUCTOR,SMD(1210),15 UH, 130 IDC,3.2 OHMS INDUCTOR,SMD(1210),150 UH, 65 IDC,15 OHMS INDUCTOR,SMD(1210),1.5 UH, 370 IDC,0.85 OHMS INDUCTOR,SMD(1210),1.8 UH, 350 IDC,0.9 OHMS INDUCTOR,SMD(1210),33 UH, 70 IDC,5.6 OHMS INDUCTOR,SMD(1210),39 UH, 65 IDC,6.4 OHMS INDUCTOR ,SMD,(1812),3.3 UH, 355 IDC,0.80 OHMS INDUCTOR,SMD(1210),27 UH, 80 IDC,5 OHMS INDUCTOR,SMD1812,390UH, 80 IDC,18 OHMS POT,LINEAR TAPER,5W,100 ohm WIREWOUND,20%,shft.235"Dx.67"L INDUCTOR,SMD(0805),56 NH, 500 IDC,0.34 OHMS INDUCTOR,SMD(0805),68 NH, 500 IDC,0.38 OHMS INDUCTOR,SMD(0805),8.2 NH, 600 IDC,0.12 OHMS INDUCTOR ,SMD,(1812),10 UH, 250 IDC,1.6 OHMS INDUCTOR ,SMD,(1812),6.8 UH, 285 IDC,1.2 OHMS INDUCTOR ,SMD,(1812),15 UH, 200 IDC,2.5 OHMS INDUCTOR,SMD(1210),56 UH, 55 IDC,8 OHMS INDUCTOR,SMD(1210),5.6 UH, 200 IDC,1.8 OHMS INDUCTOR ,SMD,(1812),27 UH, 170 IDC,3.6 OHMS INDUCTOR ,SMD,(1812),33 UH, 160 IDC,4.0 OHMS INDUCTOR,TOROID,HORIZONTAL, 22.0 uH,7.0 IDC,0.015 OHM, INDUCTOR,SMD(1210),68 UH, 50 IDC,9 OHMS INDUCTOR ,SMD,(1812),0.27 UH, 635 IDS, 0.26 OHMS INDUCTOR,SMD(1210),47 UH, 60 IDC,7 OHMS INDUCTOR ,SMD,(1812),0.47UH, 545 IDC, 0.12 OHMS INDUCTOR ,SMD,(1812),39 UH, 150 IDC,4.5 OHMS INDUCTOR ,SMD,(1812),0.22 UH, 665 IDC, 0.25 OHMS INDUCTOR ,SMD,(1812),18 UH, 190 IDC,2.8 OHMS INDUCTOR,SMD1210,1UH, 400 IDC,0.44 OHMS INDUCTOR,SMD(1210),220 UH, 50 IDC,21 OHMS INDUCTOR ,SMD,(1812),150 UH, 105 IDC,9.0 OHMS INDUCTOR,SMD1008,47NH, 1000 IDC,0.16 OHMS INDUCTOR ,SMD,(1812),12 UH, 225 IDC,2.0 OHMS INDUCTOR ,SMD,(1812),120 UH, 110 IDC,8.0 OHMS INDUCTOR ,SMD,(1812),180 UH, 102 IDC,9.5 OHMS INDUCTOR ,SMD,(1812),5.6 UH, 300 IDC, 1.1 OHMS INDUCTOR ,SMD,(1812),4.7 UH, 315 IDC,1.0 OHMS INDUCTOR ,SMD,(1812),680 UH, 50 IDC,0.30 OHMS INDUCTOR ,SMD,(1812),0.56UH, 520 IDC,0.36 OHMS CAP,RADIAL,0.47uf 100V,105C 5mm x 11mm INCREMENTS of 10 规格液晶模块 INDUCTOR ,SMD,(1812),1.8 UH, 390 IDC,0.65 OHMS 规格液晶模块 INDUCTOR ,SMD,(1812),100 UH, 110 IDC,8.0 OHMS 规格液晶模块 INDUCTOR ,SMD,(1812),560 UH, 50 IDC,0.30 OHMS 规格液晶模块 MOTOR,DC,1.5-4.5V,4780RPM,0.4A 10.3G-CM,0.5W,SHFT 02X8mm 规格液晶模块 SWITCH,PB,MINI,SPDT,ON-(ON) RT ANGLE SOLDER,125VAC/5A 规格液晶模块 INDUCTOR,SMD(1210),3.9 UH, 250 IDC,1.3 OHMS 规格液晶模块 INDUCTOR,SMD(1008),0.18 UH, 620 IDC,0.77 OHMS 液晶模块规格 SIREN,PIEZO,2500/3500Hz,100dB, 5-15VDC,40mA,WIRES,BLACK 规格液晶模块 INDUCTOR,SMD,(1812) 0.18 UH, 700 IDC,0.24 OHMS 规格液晶模块 INDUCTOR ,SMD,(1812),270 UH, 92 IDC, 12 OHMS 规格液晶模块 SPECIFICATIONS FOR LCD MODULE 规格液晶模块
|
Jewel Hill Electronic Co., Ltd.
|
HGT1S20N60C3S HGTG20N60C3 HGTP20N60C3 G20N60C3 HGT |
45 A, 600 V, UFS N-Channel IGBT Box-shaped pin header, Discrete wire crimping connection, Discrete wire connectors; HRS No: 543-0654-6 53 45 A, 600 V, N-CHANNEL IGBT, TO-263AB 45A, 600V, UFS Series N-Channel IGBT 5A00V的,的ufs系列N沟道IGBT
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
APC12G03-9MAJ APC12Y03-9MAJ APC12J03-91 APC12G03-9 |
CHOKE,AXIAL,CONFORMAL,33uH, 5% INDUCTIVE TOL,370 IDC, CHOKE,AXIAL,CONFORMAL,1uH, 10% INDUCTIVE TOL,385 IDC, CHOKE,AXIAL,CONFORMAL,82uH, 5% INDUCTIVE TOL,290 IDC, CHOKE,AXIAL,CONFORMAL,27uH, 10% INDUCTIVE TOL,390 IDC, CHOKE,AXIAL,CONFORMAL,120uH, 5% INDUCTIVE TOL,100 IDC, SOCKET,SHORT BLKS,BLK,OPEN -10 CHOKE,AXIAL,CONFORMAL,390uH, 5% INDUCTIVE TOL,133 IDC, CHOKE,AXIAL,CONFORMAL,22uH, 5% INDUCTIVE TOL,140 IDC, CHOKE,AXIAL,CONFORMAL,10uH, 5% INDUCTIVE TOL,130 IDC, CHOKE,AXIAL,CONFORMAL,100uH, 5% INDUCTIVE TOL,275 IDC, SOCKET,SHORT BLKS,BLK,CLOSE, (10) CHOKE,AXIAL,CONFORMAL,1000uH, 5% INDUCTIVE TOL,100 IDC, CHOKE,AXIAL,CONFORMAL,47uH, 5% INDUCTIVE TOL,340 IDC, CHOKE,AXIAL,CONFORMAL,100uH, 5% INDUCTIVE TOL,125 IDC,
|
Astec America, Inc
|
PT2271A PT2271A-L4P PT2271A-L0P PT2271A-L0S PT2271 |
917120 (130-Y SPEC) CUSTOMER PART# 588R867H02 NC/NR 遥控解码 Remote Control Decoder 遥控解码 Box-shaped pin header, Discrete wire crimping connection, Complete locking mechanism, Discrete wire connectors; HRS No: 541-0973-1 00; No. of Positions: 4; Operating Temperature Range (degrees C): -35 to 85; General Description: Accessory; Retainer 917120 (130-Y SPEC) CUSTOMER PART# 588R867H02 NC/NR LOW G Z-AXIS ACCELEROM
|
Princeton Technology, Corp. Carlo Gavazzi Princeton Technology Corporation PTC[Princeton Technology Corp] Princeton Technology Co...
|
FFSD-25-D-18.75-01-N FFSD-25-01-N |
TIGER EYE FLAT IDC WIRE CABLES
|
Samtec, Inc
|
SYC130 NEC256 SHC130 SEC130 SGC130 SRC130 NEC250 S |
LED Displays Optoelectronic From old datasheet system Intel® 82566MC Gigabit Ethernet PHY, Single Port, Pb-Free 2LI, FCBGA, Tray Box-shaped pin header, Discrete wire crimping connection, Discrete wire connectors; HRS No: 543-0659-0 05; No. of Positions: 18; Connector Type: Wire (degrees C): -55 to 85; Generic Name: D-SUB; General Description: Receptacle; Right angle; Inch type screw; MIL-C-24308 C): -55 to 85; Generic Name: D-SUB; General Description: Receptacle; Right angle; Locking device with rectangular mating locking base; Through hole C): -55 to 85; Generic Name: D-SUB; General Description: Receptacle; Right angle; Field-mounting locking device; PCB locking clip; MIL-C-24308 Optoelectronic 光电
|
IDEA NEC
AME, Inc. Sanken Electric Co., Ltd.
|
1A6 DBCIDCA11A24BG1 |
GENERAL PURPOSE SILICON RECTIFIER IDC IDC DIP PLUG (TRANSITION) 2.0mm
|
Diotech Company. DIOTEC Electronics Corporation
|
|