PART |
Description |
Maker |
ZXLD1366 |
High accuracy 1A, 60V LED driver with internal switch
|
Diodes Incorporated
|
ZXLD136610 |
HIGH ACCURACY 1A, 60V LED DRIVER WITH INTERNAL SWITCH
|
Diodes Incorporated
|
MAX814 MAX814C MAX815 MAX815C MAX815CPA MAX815CSA |
-1% accuracy, low-power, microprocessor supervisory circuit. Reset trip threshold (min) 4.50V (max) 4.60V, push-pull active-low reset output, push-pull active-high reset output, manual reset, power-fail monitor, low-line detector. -1% accuracy, low-power, microprocessor supervisory circuit. Reset trip threshold (min) 3.00V (max) 3.06V, push-pull active-low reset output, manual reset, power-fail monitor, watchdog circuit. 【1% Accuracy, Low-Power, 3V and 5V レP Supervisory Circuits 1% Accuracy Low-Power 3V and 5V P Supervisory Circuits 1% Accuracy, Low-Power, 3V and 5V P Supervisory Circuits ±1% Accuracy, Low-Power, 3V and 5V μP Supervisory Circuits ??% Accuracy, Low-Power, 3V and 5V ?? Supervisory Circuits -1% accuracy, low-power, microprocessor supervisory circuit. Reset trip threshold (min) 3.00V (max) 3.06V, push-pull active-low reset output, push-pull active-high reset output, manual reset, power-fail monitor, low-line detector. -1% accuracy, low-power, microprocessor supervisory circuit. Reset trip threshold (min) 4.50V (max) 4.60V, push-pull active-low reset output, manual reset, power-fail monitor, watchdog circuit.
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] MAXIM INTEGRATED PRODUCTS INC
|
ADP3303 ADP3303AR-27 ADP3303AR-3 ADP3303AR-32 ADP3 |
High Accuracy anyCAP?200 mA Low Dropout Linear Regulator High Accuracy anyCAP® 200 mA Low Dropout Linear Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO8 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 2.7 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO8 RECTIFIER SCHOTTKY DUAL 40A 30V 375A-ifsm 0.58V-vf 1mA-ir TO-3P 30/TUBE RECTIFIER SCHOTTKY SINGLE 5A 30V 175A-ifsm 0.55V-vf 0.5mA-ir TO220AC 50/TUBE RECTIFIER SCHOTTKY DUAL 40A 50V 375A-ifsm 0.7V-vf 1mA-ir TO-3P 30/TUBE High Accuracy anyCAP® 200 mA Low Dropout Linear Regulator High Accuracy anyCAP 200 mA Low Dropout Linear Regulator High Accuracy anyCAP⑩ 200 mA Low Dropout Linear Regulator High Accuracy anyCAP?/a> 200 mA Low Dropout Linear Regulator
|
Analog Devices, Inc. AD[Analog Devices]
|
MAX670 MAX6700 MAX6700-MAX6710 MAX6700UT-T MAX6710 |
In1 adj, In2 Vcc, In3 adj , Low-voltage, high-accuracy, triple/quad voltage mP supervisory circuit In1 adj, In2 3 V, In3 1.8 V , Low-voltage, high-accuracy, triple/quad voltage mP supervisory circuit In1 adj, In2 3 V, In3 2.5 V , Low-voltage, high-accuracy, triple/quad voltage mP supervisory circuit In1 adj, In2 3.3 V, In3 1.8 V , Low-voltage, high-accuracy, triple/quad voltage mP supervisory circuit In1 adj, In2 3.3 V, In3 2.5 V , Low-voltage, high-accuracy, triple/quad voltage mP supervisory circuit In1 5 V, In2 3.3 V, In3 adj , Low-voltage, high-accuracy, triple/quad voltage mP supervisory circuit Low-Voltage, High-Accuracy, Triple/Quad Voltage µP Supervisory Circuits in SOT Package Low-Voltage, High-Accuracy, Triple/Quad Voltage μP Supervisory Circuits in SOT Package Low-Voltage, High-Accuracy, Triple/Quad Voltage P Supervisory Circuits in SOT Package Low-Voltage, High-Accuracy, Triple/Quad Voltage レP Supervisory Circuits in SOT Package Low-Voltage / High-Accuracy / Triple/Quad Voltage P Supervisory Circuits in SOT Package Low-Voltage.High-Accuracy.Triple/Quad Voltage µ.P Supervisory Circuits in SOT Package 低电压、高精度、三/四路电压、微处理器监控电路,SOT封装 In1 5 V, In2 3.3 V, In3 2.5 V, Low-voltage, high-accuracy, triple/quad voltage mP supervisory circuit In1 5 V, In2 3.3 V, In3 1.8 V, Low-voltage, high-accuracy, triple/quad voltage mP supervisory circuit In1 adj V, In2 3.3 V, In3 2.5 V, Low-voltage, high-accuracy, triple/quad voltage mP supervisory circuit
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
BCP56M |
NPN Silicon AF Transistor for AF driv...
|
Infineon
|
ADP3334ACP-REEL7 ADP3334AR-REEL ADP3334AR-REEL7 AD |
High Accuracy Low I<SUB>Q</SUB>, 500 mA anyCAP® Adjustable Low Dropout Regulator High Accuracy Low IQ, 500 mA anyCAP® Adjustable Low Dropout Regulator Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 1.5 V-10 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO8 High Accuracy, Low IQ, anyCAP? Adjustable Low Dropout Regulator
|
Analog Devices, Inc.
|
2SC1722 |
LOW FREQUENCY POWER AMPLIFIER TV HORIZONTAL/VERTICAL DRIV
|
Unknow
|
2SD2318 2SD2318V |
High-current gain Power Transistor (-60V/ -3A) Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset High-current gain Power Transistor(60V/ 3A) High-current gain Power Transistor(60V, 3A)
|
Rohm CO.,LTD.
|
2SA1290 |
60V/7A High-Speed Switching Applications 60V/7A高速开关应
|
Sanyo Electric Co., Ltd. Sanyo Semicon Device
|
|