PART |
Description |
Maker |
1.5KE24ARL4 1.5KE220AG 1.5KE27ARL4G 1.5KE110ARL4G |
1500 Watt Mosorb TM Zener Transient Voltage Suppressors 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
ON Semiconductor
|
1.5KE20AG 1.5KE16AG |
1500 Watt Mosorb TM Zener Transient Voltage Suppressors 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
ON Semiconductor
|
SMCJ15 SMCJ16 SMCJ43 SMCJ5.0 SMCJ9.0 SMCJ6.0 SMCJ1 |
1500 Watts Suface Mount Transient Voltage Suppressor 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB
|
Taiwan Semiconductor Company, Ltd Taiwan Semiconductor Co...
|
STFW4N150 STFV4N150 STFV4N15008 STP4N150 STW4N150 |
N-channel 1500 V - 5 楼? - 4 A - PowerMESH垄芒 Power MOSFET TO-220 - TO-220FH - TO-247 - TO-3PF N-channel 1500 V - 5 Ω - 4 A - PowerMESH Power MOSFET TO-220 - TO-220FH - TO-247 - TO-3PF N-channel 1500 V - 5 Ω - 4 A - PowerMESH?/a> Power MOSFET TO-220 - TO-220FH - TO-247 - TO-3PF
|
STMicroelectronics
|
SSM3J02T |
1500 mA, 30 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
|
R9G23215 R9G22015 R9G22815 R9G22215 R9G21415 R9G23 |
1500 A, 3000 V, SILICON, RECTIFIER DIODE Fast Recovery Rectifier (1500 Amperes Average 3600 Volts) 快速恢复整流器(一五?安培平600伏特
|
Powerex Power Semicondu... POWEREX[Powerex Power Semiconductors] Powerex, Inc.
|
SGL40N150DTU |
40 A, 1500 V, N-CHANNEL IGBT, TO-264AA TO-264, 3 PIN
|
Fairchild Semiconductor, Corp.
|
1.5KE180 1.5KE33A 1.5KE16C 1N6268A 1N6303 1.5KE51 |
1500W Unidirectional and Bidirectional Transient Voltage Suppressor Diodes 18 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 36 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 8.2 V, 10 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 10 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 320 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 43 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 24 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 12 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode Transient Voltage Suppressor (TVS) 瞬态电压抑制器(TVS 56 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 33 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 6.8 V, 10 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 75 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 68 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 47 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 130 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode
|
Fagor List of Unclassifed Manufac... List of Unclassifed Manufacturers ETC[ETC] Jameco Electronics TE Connectivity, Ltd. Electronic Theatre Controls, Inc. Ecliptek, Corp. IDEC, Corp. List of Unclassifed Man...
|
JDC-20-5 |
Directional Coupler 50楼? 50 to 1500 MHz Directional Coupler 50惟 50 to 1500 MHz Directional Coupler 50Ω 50 to 1500 MHz
|
Mini-Circuits
|
1N6139A 1N6143A 1N6171A 1N6173A 1N6138A 1N6140A 1N |
QPL 1500 Watt Axial Leaded TVS 七匹500瓦特轴向引线二极 1500 Watt Axial Leaded TVS(轴向引脚500W,最大钳位电18.4V,瞬变电压抑制 1500瓦特轴向引线二极管(轴向引脚500W的,最大钳位电18.4V,瞬变电压抑制器 HC-HV 10-ESTS 七匹500瓦特轴向引线二极 1500 Watt Axial Leaded TVS(轴向引脚500W,最大钳位电B>33.3V,瞬变电压抑制
|
Semtech, Corp. SEMTECH[Semtech Corporation]
|
|