PART |
Description |
Maker |
VKO55-14IO7 VKO55-16IO7 VKO55-12IO7 VGO55-08IO7 VG |
Single Phase Rectifier Bridge 41 A, 1600 V, SCR Single Phase Rectifier Bridge 41 A, 1400 V, SCR Single Phase Rectifier Bridge 41 A, 1200 V, SCR Single Phase Rectifier Bridge 41 A, 800 V, SCR Power Modules/Rectifier Bridge Modules: Single Phase Half-control Bridges / Single Phase, Full-control Rectifier Bridges
|
IXYS, Corp. IXYS[IXYS Corporation]
|
VUO30-14NO3 VUO30-18NO3 VUO30 VUO30-08NO3 VUO30-12 |
Three Phase Rectifier Bridge 3 PHASE, 50 A, 1800 V, SILICON, BRIDGE RECTIFIER DIODE Three Phase Rectifier Bridge 3 PHASE, 50 A, 1200 V, SILICON, BRIDGE RECTIFIER DIODE Three Phase Rectifier Bridge 3 PHASE, 50 A, 1400 V, SILICON, BRIDGE RECTIFIER DIODE Three Phase Rectifier Bridge 3 PHASE, 50 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE Three Phase Rectifier Bridge 3 PHASE, 50 A, 1600 V, SILICON, BRIDGE RECTIFIER DIODE Power Modules/Rectifier Bridge Modules: Three Phase Diode Bridges
|
IXYS, Corp. IXYS[IXYS Corporation]
|
VHF15-16IO5 VHF15-08IO5 VHF15-12IO5 VHF15-14IO5 VH |
Power Modules/Rectifier Bridge Modules: Single Phase Half-control Bridges / Single Phase, Full-control Rectifier Bridges From old datasheet system Half Controlled Single Phase Rectifier Bridge(VRRM00-1600V的半桥控制单相位整流 Insulation Displacement (IDC) Connector; No. of Contacts:60; Contact Termination:IDC; Gender:Female; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Pitch Spacing:0.05" RoHS Compliant: Yes 15 A, 800 V, SCR Half Controlled Single Phase Rectifier Bridge 15 A, 1200 V, SCR
|
IXYS[IXYS Corporation] IXYS, Corp.
|
DB35-00506 DB35-10 DB35-01 |
Three-Phase Si-Bridge Rectifiers 3 PHASE, 35 A, 100 V, SILICON, BRIDGE RECTIFIER DIODE CMOS, Low Voltage, Single 8 to 1 Multiplexer 3 PHASE, 35 A, 1000 V, SILICON, BRIDGE RECTIFIER DIODE
|
Semikron International
|
VBE20 VBE20-20NO1 |
Power Modules/Rectifier Bridge Modules: Single Phase Diode Bridges Single Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
|
IXYS[IXYS Corporation]
|
MDB6S MDB10S MDB8S |
1A, 600V, MicroDIP, Single-Phase Bridge Rectifier 1A, 1000V, MicroDIP, Single-Phase Bridge Rectifier 1A, 800V, MicroDIP, Single-Phase Bridge Rectifier
|
Fairchild Semiconductor
|
VBE100-06NO7 |
Power Modules/Rectifier Bridge Modules: Single Phase Diode Bridges with Fast Recovery Diodes Single Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED) 100 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE
|
IXYS[IXYS Corporation] IXYS, Corp.
|
VHFD37-16IO1 VHFD37-08IO1 VHFD37-12IO1 VHFD37-14IO |
Half Controlled Single Phase Rectifier Bridge Including Freewheeling Diode and Field Diodes 31 A, 1600 V, SCR Half Controlled Single Phase Rectifier Bridge Including Freewheeling Diode and Field Diodes 31 A, 1200 V, SCR Power Modules/Rectifier Bridge Modules: Single Phase Half-control Bridges / Single Phase, Full-control Rectifier Bridges
|
IXYS, Corp. IXYS[IXYS Corporation]
|
VHF25-08IO7 VHF25-06IO7 VHF25-12IO7 |
Single Phase Rectifier Bridge Power Modules/Rectifier Bridge Modules: Single Phase Half-control Bridges / Single Phase, Full-control Rectifier Bridges
|
IXYS Corporation
|
VUC25 VUC25-12GO2 VUC25-14GO2 VUC25-16GO2 |
Power Modules/Rectifier Bridge Modules: Single Phase Diode Bridges with Fast Recovery Diodes Three Phase Rectifier Bridge
|
IXYS[IXYS Corporation]
|
VBO40 VBO40-12NO6 VBO40-16NO6 VBO40-08NO6 |
Power Modules/Rectifier Bridge Modules: Single Phase Diode Bridges Single Phase Rectifier Bridge
|
IXYS[IXYS Corporation]
|
VBO68-14NO7 VBO68 VBO68-16NO7 VBO68-08NO7 VBO68-12 |
Power Modules/Rectifier Bridge Modules: Single Phase Diode Bridges Single Phase Rectifier Bridge
|
IXYS[IXYS Corporation]
|