PART |
Description |
Maker |
MPM3515GQV-AEC1 MPM3515GQVE-AEC1 |
36V, 1.5A Module, Synchronous, Step-Down Converter with an Integrated Inductor AEC-Q100 Qualified
|
Monolithic Power System...
|
LT1912EDDPBF LT1912EMSETRPBF LT1912-15 |
36V, 2A, 500kHz Step-Down Switching Regulator; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 36V, 2A, 500kHz Step-Down Switching Regulator; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 125°C 36V, 2A, 500kHz Step-Down Switching Regulator
|
LINEAR TECHNOLOGY CORP
|
MP4460DQ |
2.5A, 4MHz, 36V Step-Down Converter
|
Monolithic Power Systems
|
LT3932-1 |
36V, 2A Synchronous Step-Down LED Driver
|
Linear Technology
|
LT3684 LT3684EDD LT3684EMSE LT3684IDD LT3684IMSE |
36V, 2A, 2.8MHz Step-Down Switching Regulator
|
Linear Technology
|
LT3693 LT3693EMSE-PBF LT3693EMSE-TRPBF |
36V, 3.5A, 2.4MHz Step-Down Switching Regulator
|
Linear Technology Corporation
|
MPQ4458DQT |
Industrial Grade ,1A, 4MHz, 36V Step-Down Converter
|
Monolithic Power Systems
|
EV4420H-J-01A |
2A, 36V, Synchronous Step Down Converter Evaluation Board
|
Monolithic Power System...
|
MAX1695512 |
36V, 1MHz Step-Down Controller with Low Operating Current
|
Maxim Integrated Products
|
MAX16952 |
36V, 2.2MHz Step-Down Controller with Low Operating Current
|
Maxim Integrated Products
|
MAX16907RATE/V |
36V, 2.2MHz Step-Down Converter with Low Operating Current
|
MAXIM - Dallas Semiconductor
|