PART |
Description |
Maker |
LTC3826IG-1 LTC3826IG-1-PBF LTC3826IG-1-TR LTC3826 |
30µA IQ, Dual, 2-Phase Synchronous Step-Down Controller; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 125°C 30μA IQ, Dual, 2-Phase Synchronous Step-Down Controller 30楼矛A IQ, Dual, 2-Phase Synchronous Step-Down Controller
|
LINEAR TECHNOLOGY CORP
|
LTC3412 |
2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator 4MHz, 2.5A Synchronous Step-Down DC/DC Converter
|
Linear Technology
|
MB3883PFV MB3883PV |
6-ch DC/DC Converter IC With Synchronous Rectification for voltage step-up and step-down
|
Fujitsu Component Limited.
|
LTC1709EG-9 LTC1709-9 LTC1709-8 LTC1709EG-8 170989 |
CHOKE COIL 33UH 260MA SMD From old datasheet system 2-Phase/ 5-Bit VID/ Current Mode/ High Efficiency/ Synchronous Step-Down Switching Regulators 2-Phase, 5-Bit VID,Synchronous Step-Down Switching Regulators 2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulators
|
Linear Technology Corporation LINER[Linear Technology]
|
ADP1148-3.3 ADP1148-5 ADP1148AN-3.3 ADP1148AR-3.3 |
InputV: 0.3-20V; 50mA; high efficiency synchronous step-down switching regulator. For notebook and palmtop computers, portable instrumnets, battery operated digital devices 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C High Efficiency Synchronous Step-Down Switching Regulators(高效率同步步降开关稳压器)
|
Analog Devices, Inc.
|
LTC3427 LTC3427EDC LTC3427EDCTRM |
500mA, 1.25MHz Synchronous Step-Up DC/DC Converter in 2mm x 2mm DFN Package; Package: DFN; No of Pins: 6; Temperature Range: -40°C to 125°C 0.5 A SWITCHING REGULATOR, 1500 kHz SWITCHING FREQ-MAX, PDSO6 500mA, 1.25MHz Synchronous Step-Up DC/DC Converter in 2mm × 2mm DFN Package 500mA, 1.25MHz Synchronous Step-Up DC/DC Converter in 2mm 】 2mm DFN Package
|
Linear Technology, Corp.
|
MP2162A MP2162AGQH MP2162AGQH-P MP2162AGQHT MP2162 |
2A, 6V, 1.5MHz, 17uA IQ, COT Synchronous Step-Down Converter 2A, 6V, 1.5MHz, 17μA IQ, COT Synchronous Step-Down Converter
|
Monolithic Power System... MPS Industries, Inc.
|
LTC1879 LTC1879EGN |
1.2A Synchronous Step-Down Regulator with 15mA Quiescent Current 1.2A Synchronous Step-Down Regulator with 15uA Quiescent Current
|
Linear Technology
|
LTC3826IUH LTC3826IUH-PBF LTC3826IUH-TR LTC3826IUH |
30楼矛A IQ, Dual, 2-Phase Synchronous Step-Down Controller 30μA IQ, Dual, 2-Phase Synchronous Step-Down Controller
|
Linear Technology
|
LTC1876EGTRPBF |
High Efficiency, 2-Phase, Dual Synchronous Step-Down Switching Controller and Step-Up Regulator; Package: SSOP; No of Pins: 36; Temperature Range: -40°C to 125°C
|
LINEAR TECHNOLOGY CORP
|