PART |
Description |
Maker |
APU8831 |
300mA ULTRA LOW DROPOUT REGULATORS
|
Advanced Power Electronics Corp.
|
EUP7987-25VIR1 EUP7987-18VIR0 |
300mA Low-Noise Ultra Low-Dropout CMOS Regulator 300mA的低噪声超低压差稳压器的CMOS
|
Eutech Microelectronics, Inc. 寰蜂俊绉???′唤??????
|
AS1359-BTTT-27 AS1359-BTTT-33 AS1359-BTTT-15 AS135 |
150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators
|
ams AG
|
L1127L-XX-AF5-R L1127G-XX-AF5-R |
ULTRA-LOW-NOISE, HIGH-SPEED, LOW-DROPOUT, 300mA LINEAR REGULATOR
|
Unisonic Technologies
|
MIC5323-1.8YMT MIC5323-1.8YD5 MIC5323-3.3YMT MIC53 |
High PSRR Low Noise 300mA μCap Ultra-Low Dropout LDO Regulator
|
Micrel Semiconductor
|
AZ2940T-5.0TR AZ2940D-5.0TRE1 AZ2940S-5.0TRE1 AZ29 |
10/PG/OP/LL/SLT/MTG FLNG 1A ULTRA LOW DROPOUT LINEAR REGULATOR 5 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO2 1A ULTRA LOW DROPOUT LINEAR REGULATOR 5 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO3 1A ULTRA LOW DROPOUT LINEAR REGULATOR 2.5 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO2 1A ULTRA LOW DROPOUT LINEAR REGULATOR 1A超低差线性稳压器 1A ULTRA LOW DROPOUT LINEAR REGULATOR A超低差线性稳压器 1A ULTRA LOW DROPOUT LINEAR REGULATOR 3.3 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO2
|
BCD Semiconductor Manufacturing Limited BCD Semiconductor Manufacturing, Ltd. BCD SEMICONDUCTOR MANUFACTURING LTD
|
SPX2808M3-3.3_TR SPX2808M3-3.5_TR SPX2808 SPX2808M |
300mA Low Dropout Voltage Regulator 300mA Low Dropout Voltage Regulator, 3% 300mA Low Dropout Voltage Regulator, 2% 3.5 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PDSO4 LEAD FREE, SOT-223, 3 PIN 3.5 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSSO3 LEAD FREE, SOT-89, 3 PIN
|
SIPEX[Sipex Corporation] Exar, Corp.
|
B4300CN-5.7 B4300CR-5.7 B4300CN-2.0 B4300CN-2.1 B4 |
5.7V 300mA CMOS low dropout LDO 300 mA CMOS Low Dropout LDO 2.0V 300mA CMOS low dropout LDO 2.1V 300mA CMOS low dropout LDO 2.3V 300mA CMOS low dropout LDO 2.2V 300mA CMOS low dropout LDO 2.4V 300mA CMOS low dropout LDO 2.5V 300mA CMOS low dropout LDO 2.6V 300mA CMOS low dropout LDO 2.7V 300mA CMOS low dropout LDO 2.8V 300mA CMOS low dropout LDO 2.9V 300mA CMOS low dropout LDO 6.0V 300mA CMOS low dropout LDO 4.3V 300mA CMOS low dropout LDO 4.2V 300mA CMOS low dropout LDO 5.9V 300mA CMOS low dropout LDO
|
BayLinear
|
SPX1521 SPX1521M3 SPX1521M3-2.5 SPX1521M3-3.3 SPX1 |
300mA Low Dropout Voltage Regulator 300mA低压差稳压器 Subminiature - Sealed MICROSWITCH, SPDT, PLUNGER ACTUATOR; Current, contact AC:5A; Force, operating:204gf; Travel, pre:1.0mm; Centres, fixing LxW:22.2mm; Temp, op. max:120(degree C); Temp, op. min:-40(degree C); Length / Height, external:9.25mm; Width, RoHS Compliant: Yes 300mA Low Dropout Voltage Regulator, 1%
|
NXP Semiconductors N.V. http:// SIPEX[Sipex Corporation]
|
AP7335 AP7335-08SNG-7 AP7335-08WG-7 AP7335-10SNG-7 |
1.2 V FIXED POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PDSO6 300mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
|
http:// Diodes Incorporated
|
CLM2810 CLM2810-33 CLM2810AT CLM2810AT-X CLM2810M |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection ADJUSTABLE POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3 2.85V / 1.0A Low Dropout Regulator 10V / 1.0A Low Dropout Regulator 12V / 1.0A Low Dropout Regulator 3.3V / 1.0A Low Dropout Regulator Ajustable 1.0A Low Dropout Regulator
|
Calogic LLC CALOGIC[Calogic, LLC] Calogic LLC
|