PART |
Description |
Maker |
1N1202C S2580 S25160 1N1199C 1N1203C 1N1204C 1N120 |
Standard Rectifier (trr more than 500ns) SILICON POWER RECTIFIER CONN L/FORK INSUL 12-10 AWG #6
|
MICROSEMI[Microsemi Corporation]
|
2SC3306 E000824 |
NPN TRIPLE DIFFUSED TYPE (SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING/ HIGH SPEED DC-DC CONVERTER APPLICATION) From old datasheet system SWITCHING TEGULATOR AND HIGH VOLTAGE SWITCHING APPLICATIONS
|
Toshiba
|
2SA1759 A5800340 2SC4620 2SC4505 2SA1759T100P |
Transistors > Medium Power Bipolar Transistors(0.5W-1.0W) From old datasheet system High-Voltage Switching Transistor (Camera strobes and Telephone, Power supply) (-400V, -0.1A) High-Coltage Switching Transistor
|
ROHM
|
19007-0032 19005-0001 19005-0015 19007-0029 19007- |
.187X.020 FIQD FLAG EXP. TAPED (BB-2224X 2 mm2, PUSH-ON TERMINAL Female Disconnect Solderless Terminal; Wire Size (AWG):18-22; Tab Width:0.250"; Insulator Color:Pink; Terminal Insulation:Nylon; Gender:Female 0.8 mm2, PUSH-ON TERMINAL .250X.032 FEM.FIQD COUPLER TP (C-2265T) 5 mm2, PUSH-ON TERMINAL CONN .187 FLAG INSUL 14-16AWG 2 mm2, PUSH-ON TERMINAL .250X.032 FIQD FLAG STRIP(AA-2220Z) RoHS Compliant: Yes 0.8 mm2, PUSH-ON TERMINAL CONN .250 FLAG INSUL 18-22AWG 0.8 mm2, PUSH-ON TERMINAL .187X.020 FIQD FLAG (AA-2222) 0.8 mm2, PUSH-ON TERMINAL .187X.032 FIQD FLAG (BB-2225) 2 mm2, PUSH-ON TERMINAL CONN .250 MALE INSUL 14-16AWG 2 mm2, TAB TERMINAL 190070020
|
Molex, Inc. MOLEX INC
|
HAT1055R HAT1055RJ |
Transistors>Switching/MOSFETs Silicon P Channel Power MOS FET High Speed Power Switching
|
Renesas Electronics Corporation
|
2SJ529 2SJ529L 2SJ529S |
Power switching MOSFET Silicon P Channel MOS FET High Speed Power Switching
|
HITACHI[Hitachi Semiconductor]
|
BD9120HFN BD9106FVM BD9106FVM09 BD9107FVM BD9109FV |
2 A SWITCHING REGULATOR, 1200 kHz SWITCHING FREQ-MAX, PDSO8 5 X 6 MM, ROHS COMPLIANT, SON-8 High-efficiency Step-down Switching Regulators with Built-in Power MOSFET
|
Rohm
|
GT15Q301 |
N CHANNEL IGBT (HIGH POWER SWITCHING, MOTOR CONTROL APPLICATIONS) Silicon N-Channel IGBT for High Power Switching Application(用于大功率转换的N沟道绝缘栅双极型晶体
|
http:// TOSHIBA[Toshiba Semiconductor] Toshiba Corporation
|
MP4401 E002512 |
HIGH POWER, HIGH SPEED SWITCHING APPLICATIONS HAMMER DRIVE, PULSE MOTOR DRIVE AND INDUCTIVE LOAD SWITCHING From old datasheet system
|
Toshiba
|
MP4501 |
N CHANNEL MSO TYPE (HIGH POWER HIGH SPEED SWITCHING APPLICATIONS HAMMER DRIVE, PULSE MOTOR DRIVE AND INDUCTIVE LOAD SWITCHING)
|
TOSHIBA[Toshiba Semiconductor]
|
MP441007 MP4410 |
High Power, High Speed Switching Applications Hammer Drive, Pulse Motor Drive and Inductive Load Switching
|
Toshiba Semiconductor
|
MP4514 |
Power Transistor Module Silicon NPN Epitaxial Type (Darlington power transistor 4 in 1) High Power Switching Applications. Hammer Drive, Pulse Motor Drive and Inductive Load Switching.
|
TOSHIBA[Toshiba Semiconductor]
|