PART |
Description |
Maker |
BR93A76RFJ-WME2 BR93A46FJ-WME2 BR93A76RFVM-WM BR93 |
Automotive Microwire BUS 8Kbit(512x16bit) EEPROM Automotive Microwire BUS 1Kbit(64x16bit) EEPROM Automotive Microwire BUS 2Kbit(128x16bit) EEPROM Automotive Microwire BUS 4Kbit(256x16bit) EEPROM
|
ROHM
|
93AA66XT_SN 93AA46_P 93AA46_SM 93AA46_SN 93AA46_04 |
This datasheet is compatible with the following devices: 93AA46A/B/C, 93LC46A/B/C, 93C46A/B/C 1K Microwire-Compatible Serial EERPOM. 1K/2K/4K 1.8V Microwire Serial EEPROM
|
MICROCHIP[Microchip Technology]
|
NM93C06EM8 NM93C06EMT8 NM93C06EN NM93CS06EMT8 NM93 |
256-Bit Serial CMOS EEPROM (MICROWIRE?/a> Synchronous Bus) The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 16 X 16 MICROWIRE BUS SERIAL EEPROM, PDIP8 Card Edge Connector; No. of Contacts:40; Pitch Spacing:0.1" RoHS Compliant: Yes 256-Bit Serial CMOS EEPROM (MICROWIRE⑩ Synchronous Bus) 256-BIT SERIAL CMOS EEPROM (MICROWIRE⒙ SYNCHRONOUS BUS) 256-Bit Serial CMOS EEPROM (MICROWIRE Synchronous Bus) 256-Bit Serial CMOS EEPROM (MICROWIRE?Synchronous Bus)
|
Fairchild Semiconductor, Corp. EEPROM Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
93LC86 93LC86/SN |
8K/16K 2.5V Microwire Serial EEPROM 1K X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8
|
Microchip Technology
|
93LC66B-ISM 93LC66A 93LC66A-ST 93LC66A-SN 93LC66A- |
4K 2.5V Microwire Serial EEPROM(4K2.5V,具上掉电数据保护电路,Microwire接口EEPROM) 4K 2.5V Microwire Serial EEPROM
|
http:// Microchip Technology Inc.
|
CAT93C46RLI-G CAT93C46RVI-GT3 CAT93C46RVP2IGT3 CAT |
1 kb Microwire Serial EEPROM 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8
|
Rectron Semiconductor
|
M93S56 M93S46 M93S66 5124 M93S56-W |
4KBIT, 2KBIT AND 1KBIT (X16) SERIAL MICROWIRE BUS EEPROM WITH BLOCK PROTECTION 4K/2K/1K (x16) Serial Microwire Bus EEPROM with Block Protection From old datasheet system 4K-2K-1K (X16) SERIAL MICROWIRE BUS EEPROM WITH BLOCK PROTECTION
|
STMicro ST Microelectronics
|
93LC76 93LC76-IP 93LC76-ISN 93LC76-P 93LC76-SN 93L |
16-Bit Registered Transceivers With 3-State Outputs 56-TSSOP -40 to 85 8K/16K 2.5V的微型导线串行EEPROM 8K/16K 2.5V Microwire Serial EEPROM 8K/16K 2.5V的微型导线串行EEPROM 8K/16K 2.5V Microwire Serial EEPROM
|
Microchip Technology, Inc. MICROCHIP[Microchip Technology]
|
IS93C46D-3PA3 IS93C46D-2NLI |
64 X 16 MICROWIRE BUS SERIAL EEPROM, PDIP8 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO6
|
INTEGRATED SILICON SOLUTION INC
|
ST93CS56M6013TR ST93CS57M6013TR ST93CS56 ST93CS56B |
2K (128 x 16 ) Serial Microwire EEPROM(2K位串行EEPROM) 2K 128 x 16 SERIAL MICROWIRE EEPROM 2K (128 x 16) SERIAL MICROWIRE EEPROM
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics SGS Thomson Microelectronics
|
ST93C57B1013TR ST93C57B1TR ST93C57B3013TR ST93C57B |
2K 128 x 16 or 256 x 8 SERIAL MICROWIRE EEPROM 2K 128 x 16 or 256 x 8 SERIAL MICROWIRE EEPROM 2K 128 x 1656 × 8 MICROWIRE的串行EEPROM 2K (128 x 16 or 256 x 8) SERIAL MICROWIRE EEPROM
|
STMicroelectronics N.V. 意法半导 MICROCHIP[Microchip Technology] STMICROELECTRONICS[STMicroelectronics] ST Microelectronics SGS Thomson Microelectronics
|
AK93C55C AK93C45CU AK93C45C AK93C45CL AK93C45CT AK |
256 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 1K/2K/4Kbit Serial CMOS EEPROM
|
Asahi Kasei Microsystems
|