PART |
Description |
Maker |
B59506A0120A020 B59502A0120A020 B59501A0135A020 B5 |
Motor Starting 电动机起
|
EPCOS AG
|
B59501A0135A020 B59506A0120A020 |
PTC thermistors for motor starting
|
EPCOS
|
2SK296802 2SK2968 |
Field Effect Transistor Silicon N Channel MOS Type (pi-MOSIII) Relay Drive, DC .DC Converter and Motor Drive Applications DC−DC Converter, Relay Drive and Motor Drive Applications
|
Toshiba Semiconductor
|
2SD2212T100 2SD1866TV2 |
Medium Power Transistor (Motor, Relay drive) (60V,10V, 2A) Medium Power Transistor (Motor, Relay drive) (60?0V, 2A)
|
Rohm Littelfuse Renesas Electronics Corporation
|
5CLPT-GNM-A 2NCLPT-1E 5.5ABWNA0.5E 5.5ABWNA1E 5.5A |
PT Medium voltage fuses for potential and small power transformers PT Medium voltage fuses for potential and small power transformers
|
Cooper Bussmann, Inc.
|
TEA1202TS TEA1202TS_2 TEA1202TS/N2 |
TEA1202TS; 0.95 V starting power unit From old datasheet system
|
Philips
|
2SD2615 |
For Motor / Relay drive (120V, 6A)
|
Rohm
|
BTS244Z BTS244-Z |
Transient Voltage Suppressor Diodes Speed TEMPFET(N-Channel Enhancement mode Logic Level Input Potential-free temperature sensor with thyristor characteristics)
|
Infineon Technologies AG
|
RIF-1-RSC-LDP-24DC |
Pre-assembled relay module with screw connection, consisting of: relay base, relay retaining bracket, and power contact relay with test button, integrated status LED, and freewheeling diode.
|
PHOENIX CONTACT
|
JM1AN-P-DC12V-F JM1AN-P-DC24V-F JM1AN-P-DC48V-F JM |
Ideal for compressor and motor control Inrush 80A, 1a 20A power relay
|
Panasonic Semiconductor
|
AN1504 |
ST7 - STARTING A PWM SIGNAL DIRECTLY AT HIGH LEVEL USING THE ST7 16-BIT TIMER
|
SGS Thomson Microelectronics
|