PART |
Description |
Maker |
LT1111CS8-5TRPBF LT1111IS8-5 LT1111IJ8-5 LT1111IN8 |
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 1.5 A SWITCHING REGULATOR, 88 kHz SWITCHING FREQ-MAX, PDSO8 SWITCHING REGULATOR, PDSO8 SWITCHING REGULATOR, CDIP8 SWITCHING REGULATOR, PDIP8
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LM2575TV-005 LM2575D2T-ADJR4 |
Isolated Flyback Switching Regulator with 9V Output 3.2 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSFM5 1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator 3.2 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSSO5
|
ON Semiconductor
|
MC33363APG |
High Voltage Switching Regulator 1.5 A SWITCHING REGULATOR, 315 kHz SWITCHING FREQ-MAX, PDIP16
|
ON Semiconductor
|
BD9130NV BD9130NV09 BD9130NV-E2 |
2 A SWITCHING REGULATOR, 1200 kHz SWITCHING FREQ-MAX, DSO8 5 X 6 MM, 1.27 MMPITCH, LEAD FREE, SON-8 Output 2A or More High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
|
Rohm
|
LT1959 LT1959C LT1959IRPBF |
4.5A/ 500kHz Step-Down Switching Regulator 4.5A, 500kHz Step-Down Switching Regulator; Package: DD PAK; No of Pins: 0; Temperature Range: -40°C to 85°C 8.5 A SWITCHING REGULATOR, 560 kHz SWITCHING FREQ-MAX, PSSO7
|
Linear Technology, Corp.
|
BA9736 BA9736KV A5801101 |
Regulator LSIs > Switching regulator From old datasheet system 6-channel switching regulator controller
|
ROHM[Rohm] http://
|
LNK500GN-TL LNK500PN |
IC SWITCHER CV CV/CC EFF 8SMD 0.4 A SWITCHING REGULATOR, 49.5 kHz SWITCHING FREQ-MAX, PDSO7 0.4 A SWITCHING REGULATOR, 49.5 kHz SWITCHING FREQ-MAX, PDSO7 LEADS FREE, PLASTIC, SMT, DIP-8 IC SWITCHER CV CV/CC EFF 8DIP 0.4 A SWITCHING REGULATOR, 49.5 kHz SWITCHING FREQ-MAX, PDIP7 Energy Efficient, CV or CV/CC Switcher for Very Low Cost Adapters and Chargers
|
Power Integrations, Inc.
|
LM2575-12 LM2575-12BN LM2575-12BT LM2575-12BU LM25 |
52kHz Simple 1A Buck Regulator 3.2 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSSO5 52kHz Simple 1A Buck Regulator(固定频率52kHz 输出电流 1A 可调转换电压步降稳压 52kHz简A降压稳压器(固定频率52kHz输出电流1A条可调转换电压步降稳压器 52kHz Simple 1A Buck Regulator 3.2 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PDIP16 Advanced LinCMOS(TM) Precision Chopper-Stabilized Operational Amplifier 14-PDIP 3.2 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSSO5 52kHz Simple 1A Buck Regulator 3.2 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PDSO24 52kHz Simple 1A Buck Regulator 3.2 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, SFM5 Advanced LinCMOS(TM) Precision Chopper-Stabilized Operational Amplifier 8-PDIP 52kHz Simple 1A Buck Regulator(固定频率B>52kHz 输出电流 1A 可调转换电压步降稳压
|
Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
LM257509 LM2575-12WT LM2575-5.0BWMTAMPR MICRELINC- |
52kHz Simple 1A Buck Regulator 3.2 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, SFM5 3.2 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PDSO24
|
Micrel Semiconductor, Inc. MICREL INC
|
EL7536 EL7536IY-T13 EL7536IY-T7 EL7536IYZ-T7 EL753 |
Monolithic 1A Step-Down Regulator 1.2 A SWITCHING REGULATOR, 1750 kHz SWITCHING FREQ-MAX, PDSO10 1 in Dia., 1 Amp Multi Deck Rotary Switch 1.2 A SWITCHING REGULATOR, 1750 kHz SWITCHING FREQ-MAX, PDSO10 Intersil
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
LTC1504A LTC1504AC LTC1504ACS8 LTC1504ACS8-3.3 LTC |
Hex 2-Line To 1-Line Universal Multiplexers With 3-State Outputs 24-PDIP 0 to 70 1 A SWITCHING REGULATOR, 300 kHz SWITCHING FREQ-MAX, PDSO8 500mA Low Voltage Step-Down Synchronous Switching Regulator
|
Linear Technology, Corp.
|
|