PART |
Description |
Maker |
AHF28XX 5962-9160001 5962-9211101 5962-9235101 596 |
Hi-Rel DC-DC Standard Dual Converter in a AHF package Hi-Rel DC-DC Standard Single Converter in a AHF package Contact Gender:Pin; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:25-24 RoHS Compliant: No Contact Gender:Pin; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:25-43 RoHS Compliant: No LJT 61C 61#20 SKT RECP Contact Gender:Pin; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:25-19 RoHS Compliant: No Contact Gender:Pin; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:25-35 RoHS Compliant: No Contact Gender:Socket; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:25-46 RoHS Compliant: No LJT 29C 29#16 PIN RECP Contact Gender:Pin; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:25-29 RoHS Compliant: No Contact Gender:Pin; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:25-61 RoHS Compliant: No LJT 24C 12#16 12#12 PIN RECP Circular Connector; No. of Contacts:56; Series:MS27468; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:25; Circular Contact Gender:Socket; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:25-4 RoHS Compliant: No LJT 46C 40#20 4#16 2#8(COAX) S 28V Input, Single and Dual Output 28V输入,单路和双路输出
|
IRF[International Rectifier] International Rectifier, Corp. OlympicControls, Corp.
|
L2004D5 L4008L6 L4008L8 L201E3 L201E5 L201E6 L201E |
Style:Jam Nut Receptacle; Circular Contact Gender:Pin; Insert Arrangement:14-5 Style:Jam Nut Receptacle; Circular Contact Gender:Pin; Insert Arrangement:14-18 Sensitive Triacs (0.8 A to 8 A) 敏感双向.8 A甲) SOCKET IC DIP 40-PIN 敏感双向.8 A甲) 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 RoHS Compliant
|
http:// LITTELFUSE[Littelfuse] Littelfuse, Inc.
|
ADT70 ADT70GR ADT70GN |
Circular Connector; No. of Contacts:5; Series:LJT07R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:15; Circular Contact Gender:Socket; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:15-5 Contact Gender:Socket; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:25-61 PRTD Conditioning Circuit and Temperature Controller
|
Analog Devices, Inc. AD[Analog Devices]
|
07106GOA 07105GOA 071 07104GOA 07104GOB 07104GOC 0 |
SILICON CONTROLLED RECTIFIER Circular Connector; No. of Contacts:41; Series:; Body Material:Aluminum; Connecting Termination:Solder; Connector Shell Size:22; Circular Contact Gender:Pin; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:22-41 Style:Jam Nut Receptacle; Circular Contact Gender:Socket; Insert Arrangement:22-41
|
MICROSEMI[Microsemi Corporation]
|
257-333Z123-8PD 257-333Z123-8PE 257-333Z123-8PB 25 |
Hermetic Jam Nut Receptacle
|
Glenair, Inc. http://
|
231-100-H7 |
Jam Nut Mount Hermetic Receptacle
|
Glenair, Inc.
|
242-383S |
Jam Nut Receptacle with Crimp Contacts
|
Glenair, Inc.
|
230-022FT10-6DW 230-022Z120-6DW 230-022FT20-6DW 23 |
Bayonet Coupling Jam Nut Mount Receptacle
|
Glenair, Inc.
|
230-019FT226P 230-019FT246P 230-019Z1186P 230-019Z |
Hermetic Receptacle, Single Hole Jam-Nut Mount
|
Glenair, Inc. http://
|
IPT07E18-11SZCSR |
Rear Panel Mount Jam Nut Receptacle Connector and Backshell
|
Glenair, Inc.
|
257-333PH-8P 257-333PH-8S 257-333PA-8P 257-333PA-8 |
Hermetic Jam Nut Receptacle with Crimp Removable Socket Contacts
|
Glenair, Inc.
|