PART |
Description |
Maker |
MX29LV081TI-70 |
USB 2.0 Cable Assembly; Connector Type A:USB Type A Male; Connector Type B:5 Way Crimp RoHS Compliant: Yes
|
Macronix International Co., Ltd.
|
USB-A-S-RA-FS USB-AP-S-RA USB-AP-S-RA-SMT USB-A-S- |
USB CONNECTOR TYPE A SINGLE PORT
|
Adam Technologies, Inc.
|
MX23L3211 MX23L3211MC-10 MX23L3211MC-12 MX23L3211R |
CONNECTOR, MINIUSB, TYPE B, PANEL MNT; Connector type:USB; Gender:Socket; Ways, No. of:4; Plating, contact:Gold; Series:BUCCANEER; Mounting type 32M-BIT MASK ROM (8/16-BIT OUTPUT)
|
Macronix International Co., Ltd. MCNIX[Macronix International]
|
36DY182F100AM2A 36DY103F100BC2A 36DY103F100CB2A 36 |
Enclosure; For Use With:19" Rack; External Depth:16"; External Width:17"; Weight:17.0oz; Enclosure Color:Natural; Enclosure Material:Aluminum; Thickness:0.050" RoHS Compliant: Yes 铝电容器85℃,大可 0.22UF 10% 50V X7R 1206 CERAMIC CHIP CAP 铝电容器85℃,大可 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT02; Number of Contacts:18; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle 铝电容器85℃,大可 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT02; No. of Contacts:18; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle 铝电容器85℃,大可 Standard Recovery Rectifier; Forward Current:25A; Forward Current Average:15.9A; Forward Current Avg Rectified, IF(AV):15.9A; Forward Surge Current Max, Ifsm:350A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes 铝电容器85℃,大可 Aluminum Capacitors 85 C, Large Can 铝电容器85℃,大可 USB Cable Assembly; Connector Type A:USB Type A; Connector Type B:USB Type B; Cable Length:3m; Leaded Process Compatible:Yes; Body Material:PVC; Peak Reflow Compatible (260 C):Yes; Voltage Rating:30V; Series:Buccaneer CONNECTOR, ETHERNET, PCB MOUNT, 8WAY; Connector type:Cat5e RJ45; Ways, No. of:8; Mounting type:PCB; IP rating:IP68 RoHS Compliant: Yes USB Cable Assembly; Connector Type A:USB Type A; Connector Type B:USB Type B; Cable Length:2m; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Voltage Rating:30V MB 3C 3#20 SKT PLUG RECTIFIER FAST-RECOVERY SINGLE 1A 600V 30A-ifsm 1.2V-vf 200ns 5uA-ir DO-41 5K/AMMO Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT02; Number of Contacts:15; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle MB 61C 61#20 PIN PLUG CAP, 0.022UF 50V 20% Z5U C1206 Connector assemblies, Network cables; Cable Length:3m; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RECTIFIER FAST-RECOVERY SINGLE 1A 600V 30A-ifsm 1.2V-vf 200ns 5uA-ir A405 5K/REEL-13 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT02; No. of Contacts:15; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. Vishay Siliconix http://
|
020133MR004S225ZL 020133MR004S325ZL 020133MR004S52 |
USB CONNECTOR R/A DIP TYPE SERIES A
|
SUYIN USA, INC.
|
MUSB-B4-S-RA-SMT |
MINI USB TYPE AB SINGLE PORT
|
Adam Technologies, Inc.
|
MUSB-AB-S-RA-TSMT-TR |
MINI USB TYPE AB SINGLE PORT
|
Adam Technologies, Inc.
|
020145MR |
USB SERIES A R/A SINGLE PORT DIP TYPE
|
SUYIN USA, INC.
|
1051311000 SD-105131-100 105131-1000 |
Combo External Serial ATA and USB Receptacles, Right Angle, Through Hole, with SMT type MOLEX Connector
|
Molex Electronics Ltd.
|
17-250041 17-250051 |
USB Patch Cords IP67 mini-B USB Plug to Standard USB Type A Plug
|
CONEC Elektronische Bauelemente GmbH
|
1051321002 SD-105132-100 105132-1002 |
Combo External Serial ATA and USB Receptacles, Right Angle, Through hole, Top Mount, Sink type MOLEX Connector
|
Molex Electronics Ltd.
|
CY7C65620 |
EZ-USB HX2LP Low-Power USB 2.0 Hub Controller Family(EZ-USB HX2LP,低功率 USB 2.0 Hub控制器系 EZ - USB HX2LP低功率USB 2.0集线器控制器家族(的EZ - USB HX2LP,低功率USB 2.0集线器控制器系列
|
Cypress Semiconductor Corp.
|