PART |
Description |
Maker |
AMIS41682CANM1G AMIS41682CANM1RG AMIS41683CANN1G A |
Fault Tolerant CAN Transceiver
|
ON Semiconductor
|
AMIS41682NGA |
Fault Tolerant CAN Transceiver
|
ON Semiconductor
|
AMIS-41682 |
Fault Tolerant CAN Transceiver
|
ON Semiconductor
|
TLE6254-3G Q67006-A9584 |
Fault Tolerant Low Speed CAN-Transceiver
|
INFINEON[Infineon Technologies AG]
|
MC33388 |
Fault Tolerant CAN Interface 容错CAN接口 MC33388 Fault Tolerant CAN Interface
|
Motorola Mobility Holdings, Inc.
|
IDT74LVC162245 IDT74LVC162245A IDT74LVC162245APA I |
IC LOGIC 162245 CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND TOLERANT I/O 3.3V -40 85C TSSOP-48 2000/REEL LVC/LCX/Z SERIES, DUAL 8-BIT TRANSCEIVER, TRUE OUTPUT, PDSO48 3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O 3.3V CMOS 16-Bit Bus Transceiver with 3-State Outputs and 5.0V Tolerant I/O
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
C9860-44 C9872-22 C9860-42 |
ST7265X - LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C, SPI SYSTEM VOLTAGE REGULATOR WITH FAULT TOLERANT LOW SPEED CAN-TRANSCEIVER 光电
|
ON Semiconductor
|
XR33052-17 |
60V Fault Tolerant 3.0V to 5.5V RS-485/RS-422 Transceivers
|
Exar Corporation
|
MAX4899AEETE MAX4899EETE |
USB 2.0 High-Speed, Fault-Tolerant 3:1, 4:1 Multiplexers
|
Maxim Integrated Products
|
MC33889DDWR2 33889 MC33889BDW MC33889BDWR2 MC33889 |
System Basis Chip with Low Speed Fault Tolerant CAN Interface
|
FREESCALE[Freescale Semiconductor, Inc]
|