PART |
Description |
Maker |
2N6404-AD 2N6400-BV 2N6403-AF 2N6405-AJ |
16 A, 600 V, SCR, TO-220AB 16 A, 50 V, SCR, TO-220AB 16 A, 400 V, SCR, TO-220AB 16 A, 800 V, SCR, TO-220AB
|
MOTOROLA INC
|
S4014BH TXN258 X0202DA X0402DE X0403ME S0402NH |
40 A, 200 V, SCR, TO-220AB TO-220AB, 3 PIN 8 A, 200 V, SCR, TO-220AB 1.25 A, 400 V, SCR, TO-92 4 A, 400 V, SCR, TO202-1 4 A, 600 V, SCR, TO202-1 4 A, 800 V, SCR, TO-220AB
|
STMICROELECTRONICS
|
CS220-25N CS220-25B CS220-25D CS220-25M |
Leaded Thyristor SCR SILICON CONTROLLED RECTIFIER 25 AMP, 200 THRU 800 VOLTS 25 A, 200 V, SCR, TO-220AB SILICON CONTROLLED RECTIFIER 25 AMP, 200 THRU 800 VOLTS 25 A, 800 V, SCR, TO-220AB SILICON CONTROLLED RECTIFIER 25 AMP, 200 THRU 800 VOLTS 25 A, 600 V, SCR, TO-220AB
|
CENTRAL[Central Semiconductor Corp] Central Semiconductor, Corp.
|
2N6509TG |
Silicon Controlled Rectifiers Reverse Blocking Thyristors SCRs 25 AMPERES RMS 50 thru 800 VOLTS 25 A, 800 V, SCR, TO-220AB
|
ON Semiconductor
|
MCR310-10-AK MCR310-2-AK MCR310-2-AF MCR310-10-BR |
10 A, 800 V, SCR, TO-220AB 10 A, 50 V, SCR, TO-220AB
|
MOTOROLA INC
|
MCR218-10-AK MCR218-10-AF |
8 A, 800 V, SCR, TO-220AB
|
MOTOROLA INC
|
CS223-4N CS223-4M |
4.0 AMP SCR 600 THRU 800 VOLTS 4 A, 800 V, SCR SMD SCR
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
MAC320-10 MAC320-4 MAC320-6 MAC320-8 MAC320A10 MAC |
TRIACs 20 AMPERES RMS 200 thru 800 VOLTS 200 V, 20 A, TRIAC, TO-220AB TRIACs 20 AMPERES RMS 200 thru 800 VOLTS 600 V, 20 A, TRIAC, TO-220AB RF/Coaxial Connector; RF Coax Type:MMCX; Impedance:50ohm; Body Style:Straight Plug; Frequency Max:6GHz; Mounting Type:Edge Card; Voltage Rating:170V RoHS Compliant: Yes 800 V, 20 A, TRIAC, TO-220AB TRIACs 20 AMPERES RMS 200 thru 800 VOLTS 800 V, 20 A, TRIAC, TO-220AB
|
Motorola Mobility Holdings, Inc. Motorola, Inc.
|
IRKHF112-02CPN IRKLF180-08HPNPBF IRKLF180-08HJNPBF |
175.84 A, 200 V, SCR 282.6 A, 800 V, SCR 314 A, 800 V, SCR 314 A, 200 V, SCR
|
Amphenol, Corp.
|
CQ220I-8 CQ220I-8D CQ220I-8M CQ220I-8N CQ220I-8B C |
Leaded Thyristor TRIAC ISOLATED TAB TRIAC 8.0 AMP 200 THRU 800 VOLTS 800 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB ISOLATED TAB TRIAC 8.0 AMP 200 THRU 800 VOLTS 600 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB TRIAC|400V V(DRM)|8A I(T)RMS|TO-220AB 400 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB ISOLATED TAB TRIAC 8.0 AMP 200 THRU 800 VOLTS 400 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB TRIAC|200V V(DRM)|8A I(T)RMS|TO-220AB 200 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB TRIAC|800V V(DRM)|8A I(T)RMS|TO-220AB 800 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB ISOLATED TAB TRIAC 8.0 AMP 200 THRU 800 VOLTS 隔震统计表可控硅8.0放大00 7860 800伏特 TRIAC|600V V(DRM)|8A I(T)RMS|TO-220AB 600 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB
|
Central Semiconductor Corp. Central Semiconductor, Corp.
|
SKT80/04C T491/08D |
125.6 A, 400 V, SCR, TO-209 769.3 A, 800 V, SCR, TO-200AB
|
SEMIKRON INTERNATIONAL
|
CS92-2M CS92-2N |
SILICON CONTROLLED RECTIFIER 2.0 AMP, 600 THRU 800 VOLTS 2 A, 800 V, SCR, TO-92
|
Central Semiconductor Corp. Central Semiconductor, Corp.
|
|