PART |
Description |
Maker |
SX52-1501 SX52-1502 SX52-1503 SX52-1521 SX52-1522 |
HIGH FREQUENCY 14 PIN DIP SINEWAVE
|
Connor-Winfield Corporation
|
SX62-1501 SX62-1502 SX62-1503 SX62-1521 SX62-1522 |
HIGH FREQUENCY 14 PIN DIP SINEWAVE
|
Connor-Winfield Corpora... Connor-Winfield Corporation
|
3-1-6WL 2-2-1D 2-2-1J 2-2-1W 2-2.5-6D 2-2.5-6J 2-2 |
Fully encapsulated Frequency range 10 kHz to 500 MHz 6 pin DIP and SMD
|
Bourns Electronic Solutions
|
PS7122AL-2B-E3 PS7122AL-1B-E4 PS7122AL-1B-E3 PS712 |
3 Phase Driver, Separate High and Low Side Inputs, Overcurrent Comparator, Latching Fault Logic, Fault Clear Input, Synchronized Shutdown Input, 200ns Deadtime in a 28-pin DIP package; A IR2233 packaged in a 28-Lead PDIP FET-OUTPUT OPTOCOUPLER High and Low Side Driver, SoftTurn-On, Noninverting Inputs, All High Voltage Pins on One Side, Separate Logic and Power Ground in a 14-pin DIP package; A IR21064 packaged in a 14-Lead SOIC High and Low Side Driver, SoftTurn-On, Noninverting Inputs, All High Voltage Pins on One Side, Separate Logic and Power Ground in a 14-pin DIP package; A IR21064 packaged in a 14-Lead PDIP Half Bridge Driver, Single Input Plus Inverting Shutdown Pin, Fixed 520ns Deadtime in a 8-pin DIP package; A IR2104 packaged in a Lead-Free 8-Lead SOIC Optical Coupled MOS FET photocoupler(MOS 场效应管输出光光隔离器) 场效应管输出光耦合 3 Phase Driver, Separate High and Low Side Inputs, Overcurrent Comparator, Latching Fault Logic, Fault Clear Input, Synchronized Shutdown Input, 200ns Deadtime in a 28-pin DIP package; A IR2235 packaged in a 28-Lead PDIP Dual Low Side Driver, Inverting Input in a 8-pin DIP package; A IR4426 packaged in a 8-Lead PDIP
|
NEC Corp. Atmel, Corp. NEC, Corp.
|
PS7122A-2A PS7122A-1A PS7122AL-1A PS7122AL-1A-E4 P |
OCMOS FET High Voltage and High Speed power MOSFET and IGBT Half Bridge Driver in a 8-pin DIP package; A IR2308 packaged in a 8-Lead SOIC Dual Low Side Driver, Inverting Input in a 8-pin DIP package; A IR4426 packaged in a 8-Lead SOIC 1200V Half Bridge Driver IC for Power Switching Applications in a 24 Lead SSOP package; A IR2214 packaged in a Lead-Free 24 Lead SSOP FET-OUTPUT OPTOCOUPLER Single High Side Driver, Current Limiting, Programmable Shutdown Error Pin in a 8-pin DIP package; A IR2125 packaged in a Lead-Free 16-Lead SOIC shipped on Tape and Reel Half Bridge Driver, Single Input Plus Inverting Shutdown Pin, Fixed 520ns Deadtime in a 8-pin DIP package; A IR2104 packaged in a Lead-Free 8-Lead PDIP OCMOS场效应管 Optical Coupled MOS FET photocoupler(MOS 场效应管输出光光隔离器) 光纤耦合场效应晶体管光电耦合器(简称MOS场效应管输出光光隔离器
|
NEC, Corp.
|
DP64 D64L4Y5-849HZ D64 D64H4B-2.50KHZ D64H4B-33.3K |
From old datasheet system TIP, 0.25MM MICRO FINE 32-Pin DIP 4 - Pole Filters 32引脚DIP 4 -极滤波器 16 Pin DIP 2-Pole Filters 16引脚DIP 2极点滤波
|
Frequency Devices ETC[ETC] List of Unclassifed Manufacturers Electronic Theatre Controls, Inc.
|
AK28D300-SSOP.8MM AK32D600-QFP7X7 AK32D300-QFP7X7 |
28 Pin to 32 Pin DIP Adapters 28引脚2引脚DIP适配 28 Pin to 32 Pin DIP Adapters 28引脚32引脚DIP适配
|
Accutek Microcircuit, Corp. Electronic Theatre Controls, Inc.
|
H11AG33SD H11AG3S H11AG3SD H11AG3300 H11AG3300W H1 |
6-Pin DIP Low Current Input Phototransistor Output Optocoupler
|
Fairchild Semiconductor
|
IR2213 |
High and Low Side Driver, Noninverting Inputs in a 14-pin DIP package
|
International Rectifier
|
48-6645-18-P |
48-Pin 0.5mm QFP-to-48-Pin 0.600" DIP Adapter 48-Pin 0.5mm QFP-to-48-Pin 0.600 DIP Adapter QFP48-DIP48, IC SOCKET
|
Aries Electronics, Inc. ARIES ELECTRONICS INC
|
AV9154A-39 AV9154A-39CS16 |
Low Cost 16-Pin Frequency Generator
|
ICST[Integrated Circuit Systems]
|