PART |
Description |
Maker |
SCD22 |
VOLTAGE 20V ~ 60V 2.0 AMP Surface Mount Schottky Barrier Rectifiers
|
SeCoS Halbleitertechnologie GmbH
|
LFM240-L |
2.0A Surface Mount Schottky Barrier Rectifiers-20V-40V
|
Formosa MS
|
SL12-L |
1.0A LOW VF SCHOTTKY BARRIER RECTIFIERS-20V-40V SMA-LS PACKAGE
|
WILLAS ELECTRONIC CORP
|
SL22-L |
2.0A LOW VF SCHOTTKY BARRIER RECTIFIERS-20V-40V SMA-LS PACKAGE
|
WILLAS ELECTRONIC CORP
|
FP3225-02-LFR FP3225-02 |
Total Output Power: 3325W (200Vdc/15Adc, 40V/8A, 20V/0.25A)
|
Frontier Electronics.
|
SL22-M |
2.0A LOW VF SCHOTTKY BARRIER RECTIFIERS-20V-40V SOD-123-L PACKAGE
|
WILLAS ELECTRONIC CORP
|
ZXTNS618MCTA |
20V NPN LOW SATURATION TRANSISTOR AND 40V, 1A SCHOTTKY DIODE COMBINATION DUAL
|
Diodes Incorporated
|
LT6221CS8PBF LT6221CS8TR LT6221CDDPBF |
Single/Dual/Quad 60MHz, 20V/µs Low Power, Rail-to-Rail Input and Output Precision Op Amp; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 1 CHANNEL, VIDEO AMPLIFIER, PDSO8
|
LINEAR TECHNOLOGY CORP
|
KI6968BEDQ |
Drain-Source Voltage Vds 20V Gate-Source Voltage Vgs -20V
|
TY Semiconductor Co., Ltd
|
ICL7663 ICL7663ACPA ICL7663ACSA ICL7663AIJA ICL766 |
High-Performance Impact<TM> PAL<R> Circuits 28-PLCC 0 to 75 Programmable Positive Voltage Regulator "Low-Power, Adjustable- Output, Positive-Voltage Linear Regulator" 5.0 AMP POSITIVE VOLTAGE REGULATOR
|
MAXIM INTEGRATED PRODUCTS INC MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
GBJ1010 GBJ10005 GBJ1001 GBJ1002 GBJ1004 GBJ1006 G |
Aluminum Polymer SMT Capacitor; Capacitance: 6.8uF; Voltage: 25V; Case Size: 6.3x6 mm; Packaging: Tape & Reel 10 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE 10 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts Aluminum Polymer SMT Capacitor; Capacitance: 82uF; Voltage: 20V; Case Size: 10x8 mm; Packaging: Tape & Reel 10 A, 100 V, SILICON, BRIDGE RECTIFIER DIODE
|
MCC[Micro Commercial Components] Micro Commercial Components, Corp.
|