PART |
Description |
Maker |
RE500.5W1MCC3P RE500.5W10MCC3P RE550.5W1MCC3P RE55 |
RE High Precision Low TCR Resistors
|
Token Electronics Indus... Token Electronics Industry Co., Ltd. http://
|
PLTT0805Z1001QGT5 PLTT0805Z1001QGT1 PLTT0805Z1001Q |
Precision Low TCR High Temperature Thin Film Resistor, Surface Mount Chip
|
Vishay Siliconix
|
VFB1012D |
Ultra High Precision Z-Foil BGA Surface Mount Voltage Divider with 0.1 ppm/°C TCR Tracking, Ultra High Precision Z-Foil BGA Surface Mount Voltage Divider with 0.1 ppm/∑C TCR Tracking,
|
Vishay Siliconix
|
Y1750120K500A Y1750120K500B Y1750120K500C Y1750120 |
Hermetically Sealed Ultra High Precision Z-Foil Technology Resistors with TCR of 【 0.2 ppm/∑C, Tolerance of 【 0.001 % and Hermetically Sealed Ultra High Precision Z-Foil Technology Resistors with TCR of ± 0.2 ppm/°C, Tolerance of ± 0.001 % and Hermetically Sealed Ultra High Precision Z-Foil Technology Resistors with TCR of 卤 0.2 ppm/掳C, Tolerance of 卤 0.001 % and Hermetically Sealed Ultra High Precision Z-Foil Technology Resistors with TCR of 隆戮 0.2 ppm/隆?C, Tolerance of 隆戮 0.001 % and
|
http:// Vishay Siliconix
|
Y107325K4540A0L Y107325K4540A9L Y107325K4540B0L Y1 |
Ultra High Precision Z-Foil Miniature Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power and Tolerance to ± 0.01 % Ultra High Precision Z-Foil Miniature Resistor with TCR of 卤 0.05 ppm/掳C, PCR of 5 ppm at Rated Power and Tolerance to 卤 0.01 % Ultra High Precision Z-Foil Miniature Resistor with TCR of 隆戮 0.05 ppm/隆?C, PCR of 5 ppm at Rated Power and Tolerance to 隆戮 0.01 % Ultra High Precision Z-Foil Miniature Resistor with TCR of 【 0.05 ppm/∑C, PCR of 5 ppm at Rated Power and Tolerance to 【 0.01 %
|
http:// Vishay Siliconix
|
VCS232Z |
Ultra High Precision Z-Foil Power Current Sensing Resistor with Absolute TCR of 【 0.05 ppm/∑C and Load Life Stability to 【 0.005%
|
VISAY[Vishay Siliconix]
|
OP97FZ OP97EP OP97EJ OP97FP OP97EZ OP97FJ OP97AJ O |
LOW POWER, HIGH PRECISION OPERATIONAL AMPLIFIER OP-AMP, 200 uV OFFSET-MAX, 0.9 MHz BAND WIDTH, MBCY8 Low Power, High Precision Operational Amplifier; Package: CERDIP GLASS SEAL; No of Pins: 8; Temperature Range: Industrial OP-AMP, 60 uV OFFSET-MAX, 0.9 MHz BAND WIDTH, CDIP8 LOW POWER / HIGH PRECISION OPERATIONAL AMPLIFIER LOW POWER HIGH PRECISION OPERATIONAL AMPLIFIER
|
Analog Devices, Inc. AD[Analog Devices]
|
POWERCURRENTSENSERESISTORS |
Z-Based Bulk Metal? Foil Technology Rapid ΔR Stabilization - Low WCR - Low TCR
|
Vishay
|
ISL2100909 ISL21009BFB812Z-TK ISL21009CFB850Z ISL2 |
High Voltage Input Precision, Low Noise FGA?Voltage References Precision, Low Noise FGAVoltage References 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 5 V, PDSO8 Precision, Low Noise FGAVoltage References 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.5 V, PDSO8 High Voltage Input Precision, Low Noise FGA Voltage References High Voltage Input Precision, Low Noise FGA™ Voltage References; Temperature Range: Full-Range Ind; Package: 8-SOIC T&R 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 1.25 V, PDSO8 High Voltage Input Precision, Low Noise FGAVoltage References
|
Intersil, Corp. Intersil Corporation
|
29W040 M29W040 M29W040-120K5TR M29W040-100K5TR M29 |
4 Mbit 512Kb x8 / Uniform Block Low Voltage Single Supply Flash Memory Excalibur Low-Noise High-Speed Precision Operational Amplifier 8-SOIC Dual Low-Noise High-Speed Precision Operational Amplifier 8-SOIC High Speed High Drive Precision Operational Amplifier 8-CDIP -55 to 125 Excalibur Low-Noise High-Speed Precision Dual Operational Amplifier 8-SOIC High Speed High Drive Precision Dual Operational Amplifier 8-CDIP -55 to 125 ; Capacitance:180pF; Capacitance Tolerance: /- 5 %; Working Voltage, DC:300V; Package/Case:1210; Series:SQ; Dielectric Material:Ceramic; Leaded Process Compatible:Yes; Mounting Type:PCB Surface Mount High Speed High Drive Precision Dual Operational Amplifier 20-LCCC -55 to 125 4兆位512KB的8,统一座低电压单电源闪 CAP RF 2.0PF 250V 0603 SMD 4兆位512KB的8,统一座低电压单电源闪 4 Mbit 512Kb x8, Uniform Block Low Voltage Single Supply Flash Memory 4兆位512KB的8,统一座低电压单电源闪 CAP RF 27PF 250V 0603 SMD 4兆位512KB的8,统一座低电压单电源闪 CAP RF 1.8PF 250V 0603 SMD 4兆位512KB的8,统一座低电压单电源闪 CAP RF 24PF 250V 0603 SMD 4兆位512KB的8,统一座低电压单电源闪 CAP RF 22PF 250V 0603 SMD 4兆位512KB的8,统一座低电压单电源闪 High Speed High Drive Precision Dual Operational Amplifier 8-SOIC CAP RF 1.0PF 250V 0603 SMD Excalibur Low-Noise High-Speed Precision Operational Amplifier 8-PDIP 0 to 70 Dual Low-Noise High-Speed Precision Operational Amplifier 8-PDIP 512K X 8 FLASH 3V PROM, 150 ns, PQCC32 512K X 8 FLASH 3V PROM, 200 ns, PDSO32 512K X 8 FLASH 3V PROM, 120 ns, PQCC32
|
意法半导 STMicroelectronics N.V.
|