PART |
Description |
Maker |
LT1464A LT1464 146465F LT1464CS8TRPBF |
Dual/Quad Micropower, 1MHz C-Load Picoampere Bias Current JFET Input Op Amps; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C DUAL OP-AMP, 1400 uV OFFSET-MAX, 0.87 MHz BAND WIDTH, PDSO8 From old datasheet system Dual Low Power 1MHz JFET Input Op Amp
|
Linear Technology, Corp.
|
MAX1951AESA |
1MHz, 2A, 2.6V to 5.5V Input, PWM DC-DC Step-Down Regulator with Enable
|
Maxim Integrated Products
|
STR-A6251 |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C Universal-Input/15 W 50 kHz Flyback Switching Regulators
|
Allegro MicroSystems, Inc. ALLEGRO[Allegro MicroSystems]
|
OM9554SP OM9551SP OM9552SP OM9553SP |
Hi-Rel Switching Regulator 5V Input / 3A Output Current 3.3V / 2.5V 1.8V / 1.5V Output Switching Regulator Three Terminal Package 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 5V Input, 3A Output Current 3.3V, 2.5V 1.8V, 1.5V Output Switching Regulator Three Terminal Package 5V Input 3A Output Current 3.3V 2.5V 1.8V 1.5V Output Switching Regulator Three Terminal Package
|
International Rectifier Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
AAT1154 AAT1154IAS-1.0-T1 AAT1154IAS-1.8-T1 AAT115 |
1MHz 3A Buck DC/DC Converter
|
Advanced Analogic Technologies, Inc. ANALOGICTECH[Advanced Analogic Technologies]
|
AAT1155IKS-1.0-T1 AAT1155IKS-2.5-T1 |
1MHz 2.5A Step-Down DC/DC Converter
|
Advanced Analog Technology,lnc.
|
AAT1155IKS-1.0-T1 AAT1155IKS-2.5-T1 AAT1155IKS-1.8 |
1MHz 2.5A Step-Down DC/DC Converter
|
ANALOGICTECH[Advanced Analogic Technologies]
|
APW7093NI-TRL APW7093QAI-TR APW7093QAI-TRL APW7093 |
3A, 1MHz, Step Down DC/DC Regulator
|
ANPEC Electronics Corporation ANPEC[Anpec Electronics Coropration]
|
AAT115407 AAT1154IAS-1.0-T1 AAT1154IAS-3.3-T1 AAT1 |
1MHz 3A Step-Down DC/DC Converter
|
Advanced Analogic Technologies
|