PART |
Description |
Maker |
MP4459 MP4459DQT |
1.5A, 4MHz, 36V Step-Down Converter
|
Monolithic Power Systems
|
LT3685 LT3685EDD-PBF LT3685EDD-RPBF LT3685EMSE-PBF |
36V, 2A, 2.4MHz Step-Down Switching Regulator 1.2A, Step-Down Switching Regulator in 3mm 】 3mm DFN
|
Linear Technology
|
LTC3416 LTC3416EFE |
4A, 4MHz, Monolithic Synchronous Step-Down Regulator with Tracking 4A, 4MHz, MonolithicSynchronous Step-DownRegulator with Tracking
|
LINER[Linear Technology]
|
MAX1970-MAX1972 MAX1970EEE MAX1971 MAX1971EEE MAX1 |
Dual, 180° Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO Fixed-Point Digital Signal Processor 532-FCBGA 0.75 A SWITCHING REGULATOR, 1600 kHz SWITCHING FREQ-MAX, PDSO16 Dual, 180Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO 双路80°异相.4MHz50mA、降压型调节器,带有POR和RSI/PFO Dual / 180 Out-of-Phase / 1.4MHz / 750mA Step- Down Regulator with POR and RSI/PFO Dual, 180??Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO
|
http:// Maxim Integrated Products, Inc.
|
MAX15021ATI MAX15021ATI/V |
Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Tracking/Sequencing Capability
|
Maxim Integrated Produc...
|
5962-9061709MNA 5962-9061705MRA 5962-9061704MRA 59 |
Power Drivers for Peltier TEC Modules 10-Bit, 45Msps, Full-Duplex, Analog Front-End Dual, 180° Out-of-Phase, 1.4MHz, 750mA Step-Down Regulator with POR and RSI/PFO 6-Channel, Multi-Range, 5V, 12-Bit DAS with 12-Bit Bus Interface and Fault Protection Smallest 1A, 1.4MHz Step-Down Regulators x4 Fast Page Mode DRAM x4快速页面模式的DRAM
|
Maxwell Technologies, Inc
|
LT3481IMSE LT3481IMSE-PBF LT3481IMSE-TR LT3481IMSE |
36V, 2A, 2.8MHz Step-Down Switching Regulator with 50楼矛A Quiescent Current 36V, 2A, 2.8MHz Step-Down Switching Regulator with 50渭A Quiescent Current 36V, 2A, 2.8MHz Step-Down Switching Regulator with 50μA Quiescent Current
|
Linear Technology
|
LT3481EDD LT3481EDD-PBF LT3481EDD-TR LT3481EDD-TRP |
36V, 2A, 2.8MHz Step-Down Switching Regulator with 50レA Quiescent Current 36V, 2A, 2.8MHz Step-Down Switching Regulator with 50楼矛A Quiescent Current
|
Linear Technology
|
LTC3417AIFE-2-PBF LTC3417AIFE-2-TRPBF LTC3417AEDHC |
Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator; Package: DFN; No of Pins: 16; Temperature Range: -40°C to 125°C Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator; Package: TSSOP; No of Pins: 20; Temperature Range: -40°C to 125°C Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator; Package: DFN; No of Pins: 16; Temperature Range: -40°C to 85°C DUAL SWITCHING CONTROLLER, 4000 kHz SWITCHING FREQ-MAX, PDSO16 Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator; Package: TSSOP; No of Pins: 20; Temperature Range: -40°C to 85°C DUAL SWITCHING CONTROLLER, 4000 kHz SWITCHING FREQ-MAX, PDSO20 Dual Synchronous 1.5A/1A 4MHz Step-Down DC/DC Regulator
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
MAX1971 MAX197009 MAX1970EEE MAX1971EEE MAX1972EEE |
Dual, 180掳 Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO Dual, 180° Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO
|
Maxim Integrated Products Maxim Integrated Produc...
|
RT8260A |
1.8A, 24V, 1.4MHz Step-Down Converter
|
Richtek Technology Corporation
|
MP2365 MP2365DN EV2365DN-00A |
3A, 28V, 1.4MHz Step-Down Converter
|
MPS[Monolithic Power Systems]
|