PART |
Description |
Maker |
AS7C33128PFS32_36B AS7C33128PFS32B AS7C33128PFS32B |
Sync SRAM - 3.3V 3.3V 128K X 32/36 pipeline burst synchronous SRAM LM4040 Precision Micropower Shunt Voltage Reference; Package: SC-70; No of Pins: 5; Qty per Container: 1000; Container: Reel LM4040 Precision Micropower Shunt Voltage Reference; Package: SOT-23; No of Pins: 3; Qty per Container: 1000; Container: Reel LM4040 Precision Micropower Shunt Voltage Reference; Package: TO-92; No of Pins: 3; Qty per Container: 1800; Container: Box 128K X 32 STANDARD SRAM, 3.5 ns, PQFP100 LM4040 Precision Micropower Shunt Voltage Reference; Package: SOT-23; No of Pins: 3; Qty per Container: 3000; Container: Reel 128K X 36 STANDARD SRAM, 3.5 ns, PQFP100
|
Alliance Semiconductor ... ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|
NJU7201 NJU7201L12 NJU7201L15 NJU7201L25 NJU7201L2 |
3.5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PBCY3 4.096-V Precision Micropower Shunt Voltage Reference, 0.1% accuracy 3-SOT-23 -40 to 85 的C - MOS 3 -端子正电压稳压器 5-V Precision Micropower Shunt Voltage Reference, 0.1% accuracy 3-SOT-23 -40 to 85 的C - MOS 3 -端子正电压稳压器 3-V Precision Micropower Shunt Voltage Reference, 0.1% accuracy 5-SC70 -40 to 85 C-MOS 3-TERMINAL POSITIVE VOLTAGE REGULATOR 1.5 V FIXED POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PBCY3
|
New Japan Radio Co., Ltd. NJRC[New Japan Radio]
|
LM4050AEM3-3.0-T LM4050AEX3-3.0-T LM4050AEM3-4.1-T |
50ppm/C Precision Micropower Shunt Voltage References with Multiple Reverse Breakdown Voltages 50ppm/∑C Precision Micropower Shunt Voltage References with Multiple Reverse Breakdown Voltages 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 2.5 V, PDSO3
|
Maxim Integrated Products, Inc.
|
FAN4050 FAN4050CIS325X FAN4050BIS325X FAN4050CIX25 |
Precision Micropower Shunt Voltage Reference
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
LM4040 LM4040AIM3-2.5 LM4040BIM3-2.5 |
Precision Micropower Shunt Voltage Reference
|
Micrel Semiconductor
|
NJM282509 |
Precision Micropower Shunt Voltage Reference
|
New Japan Radio
|
LM4040 LM4040_07 LM4040C25FTA LM4040C50FTA LM4040D |
Precision micropower shunt voltage references
|
ZETEX[Zetex Semiconductors]
|
NJM2825 NJM2825F |
Precision Micropower Shunt Voltage Reference
|
New Japan Radio
|
LM4041DFTA LM4041 LM4041CFTA |
1.225V Precision micropower shunt voltage reference
|
ZETEX[Zetex Semiconductors]
|
AD1580BRT-REEL |
20-25mA; 1.2V; micropower, precision shunt voltage reference
|
Analog Devices
|
ADR5043AKSZ-REEL ADR5045ARTZ-REEL7 ADR5045AKSZ-REE |
Precision Micropower Shunt Mode Voltage Reference Applications (3.0 Vout); Package: SC70; No of Pins: 3; Temperature Range: Industrial 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 3 V, PDSO3 Precision Micropower Shunt Mode Voltage Reference Applications (5.0 Vout); Package: SOT-23; No of Pins: 3; Temperature Range: Industrial 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 5 V, PDSO3 Precision Micropower Shunt Mode Voltage Reference Applications (5.0 Vout); Package: SC70; No of Pins: 3; Temperature Range: Industrial 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 5 V, PDSO3 Precision Micropower Shunt Mode Voltage Reference Applications (4.096 Vout); Package: SC70; No of Pins: 3; Temperature Range: Industrial 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 4.096 V, PDSO3 Precision Micropower Shunt Mode Voltage References Precision Micropower Shunt Mode Voltage Reference Applications (4.096 Vout); Package: SOT-23; No of Pins: 3; Temperature Range: Industrial Precision Micropower Shunt Mode Voltage References
|
Analog Devices, Inc. ANALOG DEVICES INC
|
LM4040B25QFTA LM4040C25QFTA LM4040D25QFTA |
AUTOMOTIVE GRADE PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
|
Diodes Incorporated
|