PART |
Description |
Maker |
LA1020T3220 LA2018T3220 LA8012T1409 LA8012T1713 LA |
Temperature Compenstated Low Noise Amplifiers Temperature Compenstated Low Noise Amplifiers
|
American Accurate Components, Inc. American Accurate Compo...
|
SUM60N04-12LT |
Temperature Sensing MOSFET,N-Channel 40-V (D-S) Temperature Sensing MOSFET, N-Channel 40-V (D-S) Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????)
|
Vishay Siliconix
|
AD7314 7314 AD7314ARM |
Complete Temperature Monitoring System in an 8-Pin SOIC Package Low-Voltage, 10-Bit Digital Temperature Sensor in 8-Lead SOIC Low-Voltage 10-Bit Digital Temperature Sensor in 8-Lead uSOIC Low-Voltage/ 10-Bit Digital Temperature Sensor in 8-Lead uSOIC Low-Voltage, 10-Bit Digital Temperature Sensor in 8-Lead uSOIC
|
AD[Analog Devices]
|
EDI88512CA17MBRP EDI88512CA17MCRP EDI88512CA17MIRP |
100MHz Differential Twisted-Pair Drivers; Temperature Range: -40°C to 85°C; Package: 24-QSOP T&R x8的SRAM 650MHz, Gain of 5, Low Noise Amplifiers; Temperature Range: -40°C to 85°C; Package: 10-MSOP T&R x8的SRAM 200MHz Low-Power Current Feedback Amplifiers; Temperature Range: -40°C to 85°C; Package: 16-QSOP T&R 650MHz, Gain of 5, Low Noise Amplifiers; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 12-Channel TFT-LCD Reference Voltage Generator with External Shutdown; Temperature Range: -40°C to 85°C; Package: 28-TSSOP T&R 200MHz Low-Power Current Feedback Amplifiers; Temperature Range: -40°C to 85°C; Package: 16-SOIC T&R 2.5MHz 4, 8, 10 & 12 Channel Rail-to-Rail Buffers; Temperature Range: -40°C to 85°C; Package: 20-TSSOP T&R 12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers; Temperature Range: -40°C to 85°C; Package: 20-TSSOP T&R x8 SRAM 100MHz Differential Twisted-Pair Drivers; Temperature Range: -40°C to 85°C; Package: 24-QSOP T&R 650MHz, Gain of 5, Low Noise Amplifiers; Temperature Range: -40°C to 85°C; Package: 10-MSOP x8SRAM
|
Moeller Electric, Corp. Atmel, Corp.
|
5962-8866207MX 5962-8979902XX 5962-8866203ZX 5962- |
x8 SRAM Transceiver Quad IMUX Ethernet Mapper RTC Module With CPU Supervisor Quad Ethernet Mapper ±0.5°C Accurate Analog-Output Temperature Sensor 32.768kHz Temperature-Compensated Crystal Oscillator Electronically Programmable Voltage Reference Low-Voltage Digital Temperature Sensor Triple NV Low Step Size Variable Resistor Plus Memory 9-Bit I<sup>2</sup>C Nonvolatile I/O Expander Plus Memory x8的SRAM Low-Voltage, ±0.5°C Accuracy Digital Thermometer and Thermostat x8的SRAM
|
Coilcraft, Inc.
|
MAX6512UT-T MAX6513UT-T MAX6512 MAX6511UT-T MAX651 |
Temperature trip threshold 55, 3.0V to 5.5V, low-cost, remote SOT temperature switch Low-Cost Remote SOT Temperature Switches Low-Cost, Remote SOT Temperature Switches Temperature trip threshold 95, 3.0V to 5.5V, low-cost, remote SOT temperature switch
|
MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX6516-BMAX6519 MAX6516-MAX6519 MAX6519UK MAX6516 |
Low-Cost / 2.7V to 5.5V / Analog Temperature Sensor Switches in a SOT23 Low-Cost, 2.7V to 5.5V, Analog Temperature Sensor Switches in a SOT23 Low-Cost. 2.7V to 5.5V. Analog Temperature Sensor Switches in a SOT23 8-Bit Shift Register 20-PDIP -40 to 125
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
PIC16LFR711-20I/SS PIC16FR71-16I/SO PIC16LFR71-16I |
Micropower, Dual and Quad, Single Supply, Precision Op Amps; Package: PDIP; No of Pins: 14; Temperature Range: -40°C to 85°C Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C Low Noise, High Speed Precision Operational Amplifiers; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Micropower DC/DC Converter Adjustable and Fixed 5V, 12V; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Precision 5 Volt Reference; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Micropower Low Dropout Regulators with Shutdown; Package: TO-220; No of Pins: 5; Temperature Range: -40°C to 85°C 5-LED Main/Sub Display Driver with Dual LDO; Package: QFN; No of Pins: 20; Temperature Range: -40°C to 125°C Fast Settling, JFET Input Operational Amplifier; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Single Supply RS232C Line Driver/Receiver(?????μ?o?RS232C ?o?????????¨???2???2??????) Advanced Low Power 5V RS232 Drivers/Receivers with Small Capacitors (Includes LT1130 thru LT1141); Package: SO; No of Pins: 20; Temperature Range: 0°C to 70°C 微控制器 Microcontroller 微控制器 Precision 5 Volt Reference; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 微控制器 Quad Protected High-Side MOSFET Driver; Package: PDIP; No of Pins: 20; Temperature Range: 0°C to 70°C 微控制器 1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V; Package: TO-220; No of Pins: 3; Temperature Range: 0°C to 70°C 微控制器 Advanced Low Power 5V RS232 Drivers/Receivers with Small Capacitors (Includes LT1130 thru LT1141); Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C 微控制器 Precision 5 Volt Reference; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 微控制器
|
外设及接 TDK, Corp. NIC Components, Corp. TE Connectivity, Ltd. Silicon Storage Technology, Inc.
|
PLRF15D PLRC9S PLRB24D PLRC48S PLRE9S PLRC5D PLRC9 |
10kHz to 150kHz Digitally Controlled Antialiasing Filter and 4-Bit P.G.A; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C Analog IC Micropower, Regulated 5V Charge Pump DC/DC Converter; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Software-Selectable Multiprotocol Transceiver with Termination; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C Active RC, 4th Order Lowpass Filter Family; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C 模拟IC Low Noise, Switched Capacitor-Regulated Voltage Inverters; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C 模拟IC Low Noise, Switched Capacitor-Regulated Voltage Inverters; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C
|
ITT, Corp. AVX, Corp.
|
424L4Y5 424 424H4B 424H4Y2 424H4Y5 424L4B 424L4L 4 |
32-Pin DIP 4-Pole Filters Resistor-Programmable SOT Temperature Switches Low-Cost, 2.7V to 5.5V Temperature Switches in a SOT23 模拟滤波 Analog Filter 模拟滤波
|
Frequency Devices List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
43860-0007 43860-0008 43860-0009 43860-0010 43860- |
Right Angle, Low Profile Inverted Shielded and Unshielded Versions with Low or High Temperature Lightpipes
|
Molex Electronics Ltd.
|
ATS20 |
LOW-VOLTAGE ULTRA-LOW-POWER TEMPERATURE SENSOR
|
Andiglog
|