PART |
Description |
Maker |
TC670ECHTR TC67003 TC670 |
The TC670 is an integrated fan speed sensor that predicts and/or detects fan failure, preventing thermal damage to systems with cooling fans. When the fan speed falls below a user specified level, the TC670 asserts an ALERT signal. With th Tiny Predictive Fan Failure Detector
|
Microchip Technology
|
DBF4010G05H DBF4010G05HS DBF4010G05L DBF4010G05LS |
DC COOLING FAN 40x40x10mm
|
Dubilier
|
DBF12038S12HA DBF12038G24LA DBF12038G24LS DBF12038 |
DC COOLING FAN 120x120x38mm
|
Dubilier
|
ECG2351 ECG2352 ECG2353 ECG2355 ECG2356 ECG2357 EC |
FAN AC 60X30 230V BALL, 11cfm FAN AC 80X38 120/230V BALL, 25cfm FAN AC 80X38 120/230V BALL, 18cfm FAN AC 80X35 115V BALL, 31cfm FAN AC 80X38 115V BALL, 23cfm FAN AC 80X38 115V BALL, 17cfm FAN AC 80X38 220V BALL, 31cfm FAN AC 60X30 115V BALL, 11cfm FAN AC 80X38 120/230V BALL, 13cfm FAN AC 254MM(10'') 230V, 700cfm FAN AC 254MM(10'') 230V, 555cfm FAN AC 254MM,10'' 230V BALL, 547cfm FAN AC 254MM(10'') 230V, 600cfm FAN AC 80X35 115V BALL, 23cfm 晶体管|晶体管|进步党| 50V五(巴西)总裁| 100mA的一(c)|2VAR FAN AC 254MM(10") 115V, 600cfm FAN AC 80X38 220V BALL, 17cfm
|
|
TC664 TC664EUN TC665 TC665EUN |
The TC665 is a single PWM mode fan speed controller with FanSense TM technology for use with brush-less DC motors. The device allows temperature proportional speed control and therefore accomplishes lower acoustic fan noise and longer fan The TC664 is a single PWM mode fan speed controller with FanSense TM technology for use with brush-less DC motors. The device allows temperature proportional speed control and therefore accomplishes lower acoustic fan noise and longer fan SMBus PWM Fan Speed Controllers With Fan Fault Detection SMBus⑩ PWM Fan Speed Controllers With Fan Fault Detection
|
MICROCHIP[Microchip Technology]
|
TC654 |
(TC654 / TC655) PWM Fan Speed Controllers With Fan Fault Detection
|
Microchip Technology
|
TC664EUN |
SMBus??PWM Fan Speed Controllers With Fan Fault Detection
|
Microchip Technology Inc.
|
TC652ACVUATR TC653ACVUATR |
Thermal Management Products- Brushless DC Fan Controllers & Fan Fault Detectors
|
Microchip
|
G280 |
Fan Guard for 280mm fan
|
ORION FANS
|
ADM1030 ADM1030ARQ |
Complete, ACPI Compliant C Remote Thermal Monitor with Integrated Fan Controller Intelligent Temperature Monitor and PWM Fan Controller
|
AD[Analog Devices]
|
ADM1031 ADM1031ARQ |
Complete, ACPI Compliant, Dual Channel C Remote Thermal Monitor with Integrated Fan Controller for two Independent Fans, Pin Compatible with the ADM1030 Intelligent Temperature Monitor and Dual PWM Fan Controller
|
AD[Analog Devices]
|