PART |
Description |
Maker |
MPSH10PSTOA FXT3866STZ UZTX415STOA UZTX415STOB ZTX |
UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR TO-92 COMPATIBLE, E-LINE PACKAGE-3 100 V, NPN, Si, SMALL SIGNAL TRANSISTOR 200 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR 500 mA, 300 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc. Zetex Semiconductor PLC ZETEX PLC DIODES INC
|
BC172TAPE-REEL BC172ATAPE-REEL 2SC3199 2SC3355 MPS |
150 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR, TO-92 2000 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
NXP Semiconductors N.V.
|
PDTC115E PDTC115EE PDTC115EEF PDTC115EK PDTC115EM |
NPN resistor-equipped transistors; R1 = 100 kohm, R2 = 100 kohm 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-236 NPN resistor-equipped transistors; R1 = 100 kW, R2 = 100 kW
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BC847C BC847B BC846B BC847A BC848B BC846A BC848C-7 |
High Speed CMOS Logic Quad D-Type Flip-Flops with 3-State Outputs 16-SOIC -55 to 125 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
|
Diodes, Inc. DIODES[Diodes Incorporated]
|
MPS6517 MPS3710 MPS6507 |
100 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 PLASTIC PACKAGE-3 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 TO-92, 3 PIN Si, NPN, RF SMALL SIGNAL TRANSISTOR, TO-92
|
Central Semiconductor, Corp. CENTRAL SEMICONDUCTOR CORP
|
2SD1304S |
Si NPN Epitaxial Planar 100 mA, 23 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-236
|
Panasonic, Corp.
|
2SC1623-L611 2SC1623-L6-TP |
NPN Silicon Epitaxial Transistors 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Micro Commercial Components Micro Commercial Compon...
|
DDTC114ECA DDTC114ECA-7 DDTC124ECA DDTC124ECA-7 DD |
STIPAX PROMO; RoHS Compliant: NA NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR 50 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR npn型预偏置信号小的SOT - 23表面贴装晶体 NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Inc. Diodes, Inc. DIODES[Diodes Incorporated]
|
2N5088TA 2N5088TAR 2N5088D81Z |
NPN General Purpose Amplifier; Package: TO-92; No of Pins: 3; Container: Ammo 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN General Purpose Amplifier; Package: TO-92; No of Pins: 3; Container: Tape & Reel 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
MPS6521 |
NPN Low Level Amplifier; Package: TO-92; No of Pins: 3; Container: Bulk 100 mA, 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
547B 548B BC546B BC547A BC546 BC548 |
NPN Silicon Amplifier Transistor 625mW 100 mA, 65 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN Silicon Amplifier Transistor 625mW 100 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 General Purpose Transistor
|
Micro Commercial Compon... Micro Commercial Components Corp. Micro Commercial Components, Corp. Korea Electronics (KEC)
|
FJN3310RTA FJN3310RBU |
NPN Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Ammo 100 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Bulk 100 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp. PHOENIX CONTACT Deutschland GmbH
|
|