PART |
Description |
Maker |
TSC-1D4815NH TSC-1S2405NH TSC-1S2412NH TSC-1D0505N |
DC/DC CONVERTERS DC/DC CONVERTERS 3KV Isolation, 0.25 to 1 Watt
|
Tumbler Technologies TRUMPower Tumbler Technologies ...
|
MOC8101-5 MOC8102 MOC8103 MOC8106-8 MOC8107 MOC810 |
NPN-OUTPUT DC-INPUT OPTOCOUPLER,1-CHANNEL,5.3KV ISOLATION,DIP 6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS (NO BASE CONNECTION)
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corp
|
MOC3061 MOC3063 MOC3060 MOC3060X MOC3061X MOC3062X |
OPTICALLY COUPLED BILATERAL SWITCH LIGHT ACTIVATED ZERO VOLTAGE CROSSING TRIAC TRIAC-OUTPUT OPTOCOUPLER,1-CHANNEL,5.3KV ISOLATION,DIP
|
Electronic Theatre Controls, Inc. Isocom ETC[ETC] List of Unclassifed Manufacturers List of Unclassifed Man...
|
P6EU-XXXXZH30 P6EU P6EU-0505ZH30 P6EU-0509ZH30 P6E |
Input voltage:12V, output voltage /-15V ( /-34mA), 3KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-9V ( /-55mA), 3KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-12V ( /-42mA), 3KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-5V ( /-100mA), 3KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-15V ( /-34mA), 3KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-9V ( /-55mA), 3KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-12V ( /-42mA), 3KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-5V ( /-100mA), 3KV isolated 1W unregulated dual output RF Coaxial Connector Adapter; Convert From:SMA Plug; Convert To:1.0/2.3 Jack; Body Style:Straight Adapter, Plug-Jack RoHS Compliant: Yes 3KV ISOLATED 1W UNREGULATED DUAL OUTPUT SIP6 千伏隔震1W的未稳压双输SIP6
|
PEAK[PEAK electronics GmbH] Electronic Theatre Controls, Inc.
|
IG120-12W IG120-15 IG136-15 IG120-24 IG100 |
High Isolation IGBT Driver DC/DC Converters
|
MicroPower Direct, LLC
|
S4AD120520 S4AD121208 S4AD121506 S4AS050922 S4AD24 |
2.00 WATT SIP DC/DC CONVERTERS 1000Vdc ISOLATION
|
Premier Magnetics, Inc.
|
S3AD120520 S3AD121208 S3AD121506 S3AS051217 S3AS12 |
2.00 WATT MINI-SIP DC/DC CONVERTERS 500Vdc ISOLATION
|
Premier Magnetics, Inc.
|
G227EI G225EI G222EI G224EI G221EI G223EI G203EI G |
High Isolation, 2W Low Cost, MiniDIP DC/DC Converters
|
MicroPower Direct, LLC
|
A503RHI A502RHI A514RHI A511RHI A512RHI A513RHI A5 |
Very High Isolation, 5W Single & Dual Output DC/DC Converters
|
MicroPower Direct, LLC
|
D111EI |
(D111EI Series) High Isolation SIP DC/DC Converters
|
MicroPower Direct
|
ML212S-05EI ML212S-12EI ML212S-15EI ML212S-24EI ML |
2W, High Isolation Ultra-Miniature SMT DC/DC Converters
|
MicroPower Direct, LLC
|