PART |
Description |
Maker |
X7AH-07A1A0 S7AH-07A1A0 V7AH-07A1A0 |
NON-ISOLATED DC/DC CONVERTERS 12 V Input 0.9 V-3.3 V/7 A Output 1-OUTPUT 23.1 W DC-DC REG PWR SUPPLY MODULE NON-ISOLATED DC/DC CONVERTERS 12 V Input 0.9 V-3.3 V/7 A Output 非隔离式DC / DC转换2 V输入0.9 V.3 7 A输出
|
Bel Fuse, Inc. BEL[Bel Fuse Inc.]
|
S7AH-07C S7AH-07C090 |
NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 0.9V - 2.5V Output / 7A 非隔离式DC / DC转换.3V输入/0.9V - 2.5V输出/ 7A NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 0.9V - 2.5V Output / 7A 1-OUTPUT 6.3 W DC-DC REG PWR SUPPLY MODULE
|
Bel Fuse, Inc.
|
VRBC-16F1AL VRBC-16F1A0 VRBC-16F1AW VRBC-16F1AX |
NON-ISOLATED DC/DC CONVERTERS 2.4 V - 5.5 V Input 0.75 V - 3.63 V/16A Output 1-OUTPUT 58.1 W DC-DC REG PWR SUPPLY MODULE NON-ISOLATED DC/DC CONVERTERS 2.4 V - 5.5 V Input 0.75 V - 3.63 V/16A Output 非隔离式DC / DC转换.4 5.5 V输入0.75 3.63 V/16A输出
|
Bel Fuse, Inc. Bel Fuse Inc.
|
TC9402 TC9400 TC9402CPD TC9400COD TC9400CPD TC9400 |
The TC9400/TC9401/TC9402 are low-cost voltage-to-frequency (V/F)converters utilizing low power CMOS technology. The converters accept a variable analog input signal and generate an output pulse train whose frequency is linearly proportiona Voltage-to-Frequency/Frequency-to-Voltage Converters
|
Microchip Technology
|
NDS02ZG-M6 NDS03ZA NDS03ZA-M6 NDS03ZB-M6 NDS03ZE-M |
NDS Series: 10W / 3.0A DC/DC Converters 36-75V Input 1.5V, 1.8V, 2.5V, 3.3V and 5.0V Outputs NDS系列功率0W / 3.0A的直直流转换6 - 75V的输入为1.5V,在1.8V.5V.3V.0V输出 NDS Series: 10W / 3.0A DC/DC Converters 36-75V Input 1.5V / 1.8V / 2.5V / 3.3V and 5.0V Outputs NDS Series: 10W / 3.0A DC/DC Converters 36-75V Input 1.5V, 1.8V, 2.5V, 3.3V and 5.0V Outputs
|
http:// POWER-ONE[Power-One]
|
TCM828 TCM828ECT TCM829 TCM829ECT TCM828ECT713 |
Switched Capacitor Voltage Converters The TCM828/829 are CMOS "charge-pump" voltage converters in ultra-small 5-Pin SOT-23A packages. They invert and/or double an input voltage which can range from 1.5V to 5.5V. Conversion efficiency is typically >95%. Switching frequency
|
http:// MICROCHIP[Microchip Technology]
|
FC150S6R5 FC050S6R59 FC150S6R59 FC050S6R5 |
POWER MODULES: DC-DC CONVERTERS; 18 TO 36 VDC INPUT, 6.5VDC OUTPUT; 50 W TO 150W Power Modules DC/DC Converters
|
ETC[ETC] Agere
|
MHE1205S MHE1205SF_ES MHE1212SF_ES MHE1215SF_ES MH |
DC/DC CONVERTERS 12 AND 28 VOLT INPUT
|
INTERPOINT[Interpoint Corporation Company]
|
HR301-2805 HR301-2812 HR301-2815 HR302-2812 HR302- |
DC/DC CONVERTERS 28 VOLT INPUT
|
Interpoint Corporation Company
|
MFLHP2805S MFLHP2815S_ES MFLHP2805D MFLHP2805D_ES |
DC/DC CONVERTERS 28 VOLT INPUT
|
INTERPOINT[Interpoint Corporation Company]
|
MQO |
DC/DC CONVERTERS 28 VOLT INPUT
|
Interpoint Corporation Company
|