PART |
Description |
Maker |
DFE18SANR47MG0-18 |
When rated current is applied to the products, inductance will be within 30% of initial inductance value range
|
Murata Manufacturing Co...
|
DFE18SANR56ME0 |
When rated current is applied to the products, inductance will be within 30% of initial inductance value range
|
Murata Manufacturing Co...
|
8230-90-RC 8230-94-RC 8230-78-RC 8230-76-RC 8230-5 |
Inductor; Series:8230; Inductance:820uH; Inductance Tolerance: /- 10 %; Q Factor:30; Self Resonant Frequency:3.8MHz; Core Material:Ferrite; Leaded Process Compatible:Yes 1 ELEMENT, 820 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Inductor; Series:8230; Inductance:100nH; Inductance Tolerance: /- 10 %; Q Factor:40; Self Resonant Frequency:690MHz; Core Material:Phenolic; Leaded Process Compatible:Yes 1 ELEMENT, 0.1 uH, PHENOLIC-CORE, GENERAL PURPOSE INDUCTOR Inductor; Series:8230; Inductance:270uH; Inductance Tolerance: /- 10 %; Q Factor:30; Self Resonant Frequency:8MHz; Core Material:Ferrite; Leaded Process Compatible:Yes 1 ELEMENT, 270 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Inductor; Series:8230; Inductance:220uH; Inductance Tolerance: /- 10 %; Q Factor:30; Self Resonant Frequency:9MHz; Core Material:Ferrite; Leaded Process Compatible:Yes 1 ELEMENT, 220 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Inductor; Series:8230; Inductance:39uH; Inductance Tolerance: /- 10 %; Q Factor:45; Self Resonant Frequency:22MHz; Core Material:Ferrite; Leaded Process Compatible:Yes 1 ELEMENT, 39 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Inductor; Series:8230; Inductance:15uH; Inductance Tolerance: /- 10 %; Q Factor:45; Self Resonant Frequency:35MHz; Core Material:Iron; Leaded Process Compatible:Yes 1 ELEMENT, 15 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Inductor; Series:8230; Inductance:18uH; Inductance Tolerance: /- 10 %; Q Factor:50; Self Resonant Frequency:32MHz; Core Material:Iron; Leaded Process Compatible:Yes 1 ELEMENT, 18 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Inductor; Series:8230; Inductance:27uH; Inductance Tolerance: /- 10 %; Q Factor:50; Self Resonant Frequency:22MHz; Core Material:Iron; Leaded Process Compatible:Yes 1 ELEMENT, 27 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Inductor; Series:8230; Inductance:2.7uH; Inductance Tolerance: /- 10 %; Q Factor:37; Self Resonant Frequency:100MHz; Core Material:Iron; Leaded Process Compatible:Yes 1 ELEMENT, 2.7 uH, IRON-CORE, GENERAL PURPOSE INDUCTOR Inductor; Series:8230; Inductance:560nH; Inductance Tolerance: /- 10 %; Q Factor:30; Self Resonant Frequency:300MHz; Core Material:Phenolic; Leaded Process Compatible:Yes 1 ELEMENT, 0.56 uH, PHENOLIC-CORE, GENERAL PURPOSE INDUCTOR Inductor; Series:8230; Inductance:6.8uH; Inductance Tolerance: /- 10 %; Q Factor:50; Self Resonant Frequency:60MHz; Core Material:Iron; Leaded Process Compatible:Yes 1 ELEMENT, 6.8 uH, IRON-CORE, GENERAL PURPOSE INDUCTOR Inductor; Series:8230; Inductance:1.5uH; Inductance Tolerance: /- 10 %; Q Factor:28; Self Resonant Frequency:140MHz; Core Material:Iron; Leaded Process Compatible:Yes Inductor; Series:8230; Inductance:4.7uH; Inductance Tolerance: /- 10 %; Q Factor:45; Self Resonant Frequency:75MHz; Core Material:Iron; Leaded Process Compatible:Yes Inductor; Series:8230; Inductance:3.3uH; Inductance Tolerance: /- 10 %; Q Factor:45; Self Resonant Frequency:90MHz; Core Material:Iron; Leaded Process Compatible:Yes
|
Bourns, Inc. BOURNS INC
|
PM3308-151M-RC |
Power Inductor; Series:PM3308; Inductance:150uH; Inductance Tolerance: /- 20 %; Terminal Type:PCB Surface Mount; Core Material:Ferrite; Current Rating:0.5A; DC Resistance Max:1.2ohm; Leaded Process Compatible:Yes
|
BOURNS INC
|
VN2210 VN2210N2 VN2210N3 |
INDUCTOR, 1812 CASE, 1000UH; Inductor type:Wirewound; Inductance:1000uH; Tolerance, inductance: /-10%; Resistance:30R; Current, DC max:70mA N-Channel Enhancement-Mode Vertical DMOS FETs
|
Supertex, Inc. SUTEX[Supertex, Inc]
|
6725-RC 6729-RC 6731 6730-RC 6731-RC 6701-RC 6707- |
Toroidal Inductor; Series:6700; Inductance:8mH; Inductance Tolerance: /- 15 %; Current Rating:1A; DC Resistance Max:3.34ohm; Leaded Process Compatible:Yes 2 ELEMENT, 8000 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:6700; Inductance:100uH; Inductance Tolerance: /- 15 %; Current Rating:2.5A; DC Resistance Max:0.08ohm; Leaded Process Compatible:Yes 2 ELEMENT, 100 uH, GENERAL PURPOSE INDUCTOR High Current Toroid Inductors (with header)
|
Bourns, Inc. Bourns Electronic Solutions
|
PM5022-2R2M-RC |
Power Inductor; Series:PM5022; Inductance:2.2uH; Inductance Tolerance: /- 20 %; Terminal Type:PCB Surface Mount; Core Material:Ferrite; Current Rating:7.1A; Leaded Process Compatible:Yes; Mounting Type:Surface Mount
|
BOURNS INC
|
PM3316-150M |
Inductor; Series:PM3316; Inductance:15uH; Inductance Tolerance: /- 20 %; Terminal Type:PCB Surface Mount; Core Material:Ferrite; Current Rating:3.1A; Leaded Process Compatible:No; Mounting Type:Surface Mount; Packaging:Tape And Reel
|
BOURNS INC
|
2109-V 2121-V |
1 ELEMENT, 47 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2100; Inductance:560uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:1.5A; DC Resistance Max:0.30ohm; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No
|
BOURNS INC
|
HR30-6R-6S HR30-6R-6PC HR30-6RA-6SD HR30-6J-10P HR |
Inductor; Inductor Type:High Frequency; Inductance:4.7nH; Inductance Tolerance: 10 %; Current Rating:500mA; Series:IFC; Package/Case:0805; Leaded Process Compatible:Yes; Mounting Type:Surface Mount; Packaging:Cut Tape RoHS Compliant: Yes 微型防水塑料连接 0.5 in Diameter, 200mA Single Deck Rotary Switch 微型防水塑料连接 Miniature Waterproof Plastic Connectors 微型防水塑料连接 Inductor; Series:IFC; Inductance:3.9nH; Inductance Tolerance: /- 10 %; Q Factor:15; Self Resonant Frequency:9GHz; Package/Case:0805; Terminal Type:PCB Surface Mount; Current Rating:500mA; Leaded Process Compatible:Yes Inductor; Inductor Type:High Frequency; Inductance:8.2nH; Inductance Tolerance: 5 %; Current Rating:500mA; Series:IFC; Package/Case:0603; Leaded Process Compatible:Yes; Mounting Type:Surface Mount RoHS Compliant: Yes
|
http:// Airborn, Inc. HIROSE ELECTRIC Co., Ltd. Hirose Electric USA, INC. HIROSE[Hirose Electric]
|
BU-65178P3 BU-65XXX BU-61588G3 BU-61588P0 BU-61588 |
TRI N PLUG F 4-28 Multipole Connector Inductor; Series:PM105SB; Inductance:330uH; Inductance Tolerance: /- 10 %; Self Resonant Frequency:4MHz; Terminal Type:PCB Surface Mount; Core Material:Ferrite; Current Rating:0.37A; DC Resistance Max:1.2ohm MINIATURE ADVANCED COMMUNICATION ENGINE (MINI-ACE) AND MINI-ACE PLUS
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC]
|
PM0805-2N2M PM0805-R39K |
SMD Inductor; Series:PM0805; Inductance:2.2nH; Inductance Tolerance: /- 20 %; Q Factor:15; Self Resonant Frequency:6GHz; Package/Case:0805; Terminal Type:PCB Surface Mount; Core Material:Ceramic; Current Rating:600mA SMD Inductor; Series:PM0805; Inductance:390nH; Inductance Tolerance: /- 10 %; Q Factor:40; Self Resonant Frequency:700MHz; Package/Case:0805; Terminal Type:PCB Surface Mount; Core Material:Ceramic; Current Rating:200mA
|
BOURNS INC
|