PART |
Description |
Maker |
RFSP5022 PRFS-P5022-EVL PRFS-P5022-009 PRFS-P5022- |
5.15-5.85 GHz U-NII Power Amplifier 5.15-5.85千兆赫的U - NII功率放大 5.15-5.85 GHz U-NII Power Amplifier 5150 MHz - 5850 MHz RF/MICROWAVE NARROW BAND MEDIUM POWER AMPLIFIER Single-band power amplifiers The RFS P5022 power amplifier is a high-performance GaAs HBT IC designed for use in a transmit applications in the 5.15-5.85 GHz ...
|
ANADIGICS, Inc. ANADIGICS[ANADIGICS, Inc] ANADIGICS[ANADIGICS Inc]
|
2SA1932 |
POWER AMPLIFIER APPLICATIONS DRIBVER STAGE AMPLIFIER APPLICATIONS TRANSISTOR SILICON PNP EPITAXIAL TYPE (PCT PROCESS) POWER AMPLIFIER AND DRIVER STAGE AMPLIFIER APPLICATIONS
|
Toshiba Semiconductor
|
STM915-16 |
890 MHz - 915 MHz RF/MICROWAVE NARROW BAND HIGH POWER AMPLIFIER RF POWER MODULE GSM MOBILE APPLICATIONS . LINEAR POWER AMPLIFIER
|
STMICROELECTRONICS ST Microelectronics
|
S-AV17 E002849 |
RF POWER AMPLIFIER MODULE(HAM, VHF 50W FM RF POWER AMPLIFIER MODULE) 射频功率放大器模块(火腿,甚高频50瓦调频射频功率放大器模块 RF POWER AMPLIFIER MODULE(HAM/ VHF 50W FM RF POWER AMPLIFIER MODULE) VHF 50W FM RF POWER AMPLIFIER MODULE HAM Application From old datasheet system
|
Toshiba, Corp. TOSHIBA[Toshiba Semiconductor]
|
TDA2614 |
6 W Hi-Fi Adio Power Amplifier(6W高保真音频功率放大器) 6.5 W, 1 CHANNEL, AUDIO AMPLIFIER, PSFM9 6 W hi-fi audio power amplifier
|
NXP Semiconductors N.V.
|
CMM3566-LC-000T PB-CMM3566-LC |
3.45 to 3.5 GHz 7.0 V, 24 dBm W-cdma Power Amplifier 3.45.5 GHz 7.0伏,24 dBm的的W - CDMA功率放大 3.45 to 3.5 GHz 7.0 V, 24 dBm W-cdma Power Amplifier 3450 MHz - 3500 MHz RF/MICROWAVE NARROW BAND MEDIUM POWER AMPLIFIER
|
Mimix Broadband, Inc. MIMIX BROADBAND INC
|
TGA2505 |
13 - 17 GHz 2.5 Watt, 25dB Power Amplifier 13000 MHz - 17000 MHz RF/MICROWAVE WIDE BAND HIGH POWER AMPLIFIER 13 17 GHz 2.5 Watt, 25dB Power Amplifier
|
TriQuint Semiconductor, Inc.
|
AWT6137M7P8 AWT6137 |
HELP Cellular Dual Mode AMPS/CDMA 3.4V/28dBm Linear Power Amplifier Module 帮助蜂窝双模的AMPS / CDMA.4V/28dBm线性功率放大器模块 The AWT6137 CDMA/AMPS Power Amplifier is a high performance CDMA2000/1XRTT amplifier designed specifically for Cellular wireless ...
|
ANADIGICS, Inc. ANADIGICS[ANADIGICS, Inc] Anadigics Inc
|
U5T12.12.5 R5T12.2.5 U28S15.45 U28S24.4 R28D15.22 |
Low power quad operational amplifiers High power 3-phase auxiliary power supply evaluation board based on L5991 and ESBT STC08DE150HV Evaluation board using 1x SD3932 for HF transmitters VIPer12A travel adaptor 3.6W output Analog IC 模拟IC RF power amplifier using 1 x PD55008 N-channel enhancement-mode lateral MOSFETs 模拟IC RF power amplifier using 1 x PD55008L 模拟IC
|
Electronic Theatre Controls, Inc. KEMET Corporation Bourns, Inc. MITSUMI ELECTRIC CO., LTD.
|
ANP1800M2-23 L735A L1300 ANP2300M12-10 |
1700 MHz - 1800 MHz RF/MICROWAVE NARROW BAND MEDIUM POWER AMPLIFIER HERMETIC SEALED, CASE S003 735 MHz - 765 MHz RF/MICROWAVE NARROW BAND LOW POWER AMPLIFIER 1215 MHz - 1365 MHz RF/MICROWAVE NARROW BAND LOW POWER AMPLIFIER 2200 MHz - 2300 MHz RF/MICROWAVE NARROW BAND LOW POWER AMPLIFIER
|
Sumida, Corp.
|