PART |
Description |
Maker |
LTC2170-14 LTC2171-14 LTM9006-14 LTM9010-14 LTC642 |
14-Bit, 65Msps/40Msps/ 25Msps Low Power Octal ADCs 14-Bit, 65Msps/40Msps/25Msps Low Power Octal ADCs
|
Linear Technology
|
LTC2170CUKG-12PBF LTC2170CUKG-12TRPBF LTC2170IUKG- |
12-Bit, 65Msps/40Msps/ 25Msps Low Power Quad ADCs
|
Linear Technology
|
LTC2172-12 |
(LTC217x-12) 65Msps/40Msps/ 25Msps Low Power Quad ADCs
|
Linear Technology
|
LTC2296CUPPBF LTC2297IUPPBF LINEARTECHNOLOGYCORP-L |
Dual 14-Bit, 25Msps Low Power 3V ADCs; Package: QFN; No of Pins: 64; Temperature Range: 0°C to 70°C DUAL 1-CH 14-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC64 Dual 14-Bit, 40Msps Low Power 3V ADCs; Package: QFN; No of Pins: 64; Temperature Range: -40°C to 85°C Dual 14-Bit, 65Msps Low Power 3V ADCs; Package: QFN; No of Pins: 64; Temperature Range: -40°C to 85°C Dual 14-Bit, 25Msps Low Power 3V ADCs; Package: QFN; No of Pins: 64; Temperature Range: -40°C to 85°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LTC2246HLXPBF LTC2246H |
14-Bit, 25Msps 125C ADC In LQFP 14-Bit, 25Msps Low Power 3V ADCs 1-CH 14-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQFP48
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
HI2325 HI2325IN |
3.3V Dual 8-Bit, 40MSPS A/D Converter with Internal Reference and Digital Clamp 3.3V位,40MSPS A / D转换内部参考和数字钳型转换 3.3V Dual 8-Bit, 40MSPS A/D Converter with Internal Reference and Digital Clamp 2-CH 8-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQFP48
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
LTC2292CUP LTC2291CUP LTC2293CUP |
Dual 12-Bit, 65/40/25Msps Low Power 3V ADCs DUAL 1-CH 12-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC64 Dual 12-Bit, 65/40/25Msps Low Power 3V ADCs 2位,65/40/25Msps低功V的模数转换器
|
Linear Technology Corporation Linear Technology, Corp.
|
MAX12553 MAX12553ETL |
14-Bit, 65Msps, 3.3V ADC
|
Maxim Integrated Products
|
MAX12553 MAX12553ETL |
14-Bit, 65Msps, 3.3V ADC
|
http://
|
LTC2236CUH LTC2236IUH |
10-Bit, 65/40/25Msps Low Noise 3V ADCs
|
Linear Technology
|
MAX1211 MAX1211ETL |
65Msps, 12-Bit, IF Sampling ADC
|
MAXIM - Dallas Semiconductor
|
MAX1211 |
40Msps / 12-Bit ADC
|
Maxim
|