PART |
Description |
Maker |
XC6368C401ML XC6368C402ML XC6368C152MR XC6367D101M |
PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers PWM控制,PWM / PFM切换升压DC / DC控制
|
TOREX SEMICONDUCTOR LTD. Torex Semiconductor, Ltd.
|
R1210N361D-TR R1210N361C-TL R1210N361D-TL R1210N36 |
PWM step-up DC/DC converter. Output voltage 2.3V. Oscillator frequency 100kHz with a frequency change-over cicuit. Taping specification TL PWM step-up DC/DC converter. Output voltage 2.3V. Oscillator frequency 100kHz with a frequency change-over cicuit. Standard taping specification TR PWM step-up DC/DC converter. Output voltage 2.3V. Oscillator frequency 100kHz without a frequency change-over cicuit. Standard taping specification TR PWM step-up DC/DC converter. Output voltage 2.3V. Oscillator frequency 180kHz without a frequency change-over cicuit. Taping specification TL PWM step-up DC/DC converter. Output voltage 2.3V. Oscillator frequency 180kHz without a frequency change-over cicuit. Standard taping specification TR PWM step-up DC/DC converter. Output voltage 2.4V. Oscillator frequency 100kHz with a frequency change-over cicuit. Taping specification TL PWM step-up DC/DC converter. Output voltage 2.4V. Oscillator frequency 100kHz with a frequency change-over cicuit. Standard taping specification TR PWM step-up DC/DC converter. Output voltage 2.4V. Oscillator frequency 100kHz without a frequency change-over cicuit. Standard taping specification TR PWM step-up DC/DC converter. Output voltage 2.4V. Oscillator frequency 180kHz without a frequency change-over cicuit. Standard taping specification TR PWM step-up DC/DC converter. Output voltage 2.5V. Oscillator frequency 100kHz with a frequency change-over cicuit. Standard taping specification TR PWM step-up DC/DC converter. Output voltage 2.5V. Oscillator frequency 100kHz without a frequency change-over cicuit. Taping specification TL PWM step-up DC/DC converter. Output voltage 2.5V. Oscillator frequency 100kHz with a frequency change-over cicuit. Taping specification TL PWM step-up DC/DC converter. Output voltage 2.4V. Oscillator frequency 180kHz without a frequency change-over cicuit. Taping specification TL PWM step-up DC/DC converter. Output voltage 2.4V. Oscillator frequency 100kHz without a frequency change-over cicuit. Taping specification TL PWM step-up DC/DC converter. Output voltage 2.3V. Oscillator frequency 100kHz without a frequency change-over cicuit. Taping specification TL PWM Step-up DC/DC Converter CAP 22PF 200V 5% NP0(C0G) DIP-2 TUBE-PAK S-MIL-PRF-39014/22 CAP 0.47UF 50V 10% X7R DIP-2 TUBE-PAK R-MIL-PRF-39014/22 SWITCHING REGULATOR, 216 kHz SWITCHING FREQ-MAX, PDSO5 SMPS Controller 开关电源控制器
|
Ricoh Co., Ltd. EPCOS AG Maxim Integrated Products, Inc. RICOH electronics devic...
|
MAX668-MAX669 MAX668EUB MAX669EUB MAX669 MAX668 |
1.8V to 28V Input, PWM Step-Up Controllers in レMAX SWITCHING CONTROLLER, 575 kHz SWITCHING FREQ-MAX, PDSO10 1.8V to 28V Input, PWM Step-Up Controllers in MAX Quadruple 2-Line To 1-Line Data Selector/Multiplexer With 3-State Outputs 20-LCCC -55 to 125 QUADRUPLE 2-INPUT POSITIVE-OR GATES 14-CDIP -55 to 125 1.8V to 28V Input, PWM Step-Up Controllers in μMAX
|
Maxim Integrated Products, Inc.
|
XC6365SERIES TOR013 |
PWM Controlled,PWM/PFM Switchable Step-down DC/DC Converters From old datasheet system
|
Torex
|
XC63651 XC6366A |
PWM Controllde, PWM/PFM Switchable Step-Down DC/DC Converers
|
Torex Semiconductor
|
XC6366D102MR XC6366A153ML XC6366A153MR XC6365A153M |
PWM Controllde, PWM/PFM Switchable Step-Down DC/DC Converers
|
TOREX[Torex Semiconductor]
|
XC6367C152ML XC6367F151ML XC6367A151MR XC6367A151M |
PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
|
http://
|
UCP-3.3/15-D48S UCP-3.3/15-D24N UCP-3.3/15-D48N UC |
5V STEP-DOWN CURRENT MODE PWM DC-DC CONVERTERS 3 A, 900 kHz, monolithic synchronous step-down regulator 2 A, 1.5 MHz PWM step-down switching regulator with synchronous rectification Synchronous rectification with enable, 0.7 A, 1.7 MHz fixed or adjustable step-down switching regulator in TSOT23-5L 型DC - DC电压转换 Synchronous rectification with inhibit, 1.5 A, 1.5 MHz fixed or adjustable, step-down switching regulator 型DC - DC电压转换
|
TE Connectivity, Ltd.
|
MPQ8612 |
High Efficiency 12A - 16A - 20A 6V Synchronous Step-down Converter
|
MPS
|