PART |
Description |
Maker |
MAX412 MAX412BCPA MAX412BCSA MAX412BEPA MAX412BESA |
Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps DUAL OP-AMP, 350 uV OFFSET-MAX, 28 MHz BAND WIDTH, PDIP8 Single/Dual/Quad / 28MHz / Low-Noise / Low-Voltage / Precision Op Amps Single/Dual/Quad 28MHz Low-Noise Low-Voltage Precision Op Amps
|
Maxim Integrated Produc... MAXIM INTEGRATED PRODUCTS INC 运算放大 Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
LT1723 LT1722 LT1724 LT1722CS5 LT1722IS5 LT1722IS8 |
Single, Dual, Quad 200MHz Low Noise Precision Op Amps Single 200MHz Low Noise Precision Op Amp Dual 200MHz Low Noise Precision Op Amp
|
LINER[Linear Technology]
|
LT1493CS LT1492 LT1492CN8 LT1492CS8 LT1493 14923F |
From old datasheet system 5MHz, 3V/s, Low Power Single Supply, Dual and Quad Precision Op Amps 5MHz, 3V/us, Low Power Single Supply, Dual and Quad Precision Op Amps
|
LINER[Linear Technology]
|
MAX412 MAX410 |
Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps
|
MAXIM - Dallas Semiconductor
|
ISL28127 ISL28127FBZ ISL28227FBZ ISL28227 |
Precision Single and Dual Low Noise Operational Amplifiers
|
Intersil Corporation
|
ISL28207FUZ ISL28407FBZ |
Precision Single, Dual and Quad Low Noise Operational Amplifiers
|
http:// Intersil Corporation
|
AD8512ARMZ AD8510ARMZ-REEL AD8510BR AD8510ARZ AD85 |
Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier (Dual); No of Pins: 8; Temperature Range: Industrial DUAL OP-AMP, 1800 uV OFFSET-MAX, 8 MHz BAND WIDTH, PDSO8 Precision, Very Low Noise, Low Input Bias Current
|
Analog Devices, Inc.
|
ISL6566CR ISL6566IR ISL6566CRZ |
Single Output LDO, 500mA, Adj. (1.3 to 6.5V), Low Noise 8-SOIC -40 to 125 Dual Low-Noise Wide-Bandwidth Precision Amplifier 8-TSSOP -40 to 85
|
Intersil Corporation
|
K4S643232C-TC/L80 K4S643232C-TC/L10 K4S643232C-TC/ |
ECONOLINE: RY & RX - Controllable Output- 1kVDC Isolation- No Heatsink Required- UL94V-0 Package Material- Toroidal Magnetics- No External Components- Fully Encapsulated- Efficiency to 70% Dual Low-Noise Precision Rail-To-Rail Operational Amplifier 14-SOIC 200万32内存12k × 32 × 4银行同步DRAM LVTTL Low Noise Precision Advanced LinCMOS(TM) Single Operational Amplifier 8-CDIP -55 to 125 200万32内存12k × 32 × 4银行同步DRAM LVTTL ECONOLINE: RY & RX - Controllable Output- 1kVDC Isolation- No Heatsink Required- UL94V-0 Package Material- Toroidal Magnetics- No External Components- Fully Encapsulated- Efficiency to 70% Replaced by TLC2201A : Advanced LinCMOS(TM) Low-Noise Precision Operational Amplifier 8-PDIP -40 to 85 Replaced by TLC2201A : Advanced LinCMOS(TM) Low-Noise Precision Operational Amplifier 8-SOIC -40 to 85 Dual Low-Noise Precision Rail-To-Rail Operational Amplifier 14-SOIC Low Noise Precision Advanced LinCMOS(TM) Single Operational Amplifier 20-LCCC -55 to 125 2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD.
|
LT1211A LT1212 |
14MHz, 7V/µs, Single Supply Dual and Quad Precision Op Amps 14MHz, 7V/刁, Single Supply Dual Precision Op Amp
|
Linear Technology
|