PART |
Description |
Maker |
MT3370BS1 MT3370/BN1 |
Wide Dynamic Range DTMF Receiver SWITCH, SPDT, CTR OFF LOCKING; Thread size:1/4 x 40UNS; Switch function type:SPDT On-Off-On; Current, contact @ contact voltage AC max:3A; Current, contact @ contact voltage DC max:8A; Material, contact:Silver; Resistance, RoHS Compliant: Yes
|
Zarlink Semiconductor Inc.
|
PV7F2Y0NSG-201 PV7F2T0NSG-201 PV7F2Y0NSG-203 PV7F2 |
Vandal and Water Resistant, TEMPERATURE: -20°C to 70°C, CONTACT RESISTANCE: 50mOHM Max. Vandal and Water Resistant, TEMPERATURE: -20掳C to 70掳C, CONTACT RESISTANCE: 50mOHM Max. Vandal and Water Resistant, TEMPERATURE: -20隆?C to 70隆?C, CONTACT RESISTANCE: 50mOHM Max.
|
http:// E-SWITCH
|
P-MUSB-A111-XX |
CONTACT RESISTANCE
|
Amphenol Corporation
|
SM5651-003-A-3-N |
ABSOLUTE, PEIZORESISTIVE PRESSURE SENSOR, 0.3Psi, 0.20-45.20mV, RECTANGULAR, THROUGH HOLE MOUNT
|
EXAR CORP
|
K100300 |
Contact Resistance : 10m-OHMS
|
E-SWITCH
|
MSC23436B-XXDS10 MSC23436B MSC23436B-XXBS10 MSC234 |
4,194,304 Word By 36-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE SWITCH, SPDT, CTR OFF; Thread size:1/4 x 40UNS; Switch function type:SPDT On-Off-On; Current, contact @ contact voltage AC max:3A; Current, contact @ contact voltage DC max:6A; Material, contact:Silver; Resistance, contact:10mR; RoHS Compliant: Yes Toggle Switch; Circuitry:SPDT; Switch Operation:On-Off-On; Contact Current Max:6A; Actuator Style:Bat; Switch Terminals:Solder Lug; Current Rating:3A; Leaded Process Compatible:Yes; Mounting Type:Panel; Features:Standard Actuator RoHS Compliant: Yes SSR AS 230V 100A 0-10V
|
OKI electronic components OKI[OKI electronic componets] OKI SEMICONDUCTOR CO., LTD.
|
SKPNABE010 SKPNAAE010 |
Long-travel with Low Contact Resistance (Surface Mount Type)
|
ALPS ELECTRIC CO.,LTD.
|
SMZG3805 SMZG3805A SMZG3805B SMZJ3805 SMZJ3805A SM |
Surface Mount Zener Diodes(琛ㄨ创???绾充????) Low Current Operation at 250?录A茂录?Low Reverse Leakage,Low Noise Zener Diode(250?录A氓路楼盲陆?莽?碌忙碌?茫??氓掳?氓??氓??忙录?莽?碌忙碌?茫??盲陆?氓?陋氓拢掳茫??茅陆?莽潞鲁盲潞?忙??莽庐隆) Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 50μA低电流操作,低反向漏,低噪声稳压二极管(250μA工作电流,小反向漏电流,低噪声,齐纳二极管) 表面贴装稳压二极 Plug-In Relay; Contacts:6PDT; Coil Voltage DC Max:12V; Contact Carry Current:120A; Coil Resistance:90ohm; Relay Terminals:Solder Lug; Relay Mounting:Plug-In; Contact Carrying Power:1.5W; Contact Rating:5A; Mounting Type:Plug In Current Sense Resistor; Series:10; Resistance:0.04ohm; Resistance Tolerance: /- 1%; Power Rating:2W; Operating Temperature Range:-55 C to 200 C; Resistor Element Material:Wirewound; Temperature Coefficient: /-50 ppm RoHS Compliant: Yes SURFACE MOUNT ZENER DIODE
|
GE Security, Inc. GE[General Semiconductor]
|
2902049 |
Temperature transducers for resistance thermometers and remote resistance-type sensors
|
PHOENIX CONTACT
|
AMC7584-5.0 AMC7584-ADJST AMC7584-XXTF AMC7584 AMC |
Plug-In Relay; Contacts:DPDT; Coil Voltage AC Max:120V; Contact Carry Current:120A; Coil Resistance:9000ohm; Relay Terminals:Solder Lug; Relay Mounting:Plug-In; Contact Carrying Power:0.45W; Contact Rating:5A; Mounting Type:Plug In A低压差稳压器 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 无电容,NMOS管,150mA的低压差稳压器的反向电流保护 OSC 5V SMT PLAS 14X9 CMOS 7A LOW DROPOUT REGULATOR
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] ADD Microtech Corp
|
IRFR3910PBF IRFR3910TR IRFR3910TRPBF IRFR3910PBF-1 |
16 A, 100 V, 0.115 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA Ultra Low On-Resistance ULTRA LOW ON RESISTANCE Ultra Low On-Resistance
|
International Rectifier
|